Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ZY56 Fiches technique(PDF) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

No de pièce ZY56
Description  SILICON POWER ZENER DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Site Internet  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

ZY56 Fiches technique(HTML) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

  ZY56 Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd ZY56 Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd ZY56 Datasheet HTML 3Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1 of 3
Web Site: www.taychipst.com
FEATURES
E-mail: sales@taychipst.com
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Mechanical Data
· 2 Watt Power Dissipation
· Zener Voltages from 11V - 200V
· Graded per International E24 Standard
· Case: Glass, DO-41
· Leads: Solderable per MIL-STD-202,
Method 208
· Polarity: Cathode Band
· Marking: Type Number
· Weight: 0.35 grams (approx.)
Maximum Ratings
Characteristic
Symbol
Value
Unit
Zener Current (see Table on Page 2)
——
Maximum Power Dissipation (Note 1)
Pd
2W
Thermal Resistance Junction to Ambient Air (Note 1)
RqJA
62.5
K/W
Operating and Storage Temperature Range
Tj,TSTG
-55 to +150
°C
Notes:
1. Valid provided that leads are kept at ambient temperature at a distance of 10mm from case.
@TA = 25°C unless otherwise specified
SILICON POWER ZENER DIODE
10.4V-188V
2W
ZY11 THRU ZY200


Numéro de pièce similaire - ZY56

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
ZY56 DIODES-ZY56 Datasheet
63Kb / 3P
   SILICON POWER ZENER DIODE
DS21406 Rev. E-3
logo
Shanghai Semitech Semic...
ZY56 SEMITECH-ZY56 Datasheet
48Kb / 2P
   Low leakage current
logo
General Semiconductor
ZY56 GE-ZY56 Datasheet
364Kb / 7P
   ZENER DIODES
logo
Diotec Semiconductor
ZY56 DIOTEC-ZY56 Datasheet
111Kb / 2P
   Silicon-Power-Z-Diodes (non-planar technology)
logo
EIC discrete Semiconduc...
ZY56 EIC-ZY56 Datasheet
43Kb / 2P
   SILICON ZENER DIODES
More results

Description similaire - ZY56

FabricantNo de pièceFiches techniqueDescription
logo
Zetex Semiconductors
BZP61 ZETEX-BZP61 Datasheet
188Kb / 4P
   Silicon Power Zener Diode
BZV61 ZETEX-BZV61 Datasheet
198Kb / 4P
   Silicon Power Zener Diode
logo
Diodes Incorporated
ZPU100 DIODES-ZPU100 Datasheet
57Kb / 2P
   SILICON POWER ZENER DIODE
DS21405 Rev.D-3
ZY11 DIODES-ZY11 Datasheet
63Kb / 3P
   SILICON POWER ZENER DIODE
DS21406 Rev. E-3
ZPY1 DIODES-ZPY1 Datasheet
62Kb / 3P
   SILICON PLANAR POWER ZENER DIODE
DS21404 Rev. D-3
logo
Pan Jit International I...
1N4736A PANJIT-1N4736A_09 Datasheet
360Kb / 5P
   SILICON ZENER DIODE
logo
New Jersey Semi-Conduct...
1N4832 NJSEMI-1N4832 Datasheet
77Kb / 1P
   SILICON ZENER DIODE
logo
Seme LAB
1N4109D2A SEME-LAB-1N4109D2A Datasheet
195Kb / 3P
   SILICON ZENER DIODE
logo
Pan Jit International I...
1N4728A-G PANJIT-1N4728A-G_10 Datasheet
304Kb / 5P
   SILICON ZENER DIODE
logo
New Jersey Semi-Conduct...
1N5930 NJSEMI-1N5930 Datasheet
67Kb / 1P
   SILICON ZENER DIODE
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com