Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPSMB22A Fiches technique(PDF) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

No de pièce TPSMB22A
Description  Surface Mount Automotive Transient Voltage Suppressors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Site Internet  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

TPSMB22A Fiches technique(HTML) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

  TPSMB22A Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd TPSMB22A Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd TPSMB22A Datasheet HTML 3Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TPSMB6.8/A THRU TPSMB43/A
1 of 3
Web Site: www.taychipst.com
FEATURES
E-mail: sales@taychipst.com
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
MECHANICAL DATA
Surface Mount Automotive Transient Voltage Suppressors
6.8V-43V 1.0mA-10mA
• Patented PAR® construction
• Available in uni-directional polarity only
• 600 W peak pulse power capability with a
10/1000 µs waveform, repetitive rate (duty cycle):
0.01 %
• Excellent clamping capability
• Very fast response time
• Low incremental surge resistance
• Meets MSL level 1, per J-STD-020C, LF max peak
of 260 °C
• Solder dip 260 °C, 40 seconds
• Component in accordance to RoHS 2002/95/EC
and WEEE 2002/96/EC
Case: DO-214AA (SMB)
Epoxy meets UL 94V-0 flammability rating
Terminals: Matte tin plated leads, solderable per
J-STD-002B and JESD22-B102D
HE3 suffix for high reliability grade (AEC Q101
qualified)
Polarity: Color band denotes cathode end
Notes:
(1) Non-repetitive current pulse, per Fig. 3 and derated above TA = 25 °C per Fig. 2
(2) Mounted on 0.2 x 0.2" (5.0 x 5.0 mm) land areas per figure
(3) Mounted on 8.3 ms single half sine-wave duty cycle = 4 pulses per minute maximum
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
VALUE
UNIT
Peak pulse power dissipation with a 10/1000 µs waveform (1)(2) (Fig. 1)
PPPM
600
W
Peak pulse current with a 10/1000 µs waveform (1) (Fig. 3)
IPPM
See next table
A
Peak forward surge current 8.3 ms single half sine-wave (2)(3)
IFSM
75
A
Instantaneous forward voltage at 50 A (3)
VF
3.5
V
Operating junction and storage temperature range
TJ, TSTG
- 65 to + 185
°C


Numéro de pièce similaire - TPSMB22A

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
TPSMB22A VISHAY-TPSMB22A Datasheet
102Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors
Revision: 10-May-07
TPSMB22A VISHAY-TPSMB22A Datasheet
104Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors High Temperature Stability and High Reliability Conditions
Revision: 21-Oct-08
TPSMB22A VISHAY-TPSMB22A Datasheet
82Kb / 5P
   Surface Mount PAR Transient Voltage Suppressors
Revision: 09-Feb-11
logo
Anova Technologies CO.,...
TPSMB22A ANOVA-TPSMB22A Datasheet
294Kb / 3P
   Surface Mount Transient Voltage Suppressors
logo
Shenzhen Luguang Electr...
TPSMB22A LUGUANG-TPSMB22A Datasheet
835Kb / 3P
   Surface Mount Transient Voltage Suppressors
More results

Description similaire - TPSMB22A

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SM8S VISHAY-SM8S Datasheet
63Kb / 3P
   Surface Mount Automotive Transient Voltage Suppressors
04-Jun-04
3KASMC10 VISHAY-3KASMC10_08 Datasheet
110Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors
Revision: 21-Oct-08
SM5A27 VISHAY-SM5A27 Datasheet
104Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors
Revision: 20-Oct-08
SM5S VISHAY-SM5S Datasheet
27Kb / 3P
   Surface Mount Automotive Transient Voltage Suppressors
06-May-02
SM6S VISHAY-SM6S Datasheet
42Kb / 3P
   Surface Mount Automotive Transient Voltage Suppressors
01-Aug-02
TPSMB43A VISHAY-TPSMB43A Datasheet
102Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors
Revision: 10-May-07
logo
Shanghai Shunye Electro...
SM5S36A SHUNYE-SM5S36A Datasheet
656Kb / 2P
   Surface Mount Automotive Transient Voltage Suppressors
SM8S10 SY-SM8S10 Datasheet
198Kb / 3P
   Surface Mount Automotive Transient Voltage Suppressors
logo
SUNMATE electronic Co.,...
SM8S10ACA SUNMATE-SM8S10ACA Datasheet
2Mb / 3P
   SURFACE MOUNT AUTOMOTIVE TRANSIENT VOLTAGE SUPPRESSORS
logo
Shanghai Shunye Electro...
SM8S43 SHUNYE-SM8S43 Datasheet
217Kb / 3P
   Surface Mount Automotive Transient Voltage Suppressors
logo
Vishay Siliconix
TPC43A VISHAY-TPC43A Datasheet
110Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors
Revision: 04-Aug-08
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com