Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMP87C408LNG Fiches technique(PDF) 3 Page - Toshiba Semiconductor

No de pièce TMP87C408LNG
Description  TLCS-870 Series
Download  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP87C408LNG Fiches technique(HTML) 3 Page - Toshiba Semiconductor

  TMP87C408LNG Datasheet HTML 1Page - Toshiba Semiconductor TMP87C408LNG Datasheet HTML 2Page - Toshiba Semiconductor TMP87C408LNG Datasheet HTML 3Page - Toshiba Semiconductor TMP87C408LNG Datasheet HTML 4Page - Toshiba Semiconductor TMP87C408LNG Datasheet HTML 5Page - Toshiba Semiconductor TMP87C408LNG Datasheet HTML 6Page - Toshiba Semiconductor TMP87C408LNG Datasheet HTML 7Page - Toshiba Semiconductor TMP87C408LNG Datasheet HTML 8Page - Toshiba Semiconductor TMP87C408LNG Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 91 page
background image
TMP87C408/808/408L/808L
II
2008-03-06
1. Part number
2. Package code and dimensions
Previous Part Number
(in Body Text)
Previous Package Code
(in Body Text)
New Part Number
New Package Code
OTP
TMP87C408M
SOP28_P_450_1.27
TMP87C408MG
SOP28-P-450-1.27B
TMP87P808MG
TMP87C408N
SDIP28_P_400_1.78
TMP87C408NG
SDIP28-P-400-1.78
TMP87P808NG
TMP87C408DM
SSOP30_P_56_0.65
TMP87C408DMG
SSOP30-P-56-0.65
TMP87C808M
SOP28_P_450_1.27
TMP87C808MG
SOP28-P-450-1.27B
TMP87P808MG
TMP87C808N
SDIP28_P_400_1.78
TMP87C808NG
SDIP28-P-400-1.78
TMP87P808NG
TMP87C408LM
SOP28_P_450_1.27
TMP87C408LMG
SOP28-P-450-1.27B
TMP87P808LMG
TMP87C408LN
SDIP28_P_400_1.78
TMP87C408LNG
SDIP28-P-400-1.78
TMP87P808LNG
TMP87C808LM
SOP28_P_450_1.27
TMP87C808LMG
SOP28-P-450-1.27B
TMP87P808LMG
TMP87C808LN
SDIP28_P_400_1.78
TMP87C808LNG
SDIP28-P-400-1.78
TMP87P808LNG
*: For the dimensions of the new package, see the attached Package Dimensions diagram.
3. Addition of notes on lead solderability
The following solderability test is conducted on the new device.
Lead solderability of Pb-free devices (with the G suffix)
Test
Test Conditions
Remark
Solderability
(1) Use of Lead (Pb)
·
solder bath temperature
= 230°C
·
dipping time
= 5 seconds
·
the number of times
= once
·
use of R-type flux
(2) Use of Lead (Pb)-Free
·
solder bath temperature
= 245°C
·
dipping time
= 5 seconds
·
the number of times
= once
·
use of R-type flux
Leads with over 95% solder coverage
till lead forming are acceptable.


Numéro de pièce similaire - TMP87C408LNG

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TMP87C408LN TOSHIBA-TMP87C408LN Datasheet
4Mb / 84P
   CMOS 8-BIT MICROCONTROLLER
More results

Description similaire - TMP87C408LNG

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TMP87PM74FG TOSHIBA-TMP87PM74FG Datasheet
908Kb / 21P
   TLCS-870 Series
TMP87PS68DFG TOSHIBA-TMP87PS68DFG Datasheet
716Kb / 20P
   TLCS-870 Series
TMP87CM23AFG TOSHIBA-TMP87CM23AFG Datasheet
5Mb / 114P
   TLCS-870 Series
TMP87PM14NG TOSHIBA-TMP87PM14NG Datasheet
794Kb / 21P
   TLCS-870 Series
TMP87PM41NG TOSHIBA-TMP87PM41NG Datasheet
770Kb / 22P
   TLCS-870 Series
TMP87CH21CFG TOSHIBA-TMP87CH21CFG Datasheet
5Mb / 118P
   TLCS-870 Series
TMP87CH48DFG TOSHIBA-TMP87CH48DFG Datasheet
7Mb / 142P
   TLCS-870 Series
TMP87P808NG TOSHIBA-TMP87P808NG Datasheet
1Mb / 26P
   TLCS-870 Series
TMP87PH40ANG TOSHIBA-TMP87PH40ANG Datasheet
952Kb / 24P
   TLCS-870 Series
TMP87PH47UG TOSHIBA-TMP87PH47UG Datasheet
1Mb / 29P
   TLCS-870 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com