Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TCR4S17DWBG Fiches technique(PDF) 10 Page - Toshiba Semiconductor

No de pièce TCR4S17DWBG
Description  200 mA CMOS Low-Dropout Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TCR4S17DWBG Fiches technique(HTML) 10 Page - Toshiba Semiconductor

Back Button TCR4S17DWBG Datasheet HTML 6Page - Toshiba Semiconductor TCR4S17DWBG Datasheet HTML 7Page - Toshiba Semiconductor TCR4S17DWBG Datasheet HTML 8Page - Toshiba Semiconductor TCR4S17DWBG Datasheet HTML 9Page - Toshiba Semiconductor TCR4S17DWBG Datasheet HTML 10Page - Toshiba Semiconductor TCR4S17DWBG Datasheet HTML 11Page - Toshiba Semiconductor TCR4S17DWBG Datasheet HTML 12Page - Toshiba Semiconductor TCR4S17DWBG Datasheet HTML 13Page - Toshiba Semiconductor TCR4S17DWBG Datasheet HTML 14Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
TCR4S12DWBG~TCR4S36DWBG
2010-07-30
10
6) Quiescent current vs. Ambient temperature
7) Overcurrent Protection Characteristics
TCR4S30DWBG
TCR4S15DWBG
TCR4S15DWBG
TCR4S18DWBG
Ambient temperature Ta (°C)
−50
−25
0
25
100
75
50
0
100
200
VIN = 2.5 V, CIN = 0.1 μF,
COUT = 1μF,
50 mA
0 mA
IOUT = 150 mA
Ambient temperature Ta (°C)
−50
−25
0
25
100
75
50
0
100
200
VIN = 2.8 V, CIN = 0.1 μF,
COUT = 1μF,
50 mA
0 mA
IOUT = 150 mA
Ambient temperature Ta (°C)
−50
−25
0
25
100
75
50
0
100
200
VIN = 4 V, CIN = 0.1 μF,
COUT = 1μF,
IOUT = 150 mA
50 mA
0 mA
TCR4S18DWBG
Pulse width
= 1 ms
0
2.0
2.5
0
100
400
600
VIN = 6.0 V
200
300
500
Output current IOUT (mA)
1.5
1.0
0.5
VIN = 2.8 V
VIN = 3.8 V
Pulse width
= 1 ms
0
2.0
2.5
0
100
400
600
VIN = 2.5 V
200
300
500
1.5
1.0
0.5
VIN = 4.5 V
VIN = 6.0 V
Output current IOUT (mA)


Numéro de pièce similaire - TCR4S17DWBG

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TCR4DG TOSHIBA-TCR4DG Datasheet
406Kb / 11P
   420 mA CMOS Low Drop-Out Regulator with inrush current protection circuit
2017-05-12
TCR4DG10 TOSHIBA-TCR4DG10 Datasheet
406Kb / 11P
   420 mA CMOS Low Drop-Out Regulator with inrush current protection circuit
2017-05-12
TCR4DG105 TOSHIBA-TCR4DG105 Datasheet
406Kb / 11P
   420 mA CMOS Low Drop-Out Regulator with inrush current protection circuit
2017-05-12
TCR4DG11 TOSHIBA-TCR4DG11 Datasheet
406Kb / 11P
   420 mA CMOS Low Drop-Out Regulator with inrush current protection circuit
2017-05-12
TCR4DG115 TOSHIBA-TCR4DG115 Datasheet
406Kb / 11P
   420 mA CMOS Low Drop-Out Regulator with inrush current protection circuit
2017-05-12
More results

Description similaire - TCR4S17DWBG

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TCR5SB12 TOSHIBA-TCR5SB12 Datasheet
179Kb / 7P
   200 mA CMOS Low-Dropout Regulator (Point Regulator)
TCR6DA1528 TOSHIBA-TCR6DA1528 Datasheet
309Kb / 17P
   200 mA Dual Outputs CMOS Low-Dropout Regulator
logo
Analog Devices
ADP3303 AD-ADP3303_15 Datasheet
271Kb / 16P
   200 mA Low Dropout Linear Regulator
REV. C
logo
Texas Instruments
TPS799L TI1-TPS799L Datasheet
603Kb / 14P
[Old version datasheet]   200-mA, Low-Dropout Linear Regulator
logo
Analog Devices
ADP3303A AD-ADP3303A_15 Datasheet
139Kb / 8P
   200 mA Low Dropout Linear Regulator
REV. A
logo
Texas Instruments
UCC386 TI-UCC386 Datasheet
116Kb / 8P
[Old version datasheet]   LOW-DROPOUT 200-mA LINEAR REGULATOR
logo
ON Semiconductor
NCP146 ONSEMI-NCP146 Datasheet
73Kb / 6P
   300 mA CMOS Low Dropout Regulator
January, 2016 ??Rev. P0
NCP114 ONSEMI-NCP114 Datasheet
799Kb / 8P
   300 mA CMOS Low Dropout Regulator
March, 2015 ??Rev. 0
NCP115 ONSEMI-NCP115 Datasheet
961Kb / 17P
   300 mA CMOS Low Dropout Regulator
April, 2018 ??Rev. 2
NCP103 ONSEMI-NCP103 Datasheet
677Kb / 15P
   150 mA CMOS Low Dropout Regulator
May, 2015 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com