Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TCR5SB27U Fiches technique(PDF) 10 Page - Toshiba Semiconductor

No de pièce TCR5SB27U
Description  200-mA CMOS Low-Dropout Regulators (Point Regulators)
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TCR5SB27U Fiches technique(HTML) 10 Page - Toshiba Semiconductor

Back Button TCR5SB27U Datasheet HTML 6Page - Toshiba Semiconductor TCR5SB27U Datasheet HTML 7Page - Toshiba Semiconductor TCR5SB27U Datasheet HTML 8Page - Toshiba Semiconductor TCR5SB27U Datasheet HTML 9Page - Toshiba Semiconductor TCR5SB27U Datasheet HTML 10Page - Toshiba Semiconductor TCR5SB27U Datasheet HTML 11Page - Toshiba Semiconductor TCR5SB27U Datasheet HTML 12Page - Toshiba Semiconductor TCR5SB27U Datasheet HTML 13Page - Toshiba Semiconductor TCR5SB27U Datasheet HTML 14Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
TCR5SB15U~TCR5SB50U
2011-10-31
10
4) Dropout Voltage vs. Output Current
5) Quiessrnt Current vs. InputVoltage
TCR5SB30U
400
CIN = 0.1 μF, COUT = 1 μF,
0
100
200
300
0
40
100
200
Output current
IOUT (mA)
80
180
120 140 160
60
20
25°C
-40°C
Ta
= 85°C
TCR5SB50U
CIN = 0.1 μF, COUT = 1 μF,
0
100
200
300
400
0
40
100
200
Output current
IOUT (mA)
80
180
120 140 160
60
20
25°C
-40°C
Ta
= 85°C
TCR5SB50U
CIN = 0.1 μF, COUT = 1 μF
200
400
0
1
4
6
IOUT = 150 mA
2
3
5
Input voltage VIN (V)
0
0 mA
50 mA
100
500
300
TCR5SB15U
CIN = 0.1 μF, COUT = 1 μF
60
120
0
1
4
6
IOUT = 150 mA
2
3
5
Input voltage VIN (V)
0
0 mA
50 mA
20
40
80
100
TCR5SB18U
CIN = 0.1 μF, COUT = 1 μF
60
120
0
1
4
6
IOUT = 150 mA
2
3
5
Input voltage VIN (V)
0
0 mA
50 mA
20
40
80
100
TCR5SB30U
CIN = 0.1 μF, COUT = 1 μF
100
250
0
1
4
6
IOUT = 150 mA
2
3
5
Input voltage VIN (V)
0
0 mA
50 mA
50
150
200


Numéro de pièce similaire - TCR5SB27U

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TCR5SB27 TOSHIBA-TCR5SB27 Datasheet
285Kb / 17P
   200mA CMOS Low-Dropout Regulator (Point Regulator)
TCR5SB27A TOSHIBA-TCR5SB27A Datasheet
262Kb / 17P
   150 mA CMOS Low-Dropout Regulator (Point Regulator)
More results

Description similaire - TCR5SB27U

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN2504 FAIRCHILD-FAN2504 Datasheet
252Kb / 10P
   200 mA CMOS LDO Regulators
FAN2504 FAIRCHILD-FAN2504_10 Datasheet
263Kb / 10P
   200 mA CMOS LDO Regulators
FAN2514 FAIRCHILD-FAN2514_10 Datasheet
263Kb / 10P
   200 mA CMOS LDO Regulators
logo
Toshiba Semiconductor
TAR5S15 TOSHIBA-TAR5S15_07 Datasheet
381Kb / 23P
   Point Regulators (Low-Dropout Regulator)
TAR5SB15 TOSHIBA-TAR5SB15 Datasheet
395Kb / 23P
   Point Regulators (Low-Dropout Regulator)
2014-03-01
TAR5S15 TOSHIBA-TAR5S15 Datasheet
625Kb / 22P
   Point Regulators (Low-Dropout Regulator)
TAR5S15U TOSHIBA-TAR5S15U Datasheet
619Kb / 23P
   Point Regulators (Low-Dropout Regulator)
TCR5SB12 TOSHIBA-TCR5SB12 Datasheet
179Kb / 7P
   200 mA CMOS Low-Dropout Regulator (Point Regulator)
logo
FOSLINK SEMICONDUCTOR C...
FSP2114 FOSLINK-FSP2114 Datasheet
334Kb / 8P
   CMOS LOW DROPOUT REGULATORS
logo
Texas Instruments
LP38691-ADJ TI1-LP38691-ADJ_16 Datasheet
1Mb / 27P
[Old version datasheet]   500-mA Low-Dropout CMOS Linear Regulators Stable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com