Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC75S101FU Fiches technique(PDF) 1 Page - Toshiba Semiconductor

No de pièce TC75S101FU
Description  Single Operational Amplifier (Input and Output Full Range)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC75S101FU Fiches technique(HTML) 1 Page - Toshiba Semiconductor

  TC75S101FU Datasheet HTML 1Page - Toshiba Semiconductor TC75S101FU Datasheet HTML 2Page - Toshiba Semiconductor TC75S101FU Datasheet HTML 3Page - Toshiba Semiconductor TC75S101FU Datasheet HTML 4Page - Toshiba Semiconductor TC75S101FU Datasheet HTML 5Page - Toshiba Semiconductor TC75S101FU Datasheet HTML 6Page - Toshiba Semiconductor TC75S101FU Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TC75S101F/FU/FE
2011-04-22
1
TOSHIBA CMOS Linear Integrated Circuit Silicon Monolithic
TC75S101F,TC75S101FU,TC75S101FE
Single Operational Amplifier (Input and Output Full Range)
Features
 Input and Output Full Range
 Low-input offset voltage
: VIO = 3.0 mV (max.)
 Low-input bias current
: II = 0.1 pA (typ.)
 Built-in phase-compensated op-amp, obviating the need for any
external device
 Ultra-small package
Absolute Maximum Ratings (Ta = 25°C)
Product device does not use these for open-loop configuration.
Using continuously under heavy loads (e.g. the application of high
temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the
reliability significantly even if the operating conditions (i.e. operating
temperature/current/voltage, etc.) are within the absolute maximum ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook (“Handling
Precautions”/”Derating Concept and Methods”) and individual reliability data (i.e. reliability test report and estimated
failure rate, etc)
Operating Conditions
TC75S101F
TC75S101FU
TC75S101FE
Weight
SSOP5-P-0.95 : 14 mg (typ.)
SSOP5-P-0.65A : 6.2 mg (typ.)
SON5-P-0.50
: 3.0 mg (typ.)
Characteristics
Symbol
Rating
Unit
Supply voltage
VDD, VSS
6
V
Differential input voltage
DVIN
±6
V
Input voltage
VIN
VDD to VSS
V
TC75S101F/FU
200
Power dissipation
TC75S101FE
PD
100
mW
Operating temperature
Topr
-40 to 85
°C
Storage temperature
Tstg
-55 to 125
°C
Characteristics
Symbol
Rating
Unit
1.5 to 5.5
Supply voltage
VDD, VSS
±0.75 to 2.75
V
(SMV)
(USV)
(ESV)
SON5-P-0.50
SSOP5-P-0.95
SSOP5-P-0.65A


Numéro de pièce similaire - TC75S101FU

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC75S102F TOSHIBA-TC75S102F Datasheet
275Kb / 7P
   Single Operational Amplifier Ultra-Low supply current
TC75S103F TOSHIBA-TC75S103F Datasheet
368Kb / 8P
   Single Operational Amplifier Low supply current
More results

Description similaire - TC75S101FU

FabricantNo de pièceFiches techniqueDescription
logo
New Japan Radio
NJM2732 NJRC-NJM2732 Datasheet
340Kb / 9P
   Full-Swing Input and Output type Dual Operational Amplifier
NJM2734 NJRC-NJM2734 Datasheet
432Kb / 12P
   Full-Swing Input and Output type Quad Operational Amplifier
NJM2730 NJRC-NJM2730 Datasheet
245Kb / 9P
   Low Supply Voltage Single Operational Amplifier with Full Swing Input and Output
NJU7042 NJRC-NJU7042 Datasheet
59Kb / 2P
   INPUT/OUTPUT FULL-SWING TINY SINGLE C-MOS OPERATIONAL AMPLIFIER
NJU7040 NJRC-NJU7040 Datasheet
100Kb / 5P
   Input/Output Full-Swing High Output Current Single C-MOS Operational Amplifier
logo
Rohm
BD5291G-TL ROHM-BD5291G-TL Datasheet
1Mb / 29P
   Input/Output Full Swing Low Input Offset Voltage Operational Amplifier
logo
New Japan Radio
NJM2741 NJRC-NJM2741 Datasheet
98Kb / 2P
   Single Supply Single Operational Amplifier with Full Swing Output
logo
Rohm
BD12730G ROHM-BD12730G Datasheet
409Kb / 21P
   Low Current Consumption Input/Output Full Swing Operational Amplifier
BD12730G ROHM-BD12730G_16 Datasheet
1Mb / 54P
   Low Supply Current Input/Output Full Swing Operational Amplifier
logo
SG Micro Corp
SGM8048 SGMICRO-SGM8048 Datasheet
338Kb / 10P
   Input/Output Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com