Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FAN256 Fiches technique(PDF) 3 Page - Fairchild Semiconductor

No de pièce FAN256
Description  FAN256 ??Dual Low Voltage Comparator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN256 Fiches technique(HTML) 3 Page - Fairchild Semiconductor

  FAN256 Datasheet HTML 1Page - Fairchild Semiconductor FAN256 Datasheet HTML 2Page - Fairchild Semiconductor FAN256 Datasheet HTML 3Page - Fairchild Semiconductor FAN256 Datasheet HTML 4Page - Fairchild Semiconductor FAN256 Datasheet HTML 5Page - Fairchild Semiconductor FAN256 Datasheet HTML 6Page - Fairchild Semiconductor FAN256 Datasheet HTML 7Page - Fairchild Semiconductor FAN256 Datasheet HTML 8Page - Fairchild Semiconductor FAN256 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN256 • Rev. 1.0.0
3
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability.
The absolute maximum ratings are stress ratings only.
Symbol
Parameter
Condition
Min.
Max.
Unit
VDD to VSS
Supply Voltage
-3.0
+3.0
V
0
6.0
DVIN
Differential Input Voltage
±6
VIN
Input Voltage
VSS to VDD
V
ts
Output Short Circuit Duration
(1)
Indefinite
S
TJ
Junction Temperature
+150
°C
TSTG
Storage Temperature Range
-65
+150
°C
PD
Power Dissipation
226
mW
JA
Thermal Resistance
287
°C/W
ESD
IEC 61000-4-2 System ESD
Air Gap
15
kV
Contact
8
JEDEC JESD22-A114, Human Body
Model
All Pins
8
Pin to Pin: IN(-), IN(+)
to VDD or VSS
12
JEDEC JESD22-C101, Charged
Device Model
All Pins
2
Note:
1.
The maximum total power dissipation must not be exceeded.
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not
recommend exceeding them or designing to Absolute Maximum Ratings.
Symbol
Parameter
Condition
Min.
Max.
Unit
VDD to VSS
Power Supply
-2.75
+2.75
V
0
5.5
VDD
Power Supply
VSS=0V
1.6
5.5
V
VIN
Input Voltage
VSS to VDD
V
IOH/IOL
Output Sink/Source Current
VDD=5.0V
5
mA
VDD=3.0V
3
VDD=1.6V
1
TA
Operating Temperature, Free Air
-40
+85
°C


Numéro de pièce similaire - FAN256

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
FAN256 ONSEMI-FAN256 Datasheet
267Kb / 9P
   Dual Low Voltage Comparator
November-2017, Rev. 2
logo
Fairchild Semiconductor
FAN2560 FAIRCHILD-FAN2560 Datasheet
795Kb / 12P
   350mA Low-VIN LDO with Fast Transient Response
FAN2560 FAIRCHILD-FAN2560 Datasheet
641Kb / 11P
   350mA Low-VIN LDO with Fast Transient Response
FAN2560UC13X FAIRCHILD-FAN2560UC13X Datasheet
795Kb / 12P
   350mA Low-VIN LDO with Fast Transient Response
FAN2560UC13X FAIRCHILD-FAN2560UC13X Datasheet
641Kb / 11P
   350mA Low-VIN LDO with Fast Transient Response
More results

Description similaire - FAN256

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
FAN256 ONSEMI-FAN256 Datasheet
267Kb / 9P
   Dual Low Voltage Comparator
November-2017, Rev. 2
logo
STMicroelectronics
LM2903YDT STMICROELECTRONICS-LM2903YDT Datasheet
796Kb / 18P
   Low-power dual voltage comparator
logo
Agamem Microelectronic ...
AA393 AGAMEM-AA393 Datasheet
253Kb / 5P
   Low power dual voltage comparator
logo
STMicroelectronics
LM2903B STMICROELECTRONICS-LM2903B Datasheet
963Kb / 20P
   Low-power dual voltage comparator
Rev 2 - December 2022
logo
New Japan Radio
NJM393C NJRC-NJM393C Datasheet
441Kb / 7P
   Low power dual voltage comparator
ver.10
logo
STMicroelectronics
LM2903H STMICROELECTRONICS-LM2903H_12 Datasheet
320Kb / 10P
   Low-power dual voltage comparator
LM2903WH STMICROELECTRONICS-LM2903WH Datasheet
599Kb / 14P
   Low-power, dual-voltage comparator
LM2903WYDT STMICROELECTRONICS-LM2903WYDT Datasheet
835Kb / 15P
   Low-power, dual-voltage comparator
November 2012 Rev 2
logo
NXP Semiconductors
AU2903 PHILIPS-AU2903 Datasheet
99Kb / 5P
   Low power dual voltage comparator
August 31, 1994
logo
STMicroelectronics
LM2903W STMICROELECTRONICS-LM2903W Datasheet
666Kb / 13P
   Low-power dual voltage comparator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com