Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

Y-CONC-IE62S-CU6P-XXXX-F Fiches technique(PDF) 27 Page - YAMAHA CORPORATION

No de pièce Y-CONC-IE62S-CU6P-XXXX-F
Description  IP67/68/69K Protected Components
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  YAMAHA [YAMAHA CORPORATION]
Site Internet  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

Y-CONC-IE62S-CU6P-XXXX-F Fiches technique(HTML) 27 Page - YAMAHA CORPORATION

Back Button Y-CONC-IE62S-CU6P-XXXX-F Datasheet HTML 23Page - YAMAHA CORPORATION Y-CONC-IE62S-CU6P-XXXX-F Datasheet HTML 24Page - YAMAHA CORPORATION Y-CONC-IE62S-CU6P-XXXX-F Datasheet HTML 25Page - YAMAHA CORPORATION Y-CONC-IE62S-CU6P-XXXX-F Datasheet HTML 26Page - YAMAHA CORPORATION Y-CONC-IE62S-CU6P-XXXX-F Datasheet HTML 27Page - YAMAHA CORPORATION Y-CONC-IE62S-CU6P-XXXX-F Datasheet HTML 28Page - YAMAHA CORPORATION Y-CONC-IE62S-CU6P-XXXX-F Datasheet HTML 29Page - YAMAHA CORPORATION Y-CONC-IE62S-CU6P-XXXX-F Datasheet HTML 30Page - YAMAHA CORPORATION Y-CONC-IE62S-CU6P-XXXX-F Datasheet HTML 31Page - YAMAHA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 42 page
background image
SPECIFICATIONS ARE FOR REFERENCE ONLY AND SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE – DIMENSIONS IN MILLIMETER
26
Description:
IP67/68/69K EMI RJ45
Field kit for self-assembly
IP67/68/69K EMV RJ45 Konfektionierungs-Kit zur Selbstmontage
Description:
IP67/68/69K RJ45
field kit for self-assembly
IP67/68/69K RJ45 Konfektionierungs-Kit zur Selbstmontage
Part Number
Cover
Terminator Cap
Plug
Signal Contacts
Power Contacts
Y-ConKit-20
Y-ConCover-10
Y-ConAS-23
Y-ConPlug-11
4 (Ethernet)
0
Y-ConKit-20-B
Y-ConCover-10-B
Y-ConAS-23-B
Y-ConPlug-11
4 (Ethernet)
0
Y-ConKit-21
Y-ConCover-10
Y-ConAS-23
Y-ConPlug-21
4 (Ethernet)
2
Y-ConKit-21-B
Y-ConCover-10-B
Y-ConAS-23-B
Y-ConPlug-21
4 (Ethernet)
2
Y-ConKit-21-B-LT
Y-ConCover-10-B-LT
Y-ConAS-23-B
Y-ConPlug-21
4 (Ethernet)
2
Y-ConKit-23
Y-ConCover-10
Y-ConAS-23
Y-ConPlug-31
6
2
Y-ConKit-24
Y-ConCover-10
Y-ConAS-23
Y-ConPlug-41
8
0
Y-ConKit-24-B
Y-ConCover-10-B
Y-ConAS-23-B
Y-ConPlug-41
8
0
Y-ConKit-24-B-LT
Y-ConCover-10-B-LT
Y-ConAS-23-B
Y-ConPlug-41
8
0
Y-ConKit-26
Y-ConCover-10
Y-ConAS-23
Y-ConPlug-51
8
2
Part Number
Cover
Terminator Cap
Plug
Signal Contacts
Power Contacts
Y-ConKit-21-E
Y-ConCover-10-E
Y-ConAS-23
Y-ConPlug-21
4 (Ethernet)
2
Y-ConKit-21-B-E
Y-ConCover-10-B-E
Y-ConAS-23-B
Y-ConPlug-21
4 (Ethernet)
2
Series
See table below
Series
See table below
Series
See table below
Y-ConKit
-
2*
Y-ConKit
- 3*
Y-ConKit
-
2*
Part Number (Details)
Part Number (Details)
Part Number (Details)
Y-ConCover-10-E
Y-ConCover-10-B-E (black)
Y-ConAS-22
Y-ConAS-22
IP67 / 68 / 69K Field Kits
IP67 / 68 / 69K Field Kits (EMI)
IP67 / 68 / 69K Flange Field Kits
Description:
IP67/68/69K RJ45
Flange field kit for
self-assembly
IP67 RJ45 Flansch Konfektionierungs-Kit zur Selbstmontage
Part Number
Flange
Protection Cap
Y-ConKit-30
Y-ConFlange-10
Y-ConAS-24
Y-ConKit-30-B
Y-ConFlange-10-B
Y-ConAS-24
Y-ConAS-24
Y-ConFlange-10
Y-ConFlange-10-B (black)
Y-Con Stopper
Y-Con Stopper
Y-ConAS-23
Y-ConAS-23-B (black)
Y-ConAS-23
Y-ConAS-23-B (black)
Y-ConPlug-**
Y-ConPlug-**
Y-ConCover-10
Y-ConCover-10-B (black)
Insert
Insert


Numéro de pièce similaire - Y-CONC-IE62S-CU6P-XXXX-F

FabricantNo de pièceFiches techniqueDescription
logo
Yamaichi Electronics Co...
Y-CONC-IE62S-CU6P-2000-E YAMAICHI-Y-CONC-IE62S-CU6P-2000-E Datasheet
2Mb / 42P
   IP67/68/69K Protected Components
Y-CONC-IE62S-CU6P-2000-F YAMAICHI-Y-CONC-IE62S-CU6P-2000-F Datasheet
2Mb / 42P
   IP67/68/69K Protected Components
More results

Description similaire - Y-CONC-IE62S-CU6P-XXXX-F

FabricantNo de pièceFiches techniqueDescription
logo
Yamaichi Electronics Co...
Y-CONCOVER-10-X-X YAMAICHI-Y-CONCOVER-10-X-X Datasheet
2Mb / 42P
   IP67/68/69K Protected Components
Y-CONSWITCH-1UP7 YAMAICHI-Y-CONSWITCH-1UP7 Datasheet
277Kb / 1P
   IP67 Protected 10BaseT / 100Base-TX Ethernet Switch
logo
List of Unclassifed Man...
JR25WCCA-12 ETC2-JR25WCCA-12 Datasheet
549Kb / 8P
   IP67 waterproof protected heavy duty metal shell connectors
logo
PHOENIX CONTACT
1261657 PHOENIX-1261657 Datasheet
205Kb / 6P
   Monitor - FPM 17.3 69K
Dec 2, 2022
1261660 PHOENIX-1261660 Datasheet
200Kb / 5P
   Monitor - FPM 15.6 69K
Dec 2, 2022
1261659 PHOENIX-1261659 Datasheet
203Kb / 6P
   Monitor - FPM 23.8 69K
Dec 2, 2022
1261662 PHOENIX-1261662 Datasheet
206Kb / 6P
   Monitor - FPM 23.8 69K SP
Dec 2, 2022
1261656 PHOENIX-1261656 Datasheet
205Kb / 6P
   Monitor - FPM 17.3 69K SP
Dec 2, 2022
1261658 PHOENIX-1261658 Datasheet
200Kb / 5P
   Monitor - FPM 15.6 69K SP
Dec 2, 2022
1262469 PHOENIX-1262469 Datasheet
211Kb / 7P
   Panel PC - PPC 17.3 AIO 69K
Dec 2, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com