Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1SS416CT Fiches technique(PDF) 1 Page - Toshiba Semiconductor

No de pièce 1SS416CT
Description  High Speed Switching Application
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

1SS416CT Fiches technique(HTML) 1 Page - Toshiba Semiconductor

  1SS416CT Datasheet HTML 1Page - Toshiba Semiconductor 1SS416CT Datasheet HTML 2Page - Toshiba Semiconductor 1SS416CT Datasheet HTML 3Page - Toshiba Semiconductor 1SS416CT Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1SS416CT
2009-01-08
1
TOSHIBA Diode Silicon Epitaxial Schottky Barrier Type
1SS416CT
High Speed Switching Application
Small package
Low forward voltage: VF = 0.23 V (typ.) @IF = 5 mA
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Maximum (peak) reverse Voltage
VRM
35
V
Reverse voltage
VR
30
V
Maximum (peak) forward current
IFM
200
mA
Average forward current
IO
100
mA
Surge current (10ms)
IFSM
1
A
Power dissipation
P *
100
mW
Junction temperature
Tj
125
°C
Storage temperature range
Tstg
−55 to 125
°C
Operating temperature range
Topr
−40 to 100
°C
*:
Mounted on a glass epoxy circuit board of 20 mm × 20 mm,
pad dimension of 4 mm × 4 mm.
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
VF (1)
IF = 1 mA
0.18
VF (2)
IF = 5 mA
0.23
Forward voltage
VF (3)
IF = 100 mA
0.38
0.50
V
IR(1)
VR = 10 V
20
Reverse current
IR(2)
VR = 30 V
50
μA
Total capacitance
CT
VR = 0 V, f = 1 MHz
15
pF
JEDEC
JEITA
TOSHIBA
1-1P1A
Weight: 0.7 mg (typ.)
Unit: mm
CST2
0.38
+0.02
-0.03
0.6±0.05
0.5±0.03
0.05±0.03


Numéro de pièce similaire - 1SS416CT

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
1SS416 TOSHIBA-1SS416 Datasheet
133Kb / 3P
   High Speed Switching Application
More results

Description similaire - 1SS416CT

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
1SS392 TOSHIBA-1SS392_07 Datasheet
200Kb / 3P
   High Speed Switching Application
1SS388TPH3F TOSHIBA-1SS388TPH3F Datasheet
228Kb / 3P
   High Speed Switching Application
HN2S03FU TOSHIBA-HN2S03FU Datasheet
186Kb / 3P
   High Speed Switching Application
1SS417 TOSHIBA-1SS417_04 Datasheet
139Kb / 3P
   High Speed Switching Application
logo
Guangdong Kexin Industr...
1SS367 KEXIN-1SS367 Datasheet
32Kb / 1P
   HIGH SPEED SWITCHING APPLICATION
logo
DONGGUAN YOU FENG WEI E...
1SS389 YFWDIODE-1SS389 Datasheet
317Kb / 2P
   HIGH SPEED SWITCHING APPLICATION
logo
SHIKUES Electronics
1SS388 SKTECHNOLGY-1SS388 Datasheet
562Kb / 2P
   High Speed Switching Application
logo
Shanghai Leiditech Elec...
BAS21S LEIDITECH-BAS21S Datasheet
486Kb / 3P
   High speed switching application
logo
Fairchild Semiconductor
KSC2333 FAIRCHILD-KSC2333 Datasheet
56Kb / 5P
   High Speed Switching Application
logo
Guangdong Kexin Industr...
1SS395 KEXIN-1SS395 Datasheet
43Kb / 1P
   HIGH SPEED SWITCHING APPLICATION
logo
Toshiba Semiconductor
1SS416 TOSHIBA-1SS416 Datasheet
133Kb / 3P
   High Speed Switching Application
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com