Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

LC0402FC36C Datasheet(Fiches technique) 5 Page - Protek Devices

Numéro de pièce LC0402FC36C
Description  200W LOW CAPACITANCE FLIP CHIP TVS ARRAY
Télécharger  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  PROTEC [Protek Devices]
Site Internet  http://www.protekdevices.com
Logo PROTEC - Protek Devices

LC0402FC36C Datasheet(HTML) 5 Page - Protek Devices

  LC0402FC36C Datenblatt HTML 1Page - Protek Devices LC0402FC36C Datenblatt HTML 2Page - Protek Devices LC0402FC36C Datenblatt HTML 3Page - Protek Devices LC0402FC36C Datenblatt HTML 4Page - Protek Devices LC0402FC36C Datasheet HTML 5Page - Protek Devices LC0402FC36C Datenblatt HTML 6Page - Protek Devices LC0402FC36C Datenblatt HTML 7Page - Protek Devices LC0402FC36C Datenblatt HTML 8Page - Protek Devices LC0402FC36C Datenblatt HTML 9Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05139.R10 912
Page 5
LC0402FC3.3C - LC0402FC36C
sPICE MODEL
FIGuRE 1
sPICE MODEL FOR
I/O
GND
ABD
ABD
TABLE 1 - sPICE PARAMETERs
PARAMETER
uNIT
ABD(Tvs)
BV
V
See Table 2
IBV
µA
1
C
jo
pF
See Table 2
I
S
A
See Table 2
Vj
V
0.6
M
-
0.33
N
-
1
R
S
-
See Table 2
TT
s
1E-8
EG
eV
1.11
TABLE 2 - ABD sPECIFIC sPICE PARAMETERs
PART NuMBER
B
v(vOLTs)
C
jo(pF)
I
s (AMPs)
R
s(OhMs)
LC0402FC3.3C
4.0
70
1E-11
0.20
LC0402FC05C
6.0
35
1E-11
0.16
LC0402FC08C
8.5
32
1E-13
0.33
LC0402FC12C
13.3
30
1E-13
0.51
LC0402FC15C
16.7
25
1E-13
0.53
LC0402FC24C
26.7
20
1E-13
0.63
LC0402FC36C
40.2
18
1E-13
0.73
ABD - Avalanche Breakdown Diode (TVS)


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn