Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

LC0402FC3.3C Datasheet(Fiches technique) 2 Page - Protek Devices

Numéro de pièce LC0402FC3.3C
Description  200W LOW CAPACITANCE FLIP CHIP TVS ARRAY
Télécharger  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  PROTEC [Protek Devices]
Site Internet  http://www.protekdevices.com
Logo PROTEC - Protek Devices

LC0402FC3.3C Datasheet(HTML) 2 Page - Protek Devices

  LC0402FC3.3C_12 Datenblatt HTML 1Page - Protek Devices LC0402FC3.3C_12 Datasheet HTML 2Page - Protek Devices LC0402FC3.3C_12 Datenblatt HTML 3Page - Protek Devices LC0402FC3.3C_12 Datenblatt HTML 4Page - Protek Devices LC0402FC3.3C_12 Datenblatt HTML 5Page - Protek Devices LC0402FC3.3C_12 Datenblatt HTML 6Page - Protek Devices LC0402FC3.3C_12 Datenblatt HTML 7Page - Protek Devices LC0402FC3.3C_12 Datenblatt HTML 8Page - Protek Devices LC0402FC3.3C_12 Datenblatt HTML 9Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05139.R10 912
Page 2
LC0402FC3.3C - LC0402FC36C
TyPICAL DEvICE ChARACTERIsTICs
MAXIMuM RATINGs @ 25°C unless Otherwise specified
PARAMETER
syMBOL
vALuE
uNITs
Peak Pulse Power (tp = 8/20µs) - See Figure 1
P
PP
200
Watts
Operating Temperature
T
A
-55 to 150
°C
Storage Temperature
T
STG
-55 to 150
°C
ELECTRICAL ChARACTERIsTICs PER LINE @ 25°C unless Otherwise specified
PART
NuMBER
(Note 1)
RATED
sTAND-OFF
vOLTAGE
v
WM
vOLTs
MINIMuM
BREAKDOWN
vOLTAGE
@ 1mA
v
(BR)
vOLTs
MAXIMuM
CLAMPING
vOLTAGE
(Fig. 2)
@ I
P = 1A
v
C
vOLTs
MAXIMuM
CLAMPING
vOLTAGE
(Fig. 2)
@ 8/20µs
v
C @ IPP
MAXIMuM
LEAKAGE
CuRRENT
(Note 2)
@v
WM
I
D
µA
TyPICAL
CAPACITANCE
@0v, 1Mhz
C
pF
LC0402FC3.3C
3.3
4.0
7.0
12.5V @ 16A
75*
70
LC0402FC05C
5.9
6.0
11.0
13.0V @ 15A
10**
35
LC0402FC08C
8.0
8.5
13.2
18.0V @ 11A
1
32
LC0402FC12C
12.0
13.3
19.8
26.9V @ 7.4A
1
30
LC0402FC15C
15.0
16.7
25.4
34.5V @ 5.8A
1
25
LC0402FC24C
24.0
26.7
37.2
50.6V @ 4A
1
20
LC0402FC36C
36.0
40.0
70.0
80.0V @ 2.5A
1
18
NOTEs
1. All devices are bidirectional. Electrical characteristics apply in both directions.
2. *Maximum leakage current < 5µA @ 2.8V. **Maximum leakage current < 500nA @ 3.3V.


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn