Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC74VHCV541FK Fiches technique(PDF) 1 Page - Toshiba Semiconductor

No de pièce TC74VHCV541FK
Description  Octal Schmitt Bus Buffer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VHCV541FK Fiches technique(HTML) 1 Page - Toshiba Semiconductor

  TC74VHCV541FK Datasheet HTML 1Page - Toshiba Semiconductor TC74VHCV541FK Datasheet HTML 2Page - Toshiba Semiconductor TC74VHCV541FK Datasheet HTML 3Page - Toshiba Semiconductor TC74VHCV541FK Datasheet HTML 4Page - Toshiba Semiconductor TC74VHCV541FK Datasheet HTML 5Page - Toshiba Semiconductor TC74VHCV541FK Datasheet HTML 6Page - Toshiba Semiconductor TC74VHCV541FK Datasheet HTML 7Page - Toshiba Semiconductor TC74VHCV541FK Datasheet HTML 8Page - Toshiba Semiconductor TC74VHCV541FK Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TC74VHCV540,541FT/FK
2010-07-09
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74VHCV540FT,TC74VHCV540FK
TC74VHCV541FT,TC74VHCV541FK
Octal Schmitt Bus Buffer
TC74VHCV540FT/FK
Inverted, 3-State Outputs
TC74VHCV541FT/FK
Non-Inverted, 3-State
Outputs
The TC74VHC540 and 541 are advanced high speed CMOS
OCTAL BUS BUFFERs fabricated with silicon gate CMOS
technology.
They achieve the high speed operation similar to equivalent
Bipolar Schottky TTL while maintaining the CMOS low power
dissipation.
The TC74VHCV540 is an inverting type, and the TC74VHCV541
is a non-inverting type.
When either
1
G
or
2
G
are high, the terminal outputs are in
the high-impedance state.
Input pin have hysteresis between the positive-going and
negative-going thresholds. Thus the TC74VHCV540 and 541 are
capable of squaring up transitions of slowly changing input
signals and provides an improved noise immunity.
Input protection and output circuit ensure that 0 to 5.5 V can be
applied to the input and output (Note) pins without regard to the
supply voltage. These structure prevents device destruction due
to mismatched supply and input/output voltages such as battery
back up, hot board insertion, etc.
Note:
Output in off-state
Features
• High speed: tpd = 4.1 ns (typ.) at VCC = 5 V
• Low power dissipation: ICC = 2 μA (max) at Ta = 25°C
• Wide operating voltage range: VCC (opr) = 1.8 V to 5.5 V
• Ouput current: |IOH|/IOL = 16 mA (min) (VCC = 4.5 V)
• Available in TSSOP and VSSOP (US)
• Power-down protection provided on all inputs and outputs
• Pin and function compatible with the 74 series
(74AC/VHC/HC/F/ALS/LS etc.) 540/541 type
TC74VHCV540FT, TC74VHCV541FT
TC74VHCV540FK, TC74VHCV541FK
Weight
TSSOP20-P-0044-0.65A
: 0.08 g ( typ.)
VSSOP20-P-0030-0.50
: 0.03 g ( typ.)


Numéro de pièce similaire - TC74VHCV541FK

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC74VHCV573FK TOSHIBA-TC74VHCV573FK Datasheet
201Kb / 10P
   Octal Schmitt D-Type Latch with 3-State Output
TC74VHCV573FT TOSHIBA-TC74VHCV573FT Datasheet
201Kb / 10P
   Octal Schmitt D-Type Latch with 3-State Output
TC74VHCV574FK TOSHIBA-TC74VHCV574FK Datasheet
202Kb / 10P
   Octal Schmitt D-Type Flip Flop with 3-State Output
TC74VHCV574FT TOSHIBA-TC74VHCV574FT Datasheet
202Kb / 10P
   Octal Schmitt D-Type Flip Flop with 3-State Output
More results

Description similaire - TC74VHCV541FK

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC74VHCV240FK TOSHIBA-TC74VHCV240FK Datasheet
199Kb / 9P
   Octal Schmitt Bus Buffer
TC74HC7240AP TOSHIBA-TC74HC7240AP Datasheet
215Kb / 5P
   OCTAL BUS BUFFER (WITH SCHMITT TRIGGER INPUTS)
TC74HC7240AP TOSHIBA-TC74HC7240AP_07 Datasheet
260Kb / 7P
   Octal Bus Buffer (with schmitt trigger inputs)
TC74VHCV245FT TOSHIBA-TC74VHCV245FT Datasheet
197Kb / 9P
   Octal Schmitt Bus Transceiver
TC74VHCT240AF TOSHIBA-TC74VHCT240AF_07 Datasheet
221Kb / 9P
   Octal Bus Buffer
logo
ON Semiconductor
MC74VHC244 ONSEMI-MC74VHC244_11 Datasheet
145Kb / 8P
   Octal Bus Buffer
May, 2011 ??Rev. 8
MC74VHC244 ONSEMI-MC74VHC244 Datasheet
217Kb / 8P
   Octal Bus Buffer
March, 2006 -- Rev. 7
MC74VHCT540A ONSEMI-MC74VHCT540A_06 Datasheet
164Kb / 7P
   Octal Bus Buffer
March, 2006 ??Rev. 4
MC74VHCT541A ONSEMI-MC74VHCT541A_06 Datasheet
104Kb / 6P
   Octal Bus Buffer
January, 2006 ??Rev. 4
logo
Motorola, Inc
MC74VHC244 MOTOROLA-MC74VHC244 Datasheet
165Kb / 6P
   Octal Bus Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com