Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC74VHCT04AFT Fiches technique(PDF) 1 Page - Toshiba Semiconductor

No de pièce TC74VHCT04AFT
Description  Hex Inverter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VHCT04AFT Fiches technique(HTML) 1 Page - Toshiba Semiconductor

  TC74VHCT04AFT_12 Datasheet HTML 1Page - Toshiba Semiconductor TC74VHCT04AFT_12 Datasheet HTML 2Page - Toshiba Semiconductor TC74VHCT04AFT_12 Datasheet HTML 3Page - Toshiba Semiconductor TC74VHCT04AFT_12 Datasheet HTML 4Page - Toshiba Semiconductor TC74VHCT04AFT_12 Datasheet HTML 5Page - Toshiba Semiconductor TC74VHCT04AFT_12 Datasheet HTML 6Page - Toshiba Semiconductor TC74VHCT04AFT_12 Datasheet HTML 7Page - Toshiba Semiconductor TC74VHCT04AFT_12 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TC74VHCT04AF/AFT/AFK
2012-02-29
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74VHCT04AF,TC74VHCT04AFT,TC74VHCT04AFK
Hex Inverter
The TC74VHCT04A is an advanced high speed CMOS
INVERTER fabricated with silicon gate C2MOS technology.
It achieves the high speed operation similar to equivalent
Bipolar Schottky TTL while maintaining the CMOS low power
dissipation.
The input voltage are compatible with TTL output voltage.
This device may be used as a level converter for interfacing 3.3
V to 5 V system.
Input protection and output circuit ensure that 0 to 5.5 V can
be applied to the input and output (Note) pins without regard to the
supply voltage. These structure prevents device destruction due
to mismatched supply and input/output voltages such as battery
back up, hot board insertion, etc.
Note:
VCC = 0 V
Features
• High speed: tpd = 4.7 ns (typ.) at VCC = 5 V
• Low power dissipation: ICC = 2 μA (max) at Ta = 25°C
• Compatible with TTL inputs: VIL = 0.8 V (max)
VIH = 2.0 V (min)
• Power down protection is provided on all inputs and outputs.
• Balanced propagation delays: tpLH ≈ tpHL
• Low noise: VOLP = 1.0 V (max)
• Pin and function compatible with the 74 series
(74AC/HC/F/ALS/LS etc.) 04 type.
Weight
SOP14-P-300-1.27A:
0.18 g (typ.)
TSSOP14-P-0044-0.65A: 0.06 g (typ.)
VSSOP14-P-0030-0.50:
0.02 g (typ.)
TC74VHCT04AF
TC74VHCT04AFT
TC74VHCT04AFK


Numéro de pièce similaire - TC74VHCT04AFT_12

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC74VHCT04AFT TOSHIBA-TC74VHCT04AFT Datasheet
235Kb / 6P
   HEX INVERTER
TC74VHCT04AFT TOSHIBA-TC74VHCT04AFT Datasheet
251Kb / 9P
   Hex Inverter
More results

Description similaire - TC74VHCT04AFT_12

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74LVC04A PHILIPS-74LVC04A Datasheet
87Kb / 10P
   Hex inverter
1997 Jun 30
logo
Texas Instruments
74AC11004 TI-74AC11004 Datasheet
75Kb / 5P
[Old version datasheet]   HEX INVERTER
REVISED APRIL 1996
logo
Fairchild Semiconductor
74AC04 FAIRCHILD-74AC04 Datasheet
104Kb / 8P
   Hex Inverter
74VHCT04A FAIRCHILD-74VHCT04A Datasheet
128Kb / 8P
   Hex Inverter
MM74HC04 FAIRCHILD-MM74HC04 Datasheet
77Kb / 6P
   Hex Inverter
MM74HCU04 FAIRCHILD-MM74HCU04 Datasheet
81Kb / 6P
   Hex Inverter
logo
NXP Semiconductors
74HC04 PHILIPS-74HC04 Datasheet
33Kb / 5P
   Hex inverter
2003 Jul 23
logo
STMicroelectronics
HCC4069UB STMICROELECTRONICS-HCC4069UB Datasheet
283Kb / 12P
   HEX INVERTER
logo
Motorola, Inc
74LS04 MOTOROLA-74LS04 Datasheet
34Kb / 2P
   HEX INVERTER
logo
NXP Semiconductors
74ALS04B PHILIPS-74ALS04B Datasheet
100Kb / 8P
   Hex inverter
1991 Feb 08
logo
STMicroelectronics
74AC04 STMICROELECTRONICS-74AC04_01 Datasheet
176Kb / 8P
   HEX INVERTER
More results


Html Pages

1 2 3 4 5 6 7 8