Moteur de recherche de fiches techniques de composants électroniques |
|
TC74VHC123AFT Fiches technique(PDF) 3 Page - Toshiba Semiconductor |
|
TC74VHC123AFT Fiches technique(HTML) 3 Page - Toshiba Semiconductor |
3 / 14 page TC74VHC123,221AF/AFT/AFK 2012-02-29 3 Block Diagram (Note 1) (Note 2) Note 1: CX, RX, DX are external Capacitor, resistor, and diode, respectively. Note 2: External clamping diode, DX; The external capacitor is charged to VCC level in the wait state, i.e. when no trigger is applied. If the supply voltage is turned off, CX is discharges mainly through the internal (parasitic) diode. If CX is sufficiently large and VCC drops rapidly, there will be some possibility of damaging the IC through in rush current or latch-up. If the capacitance of the supply voltage filter is large enough and VCC drops slowly, the in rush current is automatically limited and damage to the IC is avoided. The maximum value of forward current through the parasitic diode is ±20 mA. In the case of a large CX, the limit of fall time of the supply voltage is determined as follows: tf ≥ (VCC − 0.7) CX/20 mA (tf is the time between the supply voltage turn off and the supply voltage reaching 0.4 VCC.) In the even a system does not satisfy the above condition, an external clamping diode (DX) is needed to protect the IC from rush current. CX 1 2 13 4 14 15 DX VCC RX CX RX/CX 3 CLR A B Q Q CX 9 10 5 12 67 DX VCC RX CX RX/CX 11 CLR A B Q Q |
Numéro de pièce similaire - TC74VHC123AFT_12 |
|
Description similaire - TC74VHC123AFT_12 |