Moteur de recherche de fiches techniques de composants électroniques |
|
TC74VHC10F Fiches technique(PDF) 1 Page - Toshiba Semiconductor |
|
TC74VHC10F Fiches technique(HTML) 1 Page - Toshiba Semiconductor |
1 / 7 page TC74VHC10F/FT 2012-02-29 1 TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic TC74VHC10F,TC74VHC10FT Triple 3-Input NAND Gate The TC74VHC10 is an advanced high speed CMOS 3-INPUT NAND GATE fabricated with silicon gate C2MOS technology. It achieves the high speed operation similar to equivalent Bipolar Schottky TTL while maintaining the CMOS low power dissipation. The internal circuit is composed of 3 stages including buffer output, which provide high noise immunity and stable output. An input protection circuit ensures that 0 to 5.5 V can be applied to the input pins without regard to the supply voltage. This device can be used to interface 5 V to 3 V systems and two supply systems such as battery back up. This circuit prevents device destruction due to mismatched supply and input voltages. Features • High speed: tpd = 3.9 ns (typ.) at VCC = 5 V • Low power dissipation: ICC = 2 μA (max) at Ta = 25°C • High noise immunity: VNIH = VNIL = 28% VCC (min) • Power down protection is provided on all inputs. • Balanced propagation delays: tpLH ∼− tpHL • Wide operating voltage range: VCC (opr) = 2 to 5.5 V • Pin and function compatible with 74ALS10 TC74VHC10F TC74VHC10FT Weight SOP14-P-300-1.27A : 0.18 g (typ.) TSSOP14-P-0044-0.65A : 0.06 g (typ.) |
Numéro de pièce similaire - TC74VHC10F_12 |
|
Description similaire - TC74VHC10F_12 |