Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC74LVX32F Fiches technique(PDF) 1 Page - Toshiba Semiconductor

No de pièce TC74LVX32F
Description  Quad 2-Input OR Gate
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74LVX32F Fiches technique(HTML) 1 Page - Toshiba Semiconductor

  TC74LVX32F_12 Datasheet HTML 1Page - Toshiba Semiconductor TC74LVX32F_12 Datasheet HTML 2Page - Toshiba Semiconductor TC74LVX32F_12 Datasheet HTML 3Page - Toshiba Semiconductor TC74LVX32F_12 Datasheet HTML 4Page - Toshiba Semiconductor TC74LVX32F_12 Datasheet HTML 5Page - Toshiba Semiconductor TC74LVX32F_12 Datasheet HTML 6Page - Toshiba Semiconductor TC74LVX32F_12 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TC74LVX32F/FT
2012-02-29
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74LVX32F,TC74LVX32FT
Quad 2-Input OR Gate
The TC74LVX32F/ FT is a high-speed CMOS 2-input OR gate
fabricated with silicon gate CMOS technology. Designed for use
in 3-V systems, it achieves high-speed operation while
maintaining the CMOS low power dissipation.
This device is suitable for low-voltage and battery operated
systems.
The internal circuit is composed of 4 stages including buffer
output, which provide high noise immunity and stable output.
An input protection circuit ensures that 0 to 5.5V can be
applied to the input pins without regard to the supply voltage.
This device can be used to interface 5V to 3V systems and two
supply systems such as battery back up. This circuit prevents
device destruction due to mismatched supply and input voltages.
Features
• High-speed: tpd = 4.4 ns (typ.) (VCC = 3.3 V)
• Low power dissipation: ICC = 2 μA (max) (Ta = 25°C)
• Input voltage level: VIL = 0.8 V (max) (VCC = 3 V)
VIH = 2.0 V (min) (VCC = 3 V)
• Power-down protection provided on all inputs
• Balanced propagation delays: tpLH ∼− tpHL
• Low noise: VOLP = 0.5 V (max)
• Pin and function compatible with 74HC32
TC74LVX32F
TC74LVX32FT
Weight
SOP14-P-300-1.27A
: 0.18 g (typ.)
TSSOP14-P-0044-0.65A
: 0.06 g (typ.)


Numéro de pièce similaire - TC74LVX32F_12

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC74LVX32FN TOSHIBA-TC74LVX32FN Datasheet
236Kb / 7P
   QUAD 2-INPUT OR GATE
TC74LVX32FN TOSHIBA-TC74LVX32FN Datasheet
233Kb / 8P
   Quad 2-Input OR Gate
TC74LVX32FT TOSHIBA-TC74LVX32FT Datasheet
236Kb / 7P
   QUAD 2-INPUT OR GATE
TC74LVX32FT TOSHIBA-TC74LVX32FT Datasheet
233Kb / 8P
   Quad 2-Input OR Gate
TC74LVX32F TOSHIBA-TC74LVX32F_07 Datasheet
233Kb / 8P
   Quad 2-Input OR Gate
More results

Description similaire - TC74LVX32F_12

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC4071BP TOSHIBA-TC4071BP Datasheet
181Kb / 5P
   QUAD 2 INPUT OR GATE
logo
Intersil Corporation
CD54AC32 INTERSIL-CD54AC32 Datasheet
14Kb / 1P
   Quad 2-Input OR Gate
June 1997
logo
National Semiconductor ...
54F32 NSC-54F32 Datasheet
128Kb / 6P
   Quad 2-Input OR Gate
logo
Motorola, Inc
SN54LS32 MOTOROLA-SN54LS32 Datasheet
121Kb / 4P
   QUAD 2-INPUT OR GATE
logo
ON Semiconductor
MC74HC32A ONSEMI-MC74HC32A Datasheet
129Kb / 8P
   Quad 2-Input OR Gate
March, 2000 ??Rev. 7
logo
NXP Semiconductors
74ALS32 PHILIPS-74ALS32 Datasheet
97Kb / 8P
   Quad 2-Input OR gate
1991 Feb 08
logo
ON Semiconductor
MC74AC32 ONSEMI-MC74AC32 Datasheet
138Kb / 9P
   QUAD 2-INPUT OR GATE
October, 2006 ??Rev. 7
logo
Integral Corp.
IN74VHCT32 INTEGRAL-IN74VHCT32 Datasheet
253Kb / 6P
   Quad 2-Input OR Gate
logo
STMicroelectronics
74AC32 STMICROELECTRONICS-74AC32 Datasheet
70Kb / 8P
   QUAD 2-INPUT OR GATE
74LVQ32 STMICROELECTRONICS-74LVQ32 Datasheet
56Kb / 8P
   QUAD 2-INPUT OR GATE
February 1999
logo
System Logic Semiconduc...
SL74HC32 SLS-SL74HC32 Datasheet
35Kb / 4P
   Quad 2-Input OR Gate
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com