Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC74LCX574FK Fiches technique(PDF) 1 Page - Toshiba Semiconductor

No de pièce TC74LCX574FK
Description  Low-Voltage Octal D-Type Flip-Flop with 5-V Tolerant Inputs and Outputs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74LCX574FK Fiches technique(HTML) 1 Page - Toshiba Semiconductor

  TC74LCX574FK_10 Datasheet HTML 1Page - Toshiba Semiconductor TC74LCX574FK_10 Datasheet HTML 2Page - Toshiba Semiconductor TC74LCX574FK_10 Datasheet HTML 3Page - Toshiba Semiconductor TC74LCX574FK_10 Datasheet HTML 4Page - Toshiba Semiconductor TC74LCX574FK_10 Datasheet HTML 5Page - Toshiba Semiconductor TC74LCX574FK_10 Datasheet HTML 6Page - Toshiba Semiconductor TC74LCX574FK_10 Datasheet HTML 7Page - Toshiba Semiconductor TC74LCX574FK_10 Datasheet HTML 8Page - Toshiba Semiconductor TC74LCX574FK_10 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
TC74LCX574F/FT/FK
2010-01-31
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74LCX574F,TC74LCX574FT,TC74LCX574FK
Low-Voltage Octal D-Type Flip-Flop with 5-V Tolerant Inputs and Outputs
The TC74LCX574 is a high-performance CMOS octal D-type
flip-flop. Designed for use in 3.3-V systems, it achieves
high-speed operation while maintaining the CMOS low power
dissipation.
The device is designed for low-voltage (3.3 V) VCC applications,
but it could be used to interface to 5 V supply environment for
both inputs and outputs.
This 8-bit D-type flip-flop is controlled by a clock input (CK)
and an output enable input ( OE ). When the OE input is high,
the eight outputs are in a high-impedance state.
All inputs are equipped with protection circuits against static
discharge.
Features
• Low-voltage operation: VCC = 1.65 to 3.6 V
• High-speed operation: tpd = 8.5 ns (max) (VCC = 3.0 to 3.6 V)
• Output current: |IOH|/IOL = 24 mA (min) (VCC = 3.0 V)
• Latch-up performance: >±500 mA
• Available in JEITA SOP, TSSOP and VSSOP (US)
• Power-down protection provided on all inputs and outputs
• Pin and function compatible with the 74 series
(74AC/VHC/HC/F/ALS/LS etc.) 574 type
Weight
SOP20-P-300-1.27A
: 0.22 g (typ.)
TSSOP20-P-0044-0.65A
: 0.08 g (typ.)
VSSOP20-P-0030-0.50
: 0.03 g (typ.)
Note: The Electrical Characteristics of VCC=1.8±0.15V is only applicable for products which manufactured
from January 2009 onward.
TC74LCX574F
TC74LCX574FT
TC74LCX574FK


Numéro de pièce similaire - TC74LCX574FK_10

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC74LCX574FK TOSHIBA-TC74LCX574FK Datasheet
249Kb / 10P
   Low-Voltage Octal D-Type Flip-Flop with 5-V Tolerant Inputs and Outputs
More results

Description similaire - TC74LCX574FK_10

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC7MZ574FK TOSHIBA-TC7MZ574FK_07 Datasheet
191Kb / 8P
   Low Voltage Octal D-Type Flip-Flop with 5 V Tolerant Inputs and Outputs
TC74LCX574F TOSHIBA-TC74LCX574F_07 Datasheet
249Kb / 10P
   Low-Voltage Octal D-Type Flip-Flop with 5-V Tolerant Inputs and Outputs
TC7MZ374FK TOSHIBA-TC7MZ374FK_07 Datasheet
191Kb / 8P
   Low Voltage Octal D-Type Flip-Flop with 5 V Tolerant Inputs and Outputs
TC74LCX374F TOSHIBA-TC74LCX374F_07 Datasheet
250Kb / 10P
   Low-Voltage Octal D-Type Flip-Flop with 5-V Tolerant Inputs and Outputs
TC7MZ273FK TOSHIBA-TC7MZ273FK_07 Datasheet
190Kb / 8P
   Low-Voltage Octal D-Type Flip-Flop with Clear with 5-V Tolerant Inputs and Outputs
TC74LCX273FT TOSHIBA-TC74LCX273FT Datasheet
183Kb / 10P
   Low-Voltage Octal D-Type Flip-Flop with Clear with 5-V Tolerant Inputs and Outputs
TC7MZ273FK TOSHIBA-TC7MZ273FK Datasheet
109Kb / 8P
   Low-Voltage Octal D-Type Flip-Flop with Clear with 5-V Tolerant Inputs and Outputs
TC74LCX273F TOSHIBA-TC74LCX273F_10 Datasheet
234Kb / 11P
   Low-Voltage Octal D-Type Flip-Flop with Clear with 5-V Tolerant Inputs and Outputs
TC74LCX273F TOSHIBA-TC74LCX273F_07 Datasheet
249Kb / 10P
   Low-Voltage Octal D-Type Flip-Flop with Clear with 5-V Tolerant Inputs and Outputs
TC7MA374FK TOSHIBA-TC7MA374FK_07 Datasheet
234Kb / 12P
   Low-Voltage Octal D-Type Flip-Flop with 3.6 V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com