Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC74LCX74FK Fiches technique(PDF) 5 Page - Toshiba Semiconductor

No de pièce TC74LCX74FK
Description  Low-Voltage Dual D-Type Flip-Flop with 5-V Tolerant Inputs and Outputs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74LCX74FK Fiches technique(HTML) 5 Page - Toshiba Semiconductor

  TC74LCX74FK_12 Datasheet HTML 1Page - Toshiba Semiconductor TC74LCX74FK_12 Datasheet HTML 2Page - Toshiba Semiconductor TC74LCX74FK_12 Datasheet HTML 3Page - Toshiba Semiconductor TC74LCX74FK_12 Datasheet HTML 4Page - Toshiba Semiconductor TC74LCX74FK_12 Datasheet HTML 5Page - Toshiba Semiconductor TC74LCX74FK_12 Datasheet HTML 6Page - Toshiba Semiconductor TC74LCX74FK_12 Datasheet HTML 7Page - Toshiba Semiconductor TC74LCX74FK_12 Datasheet HTML 8Page - Toshiba Semiconductor TC74LCX74FK_12 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
TC74LCX74F/FT/FK
2012-02-29
5
AC Characteristics (Ta = −40 to 85°C)
Characteristics
Symbol
Test Condition
VCC (V)
Min
Max
Unit
1.8
± 0.15
50
2.5
± 0.2
100
2.7
100
Maximum clock frequency
fmax
Figure 1, Figure 2
3.3
± 0.3
150
MHz
1.8
± 0.15
22.0
2.5
± 0.2
9.0
2.7
8.0
Propagation delay time
(CK-Q,
Q )
tpLH
tpHL
Figure 1, Figure 2
3.3
± 0.3
1.5
7.0
ns
1.8
± 0.15
22.0
2.5
± 0.2
9.0
2.7
8.0
Propagation delay time
( CLR , PR -Q, Q)
tpLH
tpHL
Figure 1, Figure 4
3.3
± 0.3
1.5
7.0
ns
1.8
± 0.15
10.0
2.5
± 0.2
5.0
2.7
3.3
Minimum pulse width
(CK)
tW (H)
tW (L)
Figure 1, Figure 2
3.3
± 0.3
3.3
ns
1.8
± 0.15
10.0
2.5
± 0.2
5.0
2.7
3.6
Minimum pulse width
( CLR , PR )
tW (L)
Figure 1, Figure 4
3.3
± 0.3
3.3
ns
1.8
± 0.15
10.0
2.5
± 0.2
5.0
2.7
2.5
Minimum setup time
ts
Figure 1, Figure 2
3.3
± 0.3
2.5
ns
1.8
± 0.15
1.5
2.5
± 0.2
1.5
2.7
1.5
Minimum hold time
th
Figure 1, Figure 2
3.3
± 0.3
1.5
ns
1.8
± 0.15
10.0
2.5
± 0.2
5.0
2.7
3.0
Minimum removal time
trem
Figure 1, Figure 3
3.3
± 0.3
2.5
ns
2.7
Output to output skew
tosLH
tosHL
(Note)
3.3
± 0.3
1.0
ns
Note:
Parameter guaranteed by design.
(tosLH = |tpLHm − tpLHn|, tosHL = |tpHLm − tpHLn|)


Numéro de pièce similaire - TC74LCX74FK_12

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC74LCX74FK TOSHIBA-TC74LCX74FK Datasheet
280Kb / 10P
   Low-Voltage Dual D-Type Flip-Flop with 5-V Tolerant Inputs and Outputs
More results

Description similaire - TC74LCX74FK_12

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC74LCX74F TOSHIBA-TC74LCX74F_07 Datasheet
280Kb / 10P
   Low-Voltage Dual D-Type Flip-Flop with 5-V Tolerant Inputs and Outputs
TC74LCX74FT TOSHIBA-TC74LCX74FT Datasheet
181Kb / 9P
   Low-Voltage Dual D-Type Flip-Flop with 5-V Tolerant Inputs and Outputs
TC7MZ574FK TOSHIBA-TC7MZ574FK_07 Datasheet
191Kb / 8P
   Low Voltage Octal D-Type Flip-Flop with 5 V Tolerant Inputs and Outputs
TC74LCX574F TOSHIBA-TC74LCX574F_10 Datasheet
234Kb / 11P
   Low-Voltage Octal D-Type Flip-Flop with 5-V Tolerant Inputs and Outputs
TC74LCX574F TOSHIBA-TC74LCX574F_07 Datasheet
249Kb / 10P
   Low-Voltage Octal D-Type Flip-Flop with 5-V Tolerant Inputs and Outputs
TC7MZ374FK TOSHIBA-TC7MZ374FK_07 Datasheet
191Kb / 8P
   Low Voltage Octal D-Type Flip-Flop with 5 V Tolerant Inputs and Outputs
TC74LCX374F TOSHIBA-TC74LCX374F_07 Datasheet
250Kb / 10P
   Low-Voltage Octal D-Type Flip-Flop with 5-V Tolerant Inputs and Outputs
TC74VCX74FT TOSHIBA-TC74VCX74FT_07 Datasheet
262Kb / 11P
   Low-Voltage Dual D-Type Flip-Flop with 3.6-V Tolerant Inputs and Outputs
TC74LCX16374FT TOSHIBA-TC74LCX16374FT Datasheet
193Kb / 10P
   Low-Voltage 16-Bit D-Type Flip-Flop with 5-V Tolerant Inputs and Outputs
TC74VCX74FT TOSHIBA-TC74VCX74FT Datasheet
316Kb / 8P
   LOW VOLTAGE DUAL D-TYPE FLIP-FLOP WITH 3.6V TOLERANT INPUTS AND OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com