Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC74LCX05F Fiches technique(PDF) 3 Page - Toshiba Semiconductor

No de pièce TC74LCX05F
Description  Low-Voltage HEX Inverter with 5-V Tolerant Inputs and Outputs (open-drain)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74LCX05F Fiches technique(HTML) 3 Page - Toshiba Semiconductor

  TC74LCX05F_12 Datasheet HTML 1Page - Toshiba Semiconductor TC74LCX05F_12 Datasheet HTML 2Page - Toshiba Semiconductor TC74LCX05F_12 Datasheet HTML 3Page - Toshiba Semiconductor TC74LCX05F_12 Datasheet HTML 4Page - Toshiba Semiconductor TC74LCX05F_12 Datasheet HTML 5Page - Toshiba Semiconductor TC74LCX05F_12 Datasheet HTML 6Page - Toshiba Semiconductor TC74LCX05F_12 Datasheet HTML 7Page - Toshiba Semiconductor TC74LCX05F_12 Datasheet HTML 8Page - Toshiba Semiconductor TC74LCX05F_12 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
TC74LCX05F/FT/FK
2012-02-29
3
Operating Ranges (Note 1)
Characteristics
Symbol
Rating
Unit
1.65 to 5.5
Power supply voltage
VCC
1.5 to 5.5 (Note 2)
V
Input voltage
VIN
0 to 5.5
V
Output voltage
VOUT
0 to 5.5
V
32
(Note 3)
24
(Note 4)
Output current
IOL
12
(Note 5)
mA
Operating temperature
Topr
−40 to 85
°C
Input rise and fall time
dt/dv
0 to 10 (Note 6)
ns/V
Note 1: The operating ranges must be maintained to ensure the normal operation of the device.
Unused inputs must be tied to either VCC or GND.
Note 2: Data retention only
Note 3: VCC = 4.5 to 5.5 V
Note 4: VCC = 3.0 to 3.6 V
Note 5: VCC = 2.7 to 3.0 V
Note 6: VCC = 1.65 to 5.5 V


Numéro de pièce similaire - TC74LCX05F_12

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC74LCX05FK TOSHIBA-TC74LCX05FK Datasheet
278Kb / 10P
   Low-Voltage HEX Inverter with 5-V Tolerant Inputs and Outputs (open-drain)
TC74LCX05FN TOSHIBA-TC74LCX05FN Datasheet
178Kb / 9P
   Low-Voltage HEX Inverter with 5-V Tolerant Inputs and Outputs (open-drain)
TC74LCX05FN TOSHIBA-TC74LCX05FN Datasheet
278Kb / 10P
   Low-Voltage HEX Inverter with 5-V Tolerant Inputs and Outputs (open-drain)
TC74LCX05FT TOSHIBA-TC74LCX05FT Datasheet
178Kb / 9P
   Low-Voltage HEX Inverter with 5-V Tolerant Inputs and Outputs (open-drain)
TC74LCX05FT TOSHIBA-TC74LCX05FT Datasheet
278Kb / 10P
   Low-Voltage HEX Inverter with 5-V Tolerant Inputs and Outputs (open-drain)
More results

Description similaire - TC74LCX05F_12

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC74LCX05F TOSHIBA-TC74LCX05F Datasheet
178Kb / 9P
   Low-Voltage HEX Inverter with 5-V Tolerant Inputs and Outputs (open-drain)
TC74LCX05F TOSHIBA-TC74LCX05F_07 Datasheet
278Kb / 10P
   Low-Voltage HEX Inverter with 5-V Tolerant Inputs and Outputs (open-drain)
TC74LCX07F TOSHIBA-TC74LCX07F_12 Datasheet
233Kb / 10P
   Low-Voltage HEX Buffer with 5-V Tolerant Inputs and Outputs (open drain)
TC74LCX07FT TOSHIBA-TC74LCX07FT Datasheet
177Kb / 9P
   Low-Voltage HEX Buffer with 5-V Tolerant Inputs and Outputs (open drain)
TC74LCX07F TOSHIBA-TC74LCX07F_07 Datasheet
277Kb / 10P
   Low-Voltage HEX Buffer with 5-V Tolerant Inputs and Outputs (open drain)
TC74LCX04F TOSHIBA-TC74LCX04F_07 Datasheet
270Kb / 10P
   Low-Voltage Hex Inverter with 5-V Tolerant Inputs and Outputs
TC74LCX04F TOSHIBA-TC74LCX04F_12 Datasheet
215Kb / 10P
   Low-Voltage Hex Inverter with 5-V Tolerant Inputs and Outputs
TC74LCX14F TOSHIBA-TC74LCX14F_12 Datasheet
218Kb / 10P
   Low-Voltage Hex Schmitt Inverter with 5-V Tolerant Inputs and Outputs
TC74LCX14F TOSHIBA-TC74LCX14F_07 Datasheet
272Kb / 10P
   Low-Voltage Hex Schmitt Inverter with 5-V Tolerant Inputs and Outputs
logo
STMicroelectronics
74LVX05 STMICROELECTRONICS-74LVX05 Datasheet
218Kb / 11P
   LOW VOLTAGE CMOS HEX INVERTER (OPEN DRAIN) WITH 5V TOLERANT INPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com