Moteur de recherche de fiches techniques de composants électroniques |
|
TC74AC175F Fiches technique(PDF) 4 Page - Toshiba Semiconductor |
|
TC74AC175F Fiches technique(HTML) 4 Page - Toshiba Semiconductor |
4 / 9 page TC74AC175P/F/FT 2012-02-29 4 Electrical Characteristics DC Characteristics Ta = 25°C Ta = −40 to 85°C Characteristics Symbol Test Condition VCC (V) Min Typ. Max Min Max Unit High-level input voltage VIH ― 2.0 3.0 5.5 1.50 2.10 3.85 ― ― ― ― ― ― 1.50 2.10 3.85 ― ― ― V Low-level input voltage VIL ― 2.0 3.0 5.5 ― ― ― ― ― ― 0.50 0.90 1.65 ― ― ― 0.50 0.90 1.65 V IOH = −50 μA 2.0 3.0 4.5 1.9 2.9 4.4 2.0 3.0 4.5 ― ― ― 1.9 2.9 4.4 ― ― ― High-level output voltage VOH VIN = VIH or VIL IOH = −4 mA IOH = −24 mA IOH = −75 mA (Note) 3.0 4.5 5.5 2.58 3.94 ― ― ― ― ― ― ― 2.48 3.80 3.85 ― ― ― V IOL = 50 μA 2.0 3.0 4.5 ― ― ― 0.0 0.0 0.0 0.1 0.1 0.1 ― ― ― 0.1 0.1 0.1 Low-level output voltage VOL VIN = VIH or VIL IOL = 12 mA IOL = 24 mA IOL = 75 mA (Note) 3.0 4.5 5.5 ― ― ― ― ― ― 0.36 0.36 ― ― ― ― 0.44 0.44 1.65 V Input leakage current IIN VIN = VCC or GND 5.5 ― ― ±0.1 ― ±1.0 μA Quiescent supply current ICC VIN = VCC or GND 5.5 ― ― 8.0 ― 80.0 μA Note: This spec indicates the capability of driving 50 Ω transmission lines. One output should be tested at a time for a 10 ms maximum duration. Timing Requirements (input: tr = tf = 3 ns) Ta = 25°C Ta = −40 to 85°C Characteristics Symbol Test Condition VCC (V) Limit Limit Unit Minimum pulse width (CK) tw (L) tw (H) ― 3.3 ± 0.3 5.0 ± 0.5 7.0 5.0 7.0 5.0 ns Minimum pulse width ( CLR ) tw (L) ― 3.3 ± 0.3 5.0 ± 0.5 7.0 5.0 7.0 5.0 ns Minimum set-up time ts ― 3.3 ± 0.3 5.0 ± 0.5 12.0 6.5 12.0 6.5 ns Minimum hold time th ― 3.3 ± 0.3 5.0 ± 0.5 0.0 0.0 0.0 0.0 ns Minimum removal time ( CLR ) trem ― 3.3 ± 0.3 5.0 ± 0.5 7.0 5.0 7.0 5.0 ns |
Numéro de pièce similaire - TC74AC175F_12 |
|
Description similaire - TC74AC175F_12 |