Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SMP1.25 Fiches technique(PDF) 6 Page - Texas Instruments

No de pièce SMP1.25
Description  A 0.9-A Constant Current Supply with PFC for 100-W LED
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

SMP1.25 Fiches technique(HTML) 6 Page - Texas Instruments

Back Button SMP1.25 Datasheet HTML 2Page - Texas Instruments SMP1.25 Datasheet HTML 3Page - Texas Instruments SMP1.25 Datasheet HTML 4Page - Texas Instruments SMP1.25 Datasheet HTML 5Page - Texas Instruments SMP1.25 Datasheet HTML 6Page - Texas Instruments SMP1.25 Datasheet HTML 7Page - Texas Instruments SMP1.25 Datasheet HTML 8Page - Texas Instruments SMP1.25 Datasheet HTML 9Page - Texas Instruments SMP1.25 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
5
Test Setup
5.1
Test Equipment
5.1.1
Voltage Source:
5.1.2
Multimeters
5.1.3
Output Load
5.1.4
Oscilloscope
5.1.5
Signal Generator
5.1.6
Fan
5.1.7
Recommended Wire Gauge
Test Setup
www.ti.com
WARNING
High voltages, that may cause injury, exist on this evaluation
module (EVM). Please ensure all safety procedures are followed
when working
on
this
EVM.
Never
leave
a
powered
EVM
unattended.
The
use
of
isolated
test
equipment
is
highly
recommended.
See Figure 3 for recommended test set up.
• Source 1: Isolated AC voltage source or VARIAC, capable of 90 VRMS to 264 VRMS at 150 W.
• Source 2: A 3.3-V DC source capable of 100 mA.
Three digital multimeters are recommend, one for current measurement, A1, and two for voltage
measurements, V1 and V2.
It is recommended that actual high brightness LED’s (HB-LED’s) are used for the load. They should be
rated at 0.9 A. The HB-LED’s should be connected in series. Their voltage drop should be between 55
VDC and 110 VDC. Alternatively a constant voltage electronic load could be used. If using a constant
voltage electronic load a 1000-
µF/250 VDC capacitor is required at the input to the electronic load. The
1000
µF capacitor should not be used if using HB-LED’s as the load.
A digital or analog oscilloscope with current probe is required to view the AC current in the PFC inductor
or buck inductor.
A signal generator that can produce a square wave pulse train at between 200 Hz and 1 kHz is required
to do external PWM dimming.
Forced air cooling is not required
A minimum of 18 AWG wire is recommended. Also the wire connections between the AC source and the
EVM, and the EVM and load should be less than two feet long. The AC input connector accepts a
standard IEC320-C13 connector with ground pin.
A 0.9-A Constant Current Supply with PFC for 100-W LED Lighting Applications
6
SLUU355A – March 2009 – Revised June 2009
Submit Documentation Feedback


Numéro de pièce similaire - SMP1.25

FabricantNo de pièceFiches techniqueDescription
logo
Bel Fuse Inc.
SMP1.25 BEL-SMP1.25 Datasheet
92Kb / 2P
   Surface Mount Power Cross Protection Fuse
SMP1.25 BEL-SMP1.25 Datasheet
542Kb / 2P
   SURFACE MOUNT POWER CROSS PROTECTION FUSE
SMP1.25 BEL-SMP1.25 Datasheet
476Kb / 4P
   Surface Mount Power Cross Protection Fuse
More results

Description similaire - SMP1.25

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
AN3339 STMICROELECTRONICS-AN3339 Datasheet
1Mb / 44P
   185 W power supply with PFC and standby supply for LED TV
logo
ON Semiconductor
CAT4101 ONSEMI-CAT4101_12 Datasheet
152Kb / 9P
   1 A Constant-Current LED Driver
July, 2012 ??Rev. 8
CAT4101TV-T75 ONSEMI-CAT4101TV-T75 Datasheet
158Kb / 11P
   1 A Constant-Current LED Driver with PWM Dimming
Doc. No. MD-5036, Rev. D
CAT4101 ONSEMI-CAT4101 Datasheet
159Kb / 10P
   1 A Constant-Current LED Driver with PWM Dimming
February, 2010 ??Rev. 4
logo
Coilcraft lnc.
HA3858 COILCRAFT-HA3858_16 Datasheet
390Kb / 2P
   Magnetics for 300 W Power Supply with PFC
logo
STMicroelectronics
STCS1A STMICROELECTRONICS-STCS1A Datasheet
449Kb / 19P
   1.5 A max constant current LED driver
STCS05 STMICROELECTRONICS-STCS05 Datasheet
683Kb / 16P
   0.5 A max constant current LED driver
STCS2A STMICROELECTRONICS-STCS2A Datasheet
372Kb / 18P
   2 A max constant current LED driver
STCS05A STMICROELECTRONICS-STCS05A Datasheet
854Kb / 18P
   0.5 A max constant current LED driver
STCS2 STMICROELECTRONICS-STCS2 Datasheet
280Kb / 16P
   2 A max constant current LED driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com