Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC7W74F Fiches technique(PDF) 5 Page - Toshiba Semiconductor

No de pièce TC7W74F
Description  D-Type Flip Flop with Preset and Clear
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7W74F Fiches technique(HTML) 5 Page - Toshiba Semiconductor

  TC7W74F_09 Datasheet HTML 1Page - Toshiba Semiconductor TC7W74F_09 Datasheet HTML 2Page - Toshiba Semiconductor TC7W74F_09 Datasheet HTML 3Page - Toshiba Semiconductor TC7W74F_09 Datasheet HTML 4Page - Toshiba Semiconductor TC7W74F_09 Datasheet HTML 5Page - Toshiba Semiconductor TC7W74F_09 Datasheet HTML 6Page - Toshiba Semiconductor TC7W74F_09 Datasheet HTML 7Page - Toshiba Semiconductor TC7W74F_09 Datasheet HTML 8Page - Toshiba Semiconductor TC7W74F_09 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
TC7W74F/FU/FK
2009-09-30
5
AC Electrical Characteristics (CL = 50 pF, input tr = tf = 6 ns)
Ta
= 25°C
Ta
= −40
to 85°C
Characteristics
Symbol
Test Condition
VCC (V)
Min
Typ.
Max
Min
Max
Unit
2.0
30
75
95
4.5
8
15
19
Output transition time
tTLH
tTHL
6.0
7
13
16
ns
2.0
48
150
190
4.5
16
30
38
Propagation delay time
(CLOCK-Q, Q)
tpLH
tpHL
6.0
13
26
32
ns
2.0
51
150
190
4.5
17
30
38
Propagation delay time
( CLR , PR -Q, Q)
tpLH
tpHL
6.0
15
26
32
ns
2.0
6
21
5
4.5
31
63
25
Maximum clock frequency
fmax
6.0
36
67
29
MHz
Input capacitance
CIN
5
10
10
pF
Power dissipation
capacitance
CPD
(Note)
34
pF
Note: CPD is defined as the value of internal equivalent capacitance which is calculated from the operating current
consumption without load.
Average operating current can be obtained by the equation:
ICC (opr) = CPD • VCC • fIN + ICC
System Diagram
CK
φ
φ
D
φ
φ
φ
φ
Q
Q
CLR
PR


Numéro de pièce similaire - TC7W74F_09

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC7W74F TOSHIBA-TC7W74F_01 Datasheet
277Kb / 9P
   D-TYPE FLIP FLOP WITH PRESET AND CLEAR
More results

Description similaire - TC7W74F_09

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC7WZ74FUTE12LF TOSHIBA-TC7WZ74FUTE12LF Datasheet
189Kb / 7P
   D-Type Flip Flop with Preset and Clear
TC7W74F TOSHIBA-TC7W74F_01 Datasheet
277Kb / 9P
   D-TYPE FLIP FLOP WITH PRESET AND CLEAR
TC7WZ74FK TOSHIBA-TC7WZ74FK Datasheet
117Kb / 7P
   D-Type Flip Flop with Preset and Clear
TC7W74F TOSHIBA-TC7W74F Datasheet
245Kb / 8P
   D-TYPE FLIP FLOP WITH PRESET AND CLEAR
TC7WT74FU TOSHIBA-TC7WT74FU Datasheet
212Kb / 5P
   D-TYPE FLIP FLOP WITH PRESET AND CLEAR
TC7WG74FK TOSHIBA-TC7WG74FK_09 Datasheet
203Kb / 9P
   D-Type Flip Flop with Preset and Clear
TC7WH74FK TOSHIBA-TC7WH74FK_09 Datasheet
205Kb / 7P
   D-Type flip flop with preset and clear
TC74HCT74AP TOSHIBA-TC74HCT74AP Datasheet
242Kb / 6P
   DUAL D-TYPE FLIP FLOP WITH PRESET AND CLEAR
logo
STMicroelectronics
74VHCT74A STMICROELECTRONICS-74VHCT74A Datasheet
73Kb / 10P
   DUAL D-TYPE FLIP FLOP WITH PRESET AND CLEAR
logo
Toshiba Semiconductor
TC74VHCT74AF TOSHIBA-TC74VHCT74AF Datasheet
221Kb / 6P
   DUAL D-TYPE FLIP-FLOP WITH PRESET AND CLEAR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com