Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CXA3276Q Fiches technique(PDF) 5 Page - Sony Corporation

No de pièce CXA3276Q
Description  8-bit 160MSPS Flash A/D Converter
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SONY [Sony Corporation]
Site Internet  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3276Q Fiches technique(HTML) 5 Page - Sony Corporation

  CXA3276Q Datasheet HTML 1Page - Sony Corporation CXA3276Q Datasheet HTML 2Page - Sony Corporation CXA3276Q Datasheet HTML 3Page - Sony Corporation CXA3276Q Datasheet HTML 4Page - Sony Corporation CXA3276Q Datasheet HTML 5Page - Sony Corporation CXA3276Q Datasheet HTML 6Page - Sony Corporation CXA3276Q Datasheet HTML 7Page - Sony Corporation CXA3276Q Datasheet HTML 8Page - Sony Corporation CXA3276Q Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
– 5 –
CXA3276Q
Pin Description and I/O Pin Equivalent Circuit
Analog ground.
Separated from the digital ground.
Analog power supply.
Separated from the digital power
supply.
Digital ground.
Digital power supply.
Digital power supply.
Ground for ECL input.
+5V for PECL and TTL inputs.
Digital power supply.
–5V for ECL input.
Ground for PECL and TTL inputs.
No connected pin.
Not connected with the internal
circuits.
N.C.
16, 17,
18
3, 10
5, 8
20, 29
32, 41
19, 30
31, 42
12
1
AGND
AVCC
DGND1
DGND2
DVCC1
DVCC2
DGND3
DVEE3
GND
+5V
(typ.)
GND
+5V
(typ.)
+5V (typ.)
(With a
single
power
supply)
GND
(With dual
power
supply)
GND
(With a
single
power
supply)
–5V (typ.)
(With dual
power
supply)
Pin
No.
Symbol
I/O
Standard
voltage level
Equivalent circuit
Description
Clock input.
CLK/E complementary input.
When left open, this pin goes to the
threshold voltage.
Only CLK/E can be used for
operation, but complementary inputs
are recommended to attain fast and
stable operation.
Reset signal input.
When set to low level, the built-in
CLK frequency divider circuit can be
reset.
RESETN/E complementary input.
When left open, this pin goes to the
threshold voltage. Only RESETN/E
can be used for operation.
ECL/
PECL
13
14
48
47
CLK/E
CLKN/E
RESETN/E
RESET/E
I
I
I
I
13
14
48
47
DGND3
DVEE3


Numéro de pièce similaire - CXA3276Q

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXA3271GE SONY-CXA3271GE Datasheet
180Kb / 17P
   Fingerprint Sensor
CXA3272R SONY-CXA3272R Datasheet
98Kb / 2P
   CXA3272R
CXA3275Q SONY-CXA3275Q Datasheet
201Kb / 22P
   PLL/OSC/MIX IC for Digital Tuner
More results

Description similaire - CXA3276Q

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXA3286R SONY-CXA3286R Datasheet
331Kb / 23P
   8-bit 160MSPS Flash A/D Converter
logo
Intersil Corporation
HI3276 INTERSIL-HI3276_01 Datasheet
680Kb / 16P
   8-Bit, 160MSPS, Flash A/D Converter
HI3276 INTERSIL-HI3276 Datasheet
228Kb / 16P
   8-Bit, 160MSPS, Flash A/D Converter
June 1999
HI3286 INTERSIL-HI3286 Datasheet
229Kb / 16P
   8-Bit, 160MSPS, Flash A/D Converter
June 1999
logo
Sony Corporation
CX20201A-1 SONY-CX20201A-1 Datasheet
319Kb / 13P
   10/9/8-BIT 160MSPS D/A CONVERTER
logo
Nippon Precision Circui...
SM6102P NPC-SM6102P Datasheet
189Kb / 6P
   8-bit, Flash A/D Converter
logo
Sony Corporation
CXA3246Q SONY-CXA3246Q Datasheet
312Kb / 22P
   8-bit 120MSPS Flash A/D Converter
logo
Murata Power Solutions ...
ADC-301 MURATA-PS-ADC-301 Datasheet
1Mb / 4P
   8-Bit Video Flash A/D Converter
logo
Intersil Corporation
HI5675 INTERSIL-HI5675 Datasheet
93Kb / 10P
   8-Bit, 20MSPS, Flash A/D Converter
April 1999
logo
Sony Corporation
CXA3026Q SONY-CXA3026Q Datasheet
594Kb / 30P
   8-bit 120MSPS Flash A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com