Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CXA3256R Fiches technique(PDF) 1 Page - Sony Corporation

No de pièce CXA3256R
Description  8-bit 120MSPS Flash A/D Converter
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SONY [Sony Corporation]
Site Internet  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3256R Fiches technique(HTML) 1 Page - Sony Corporation

  CXA3256R Datasheet HTML 1Page - Sony Corporation CXA3256R Datasheet HTML 2Page - Sony Corporation CXA3256R Datasheet HTML 3Page - Sony Corporation CXA3256R Datasheet HTML 4Page - Sony Corporation CXA3256R Datasheet HTML 5Page - Sony Corporation CXA3256R Datasheet HTML 6Page - Sony Corporation CXA3256R Datasheet HTML 7Page - Sony Corporation CXA3256R Datasheet HTML 8Page - Sony Corporation CXA3256R Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
CXA3256R
8-bit 120MSPS Flash A/D Converter
Description
The CXA3256R is an 8-bit high-speed flash A/D
converter capable of digitizing analog signals at the
maximum rate of 120MSPS. ECL, PECL or TTL can
be selected as the digital input level in accordance
with the application. The TTL digital output level
allows 1: 2 demultiplexed output.
The CXA3256R is easier to be used by adding the
new functions to the CXA3246Q and adopting a
ultra-small package.
Features
• Differential linearity error: ±0.5LSB or less
• Integral linearity error: ±0.5LSB or less
• High-speed operation with a maximum conversion
rate of 120MSPS
• Low input capacitance: 10pF
• Wide analog input bandwidth: 250MHz
• Low power consumption: 500mW
• Power saving function
• 1: 2 demultiplexed output
• 1/2 frequency-divided clock output
(with reset function)
• Compatible with ECL, PECL and TTL digital input
levels
• TTL output "H" levels: 2.8V (Typ.)
• Output voltage control function (VOCLP)
• +3.3V line CMOS IC direct connecting available
• Single +5V power supply operation available
• Ultra-small surface mounting package (48-pin LQFP)
Pin Configuration (Top View)
Structure
Bipolar silicon monolithic IC
Applications
• Magnetic recording (PRML)
• Communications (QPSK, QAM)
• LCDs
• Digital oscilloscopes
– 1 –
E98305A8X-PS
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
CLK/E
SELECT2
CLK/T
VOCLP
PS
DVCC2
DGND2
PAD0
PAD1
PAD2
PAD3
CLKN/E
RESETN/E
SELECT1
RESETN/T
INV
CLKOUT
DVCC2
DGND2
PBD7
PBD6
PBD5
PBD4
RESET/E
13
14
15
16
17
18
19
20
21
22
23
24
25 26 27 28 29 30
40
39
38
37
36
35
34
31 32 33
41
42
43
44
45
46
47
48
2
3
4
5
6
7
8
9
10
11
12
1
48 pin LQFP (Plastic)
LEAD TREATMENT: PALLADIUM PLATING


Numéro de pièce similaire - CXA3256R

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXA3250AN SONY-CXA3250AN Datasheet
415Kb / 36P
   All Band TV Tuner IC with On-chip PLL
CXA3250N SONY-CXA3250N Datasheet
384Kb / 35P
   All Band TV Tuner IC with On-chip PLL
CXA3252N SONY-CXA3252N Datasheet
303Kb / 32P
   All Band TV Tuner IC with On-chip PLL
More results

Description similaire - CXA3256R

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXA3246Q SONY-CXA3246Q Datasheet
312Kb / 22P
   8-bit 120MSPS Flash A/D Converter
CXA3026Q SONY-CXA3026Q Datasheet
594Kb / 30P
   8-bit 120MSPS Flash A/D Converter
logo
Intersil Corporation
HI3246 INTERSIL-HI3246 Datasheet
228Kb / 16P
   8-Bit, 120MSPS, Flash A/D Converter
March 2000
HI3256 INTERSIL-HI3256 Datasheet
229Kb / 16P
   8-Bit, 120MSPS, Flash A/D Converter
June 1999
logo
Sony Corporation
CXA3506R SONY-CXA3506R Datasheet
2Mb / 110P
   3-channel 8-bit 120MSPS A/D Converter Amplifier PLL
logo
Nippon Precision Circui...
SM6102P NPC-SM6102P Datasheet
189Kb / 6P
   8-bit, Flash A/D Converter
logo
Sony Corporation
CXA3286R SONY-CXA3286R Datasheet
331Kb / 23P
   8-bit 160MSPS Flash A/D Converter
logo
Murata Power Solutions ...
ADC-301 MURATA-PS-ADC-301 Datasheet
1Mb / 4P
   8-Bit Video Flash A/D Converter
logo
Intersil Corporation
HI3276 INTERSIL-HI3276_01 Datasheet
680Kb / 16P
   8-Bit, 160MSPS, Flash A/D Converter
HI5675 INTERSIL-HI5675 Datasheet
93Kb / 10P
   8-Bit, 20MSPS, Flash A/D Converter
April 1999
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com