Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CXA3202AN Fiches technique(PDF) 5 Page - Sony Corporation

No de pièce CXA3202AN
Description  TX Gain Control Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SONY [Sony Corporation]
Site Internet  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3202AN Fiches technique(HTML) 5 Page - Sony Corporation

  CXA3202AN Datasheet HTML 1Page - Sony Corporation CXA3202AN Datasheet HTML 2Page - Sony Corporation CXA3202AN Datasheet HTML 3Page - Sony Corporation CXA3202AN Datasheet HTML 4Page - Sony Corporation CXA3202AN Datasheet HTML 5Page - Sony Corporation CXA3202AN Datasheet HTML 6Page - Sony Corporation CXA3202AN Datasheet HTML 7Page - Sony Corporation CXA3202AN Datasheet HTML 8Page - Sony Corporation CXA3202AN Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
—5—
CXA3202AN
Electrical Characteristics
DC Characteristics
(VCC=3.0 V, Ta=27 °C)
Parameter
Current consumption 1
Current consumption 2
Input current pin 8H
Input current pin 8L
Input current pin 16H
Input current pin 16L
PSV high voltage
PSV low voltage
Symbol
ICC1
ICC2
IpsvH
IpsvL
IgctlH
IgctlL
VpsH
VpsL
Conditions
Vpsv=3.0 V, Vgctl=1.5 V, Pin 13, 14
Vpsv=0 V, Vgctl=1.5 V, Pin 13, 14
Vpsv=3.0 V
Vpsv=0 V
Vgctl=3.0 V
Vgctl=0.5 V
Pin 8
Pin 8
Min.
Typ.
Max.
Unit
10
15.7
21.5
mA
5
18
40
1
–15
µA
1
–1
2.5
V
0.5
Parameter
Operating frequency
range
Gain 2.3
Gain 1.5
Gain 1.0
Gain 0.7
CDMA Gain slope
Input level 3rd order
intercept point
Noise Figure
Symbol
Fr
G2.3
G1.5
G1.0
G0.7
GCLIN
IIP3
NF
Conditions
f=130.38 MHz, level=–22.5 dBm,
Vgctl=2.3 V
Vgctl=1.5 V
Vgctl=1.0 V
Vgctl= 0.7 V
Gain at Vgctl=2.0 V – Gain at Vgctl=1.0 V
G=15 dB 1
f1=129.38 MHz, f2=131.38 MHz
Measure of 130.38 MHz
G=15 dB ∗1
Measure of 130.38 MHz
Min.
Typ.
Max.
Unit
50
300
MHz
13
17
21
–28
–24
–20
dB
–58
–54
–50
–75
–70
–65
57
60
63
dB/V
–8.5
–4.5
dBm
28
32
dB
AC Characteristics
(VCC=3.0 V, Ta=27 °C)
1 Adjust GCTL voltage, and set the overall gain to 15 dB.


Numéro de pièce similaire - CXA3202AN

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXA3202N SONY-CXA3202N Datasheet
163Kb / 10P
   TX Gain Control Amplifier
More results

Description similaire - CXA3202AN

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXA3222AN SONY-CXA3222AN Datasheet
126Kb / 8P
   TX Gain Control Amplifier
CXA3202N SONY-CXA3202N Datasheet
163Kb / 10P
   TX Gain Control Amplifier
CXA3222N SONY-CXA3222N Datasheet
149Kb / 8P
   TX Gain Control Amplifier
CXA3201AN SONY-CXA3201AN Datasheet
154Kb / 10P
   RX Gain Control Amplifier
CXA3001N SONY-CXA3001N Datasheet
254Kb / 12P
   RX Gain Control Amplifier
CXA3201N SONY-CXA3201N Datasheet
189Kb / 10P
   RX Gain Control Amplifier
CXA3002N SONY-CXA3002N Datasheet
234Kb / 12P
   RX Gain Control Amplifier
CXA3221AN SONY-CXA3221AN Datasheet
126Kb / 8P
   RX Gain Control Amplifier
CXA3221N SONY-CXA3221N Datasheet
151Kb / 8P
   RX Gain Control Amplifier
logo
Toshiba Semiconductor
TA4018F TOSHIBA-TA4018F_07 Datasheet
611Kb / 8P
   VHF Gain Control Amplifier Application
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com