Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CXA3199TN Fiches technique(PDF) 7 Page - Sony Corporation

No de pièce CXA3199TN
Description  Wideband Pre-amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SONY [Sony Corporation]
Site Internet  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3199TN Fiches technique(HTML) 7 Page - Sony Corporation

Back Button CXA3199TN Datasheet HTML 3Page - Sony Corporation CXA3199TN Datasheet HTML 4Page - Sony Corporation CXA3199TN Datasheet HTML 5Page - Sony Corporation CXA3199TN Datasheet HTML 6Page - Sony Corporation CXA3199TN Datasheet HTML 7Page - Sony Corporation CXA3199TN Datasheet HTML 8Page - Sony Corporation CXA3199TN Datasheet HTML 9Page - Sony Corporation CXA3199TN Datasheet HTML 10Page - Sony Corporation CXA3199TN Datasheet HTML 11Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
—7—
CXA3199TN
Normalized current consumption for power save
vs. Supply voltage (Ta=25°C)
1.5
1.4
1.3
1.1
1
0.8
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
Supply voltage VCC [V]
Normalized current consumption for power save
vs. Ambient temperature (VCC=3.3V)
1.1
1.05
1
0.95
0.9
–25.0
0.0
25.0
50.0
75.0
Ambient temperature Ta [°C]
1.2
0.9
Normalized current consumption for read
vs. Supply voltage (Ta=25°C)
1.12
1.1
1.08
1.06
1.02
0.96
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
Supply voltage VCC [V]
1.04
0.98
1
Normalized read data output sink current
vs. Supply voltage (Ta=25°C)
1.1
1.08
1.06
1.04
1.02
1
0.96
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
Supply voltage VCC [V]
Normalized read data output sink current
vs. Ambient temperature (VCC=3.3V)
1.1
1.05
1
0.95
0.9
–25.0
0.0
25.0
50.0
75.0
Ambient temperature Ta [°C]
0.98
Normalized current consumption for read
vs. Ambient temperature (VCC=3.3V)
1.1
1.05
1
0.95
0.9
–25.0
0.0
25.0
50.0
75.0
Ambient temperature Ta [°C]


Numéro de pièce similaire - CXA3199TN

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXA3197 SONY-CXA3197 Datasheet
347Kb / 30P
   10-bit 125MSPS D/A Converter
CXA3197R SONY-CXA3197R Datasheet
347Kb / 30P
   10-bit 125MSPS D/A Converter
More results

Description similaire - CXA3199TN

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXA3299TN SONY-CXA3299TN Datasheet
107Kb / 10P
   Wideband Pre-amplifier
logo
NXP Semiconductors
BTS6302U NXP-BTS6302U_V01 Datasheet
849Kb / 19P
   Wideband high linearity pre-driver amplifier
Rev. 11 - 5 September 2022
BTS6302U NXP-BTS6302U Datasheet
841Kb / 19P
   Wideband high linearity pre-driver amplifier
Rev. 10 ??19 October 2021
BTS6201U NXP-BTS6201U Datasheet
846Kb / 15P
   Wideband high linearity pre-driver amplifier
Rev. 4-3 February 2021
BTS6303U NXP-BTS6303U Datasheet
846Kb / 16P
   Wideband high linearity pre-driver amplifier 2.3 GHz - 4.2 GHz
Rev. 5 - 18 October 2022
logo
RFHIC
RFC1G21H4 RFHIC-RFC1G21H4_17 Datasheet
1,000Kb / 5P
   Wideband Amplifier
logo
Mini-Circuits
ZX60-V81-S MINI-ZX60-V81-S Datasheet
314Kb / 4P
   Wideband Amplifier
REV. D
logo
SJM Prewell. All Rights...
PW113 SJM-PW113 Datasheet
248Kb / 4P
   Wideband Amplifier
logo
Mini-Circuits
ZVA-02443HP MINI-ZVA-02443HP Datasheet
403Kb / 4P
   Wideband Amplifier
AVA-183MP-D++ MINI-AVA-183MP-D+ Datasheet
659Kb / 8P
   Wideband Amplifier
REV. OR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com