Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CXA3188N Fiches technique(PDF) 4 Page - Sony Corporation

No de pièce CXA3188N
Description  2ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SONY [Sony Corporation]
Site Internet  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3188N Fiches technique(HTML) 4 Page - Sony Corporation

  CXA3188N Datasheet HTML 1Page - Sony Corporation CXA3188N Datasheet HTML 2Page - Sony Corporation CXA3188N Datasheet HTML 3Page - Sony Corporation CXA3188N Datasheet HTML 4Page - Sony Corporation CXA3188N Datasheet HTML 5Page - Sony Corporation CXA3188N Datasheet HTML 6Page - Sony Corporation CXA3188N Datasheet HTML 7Page - Sony Corporation CXA3188N Datasheet HTML 8Page - Sony Corporation CXA3188N Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
—4—
CXA3188N
No.
11
12
13
14
15
16
Symbol
HS
RDY
RDX
WC
R/W
XCS
Equivalent circuit
VCC
GND
2.1V
11
180k
VCC
GND
12
13
VCC
GND
2.5V
14
VCC
GND
2.1V
15
180k
VCC
GND
100k
2.1V
16
Description
Head select signal input.
At “Low” : Head0
at “High” : Head1
Read amplifier output.
A setting resistor for the write
current value is connected
between this pin and GND.
Read/Write signal input.
At “High” : Read
at “Low” : Write
Power save signal input
At “High” : Power saving.


Numéro de pièce similaire - CXA3188N

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXA3185 SONY-CXA3185 Datasheet
318Kb / 23P
   All Band TV Tuner IC with On-chip PLL
CXA3186N SONY-CXA3186N Datasheet
318Kb / 23P
   All Band TV Tuner IC with On-chip PLL
More results

Description similaire - CXA3188N

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXA1940N SONY-CXA1940N Datasheet
225Kb / 16P
   4ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
CXA3170AN SONY-CXA3170AN Datasheet
232Kb / 18P
   6ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
CXA3090N SONY-CXA3090N Datasheet
223Kb / 17P
   6ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
CXA3092N SONY-CXA3092N Datasheet
192Kb / 18P
   4ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
CXA3510N SONY-CXA3510N Datasheet
205Kb / 18P
   4ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
CXA1829N SONY-CXA1829N Datasheet
264Kb / 15P
   8ch. Read/Write Amplifier for Thin Film Heads of Hard Disk Drive
CXA3171N SONY-CXA3171N Datasheet
230Kb / 18P
   4ch. Read/Write Amplifier for three terminal MIG Head of Hard Disk Drive
CXA3541N SONY-CXA3541N Datasheet
190Kb / 17P
   2-channel Read/Write Amplifier for GMR-Ind Head Hard Disk Drive
logo
Hitachi Semiconductor
HA166024FP HITACHI-HA166024FP Datasheet
150Kb / 6P
   Read/Write IC for Hard Disk Drive
logo
Sony Corporation
CXA3238TN SONY-CXA3238TN Datasheet
333Kb / 27P
   6/4-channel Read/Write Amplifier for GMR-Ind Head Hard Disk Drive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com