Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CXA2520-0000-000N0UM40E8 Fiches technique(PDF) 9 Page - Cree, Inc

No de pièce CXA2520-0000-000N0UM40E8
Description  Cree짰 XLamp짰 CXA2520 LED
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CREE [Cree, Inc]
Site Internet  http://www.cree.com/
Logo CREE - Cree, Inc

CXA2520-0000-000N0UM40E8 Fiches technique(HTML) 9 Page - Cree, Inc

Back Button CXA2520-0000-000N0UM40E8 Datasheet HTML 5Page - Cree, Inc CXA2520-0000-000N0UM40E8 Datasheet HTML 6Page - Cree, Inc CXA2520-0000-000N0UM40E8 Datasheet HTML 7Page - Cree, Inc CXA2520-0000-000N0UM40E8 Datasheet HTML 8Page - Cree, Inc CXA2520-0000-000N0UM40E8 Datasheet HTML 9Page - Cree, Inc CXA2520-0000-000N0UM40E8 Datasheet HTML 10Page - Cree, Inc CXA2520-0000-000N0UM40E8 Datasheet HTML 11Page - Cree, Inc CXA2520-0000-000N0UM40E8 Datasheet HTML 12Page - Cree, Inc CXA2520-0000-000N0UM40E8 Datasheet HTML 13Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Copyright © 2012 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo and XLamp® are registered trademarks
of Cree, Inc.
9
XLamp CXa2520 LED
tyPical sPatial distribution
Performance GrouPs - briGhtness (i
f = 550 ma, tJ = 85 °c)
XLamp CXA2520 LEDs are tested for luminous flux and placed into one of the following bins.
Group code
min. luminous flux
@ 550 ma
max. luminous flux
@ 550 ma
m2
1380
1485
m4
1485
1590
N2
1590
1710
N4
1710
1830
p2
1830
1965
p4
1965
2100
Q2
2100
2260
Q4
2260
2420
R2
2420
2600
Far Field
0%
20%
40%
60%
80%
100%
-90
-70
-50
-30
-10
10
30
50
70
90
Angle (º)


Numéro de pièce similaire - CXA2520-0000-000N0UM40E8

FabricantNo de pièceFiches techniqueDescription
logo
Cree, Inc
CXA2520-0000-000N00P227F CREE-CXA2520-0000-000N00P227F Datasheet
1Mb / 12P
   6-Inch Downlight Reference Design
CXA2520-0000-000N00P227H CREE-CXA2520-0000-000N00P227H Datasheet
1Mb / 12P
   6-Inch Downlight Reference Design
CXA2520-0000-000N00P427F CREE-CXA2520-0000-000N00P427F Datasheet
1Mb / 12P
   6-Inch Downlight Reference Design
CXA2520-0000-000N00P427H CREE-CXA2520-0000-000N00P427H Datasheet
1Mb / 12P
   6-Inch Downlight Reference Design
CXA2520-0000-000N00P430F CREE-CXA2520-0000-000N00P430F Datasheet
1Mb / 12P
   6-Inch Downlight Reference Design
More results

Description similaire - CXA2520-0000-000N0UM40E8

FabricantNo de pièceFiches techniqueDescription
logo
Cree, Inc
CXA2011 CREE-CXA2011 Datasheet
1Mb / 12P
   Cree짰 XLamp짰 CXA2011 LED
CMT1925 CREE-CMT1925 Datasheet
2Mb / 21P
   Cree짰 XLamp짰 CMT1925 LED
CMA1306 CREE-CMA1306 Datasheet
2Mb / 35P
   Cree짰 XLamp짰 CMA1306 LED
CMT1412 CREE-CMT1412 Datasheet
2Mb / 21P
   Cree짰 XLamp짰 CMT1412 LED
CMT1420 CREE-CMT1420 Datasheet
2Mb / 21P
   Cree짰 XLamp짰 CMT1420 LED
CXA1507_1211 CREE-CXA1507_1211 Datasheet
1Mb / 15P
   Cree짰 XLamp짰 CXA1507 LED
CXA1512 CREE-CXA1512 Datasheet
1Mb / 15P
   Cree짰 XLamp짰 CXA1512 LED
CXA2011_V1A CREE-CXA2011_V1A Datasheet
920Kb / 12P
   Cree짰 XLamp짰 CXA2011 LED
CMT2850 CREE-CMT2850 Datasheet
2Mb / 21P
   Cree짰 XLamp짰 CMT2850 LED
CXA1507 CREE-CXA1507 Datasheet
1Mb / 15P
   Cree짰 XLamp짰 CXA1507 LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com