Moteur de recherche de fiches techniques de composants électroniques |
|
CXA2520-0000-000N0UM20E8 Fiches technique(PDF) 1 Page - Cree, Inc |
|
CXA2520-0000-000N0UM20E8 Fiches technique(HTML) 1 Page - Cree, Inc |
1 / 15 page Product family data sheet Copyright © 2012 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo and XLamp® are registered trademarks of Cree, Inc. Cree, Inc. 4600 Silicon Drive Durham, NC 27703 USA Tel: +1.919.313.5300 cree ® Xlamp® cXa2520 led Product descriPtion The XLamp CXA2520 LeD array expands Cree’s family of high- flux, multi-die arrays, offering high performance in an easy-to-use platform. with XLamp lighting- class reliability, the CXA2520’s uniform emitting surface enables both directional and non-directional lighting applications and luminaire designs. Available in 2-step and 4-step color consistency, and featuring a 19-mm optical source, the CXA2520 brings new levels of flux and efficacy to this form factor. features • Available in ANSI white bins as well as 4-step and 2-step easywhite bins at 2700 K, 3000 K, 3500 K, 4000 K and 5000 K CCT • 80 and 90 minimum CRI options • Forward voltage: 36 v • 85 °C binning and characterization • maximum drive current: 1250 mA • 115° viewing angle, uniform chromaticity profile • Top-side solder connections • Thermocouple attach point • NEMA SSL-3 2011 standard flux bins • RoHS- and ReACh-compliant • UL-recognized component (e349212) table of contents Characteristics .............................. 2 Flux Characteristics, Standard order Codes and Bins ............................. 2 Flux Characteristics, Standard order Codes and Bins, 90 CRI .................. 4 Flux Characteristics, Standard order Codes and Bins, 80 CRI .................. 5 Relative Spectral power Distribution . 6 Relative Luminous Flux vs. Junction Temperature ................................. 6 electrical Characteristics................. 7 Relative Luminous Flux vs. Current .. 7 Relative Chromaticity vs. Current and Temperature ................................. 8 Typical Spatial Distribution.............. 9 performance Groups - Brightness..... 9 performance Groups - Chromaticity.10 Cree easywhite Bins plotted on the 1931 CIe Color Space ...................11 Cree ANSI white Bins plotted on the 1931 CIe Color Space ...................12 Bin and order Code Formats ..........13 mechanical Dimensions..................13 Notes..........................................14 packaging....................................15 |
Numéro de pièce similaire - CXA2520-0000-000N0UM20E8 |
|
Description similaire - CXA2520-0000-000N0UM20E8 |