Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TSC2004I Fiches technique(PDF) 9 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
No de pièce TSC2004I
Description  1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BURR-BROWN [Burr-Brown (TI)]
Site Internet  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

TSC2004I Fiches technique(HTML) 9 Page - Burr-Brown (TI)

Back Button TSC2004I Datasheet HTML 5Page - Burr-Brown (TI) TSC2004I Datasheet HTML 6Page - Burr-Brown (TI) TSC2004I Datasheet HTML 7Page - Burr-Brown (TI) TSC2004I Datasheet HTML 8Page - Burr-Brown (TI) TSC2004I Datasheet HTML 9Page - Burr-Brown (TI) TSC2004I Datasheet HTML 10Page - Burr-Brown (TI) TSC2004I Datasheet HTML 11Page - Burr-Brown (TI) TSC2004I Datasheet HTML 12Page - Burr-Brown (TI) TSC2004I Datasheet HTML 13Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 58 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
-40
-20
0
20
40
60
80
100
Temperature( C)
°
1.5
1.0
0.5
0
-0.5
-1.0
-1.5
SNSVDD=IOVDD=V
REF
SNSVDD=1.2V
SNSVDD=1.6V
SNSVDD=3.0V
-40
-20
0
20
40
60
80
100
Temperature( C)
°
1.5
1.0
0.5
0
-0.5
-1.0
-1.5
SNSVDD=I/OVDD=V
REF
SNSVDD=1.2V
SNSVDD=1.6V
SNSVDD=3.0V
-
40
-
20
0
20
40
60
80
100
Temperature( C)
°
650
550
450
350
250
150
50
SNSVDD=3.0V
I/OVDD=SNSVDD=V
REF
SNSVDD=1.6V
SNSVDD=1.2V
1.2
1.6
2.0
2.4
2.8
3.2
3.6
SNSVDD(V)
1.00
0.75
0.50
0.25
0
I/OVDD=SNSVDD=V
REF
T =+25 C
°
A
f
=2MHz
ADC
f
=1MHz
ADC
1.2
1.6
2.0
2.4
2.8
3.2
3.6
SNSVDD(V)
1.2
1.0
0.8
0.6
0.4
0.2
0
TouchSensorModeledBy:
2k
forY-Plane
W
2k
forY-Plane
W
1kW forZ(TouchResistance)
(2)
M=15,W=7
(1)
M=1,W=1
(1)
I/OVDD=SNSVDD=V
REF
T
A =+25°C
t
,t
,t
PVS
PRE
SNS =defaultvalues
TSC-InitiatedModeScanX,Y,Zat50SSPS
TSC2004
SBAS408E – JUNE 2007 – REVISED MARCH 2008
At TA = –40°C to +85°C, SNSVDD = VREF = +1.2V to +3.6V, I/OVDD = +1.2V to +3.6V, fADC = fOSC/2,
High-Speed mode (fSCL = 3.4MHz), 12-bit mode, and non-continuous AUX measurement, unless otherwise noted.
CHANGE IN OFFSET
CHANGE IN GAIN
vs TEMPERATURE
vs TEMPERATURE
Figure 3.
Figure 4.
SNSVDD SUPPLY CURRENT
SNSVDD SUPPLY CURRENT
vs TEMPERATURE
vs SNSVDD SUPPLY VOLTAGE
Figure 5.
Figure 6.
SNSVDD SUPPLY CURRENT
vs SNSVDD SUPPLY VOLTAGE
(1)
See Table 1
(2)
See Figure 26
Figure 7.
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TSC2004


Numéro de pièce similaire - TSC2004I

FabricantNo de pièceFiches techniqueDescription
logo
Burr-Brown (TI)
TSC2004IRTJR BURR-BROWN-TSC2004IRTJR Datasheet
1Mb / 54P
   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2004IRTJT BURR-BROWN-TSC2004IRTJT Datasheet
1Mb / 54P
   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2004IYZKR BURR-BROWN-TSC2004IYZKR Datasheet
1Mb / 54P
   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2004IYZKT BURR-BROWN-TSC2004IYZKT Datasheet
1Mb / 54P
   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
More results

Description similaire - TSC2004I

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TSC2014 TI1-TSC2014_14 Datasheet
643Kb / 8P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
logo
Burr-Brown (TI)
TSC2004 BURR-BROWN-TSC2004 Datasheet
1Mb / 54P
   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
logo
Texas Instruments
TSC2014 TI1-TSC2014 Datasheet
435Kb / 7P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2006 TI-TSC2006 Datasheet
1Mb / 46P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI??Interface
TSC2008 TI-TSC2008_08 Datasheet
920Kb / 37P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with SPI?
TSC2014_15 TI-TSC2014_15_15 Datasheet
631Kb / 7P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2008 TI-TSC2008 Datasheet
279Kb / 8P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with SPI?
TSC2008-Q1 TI1-TSC2008-Q1 Datasheet
881Kb / 39P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with SPI?
TSC2006 TI1-TSC2006_14 Datasheet
1Mb / 50P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI??Interface
TSC2007 TI1-TSC2007_17 Datasheet
1Mb / 41P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com