Moteur de recherche de fiches techniques de composants électroniques |
|
ISL28476 Fiches technique(PDF) 5 Page - Intersil Corporation |
|
ISL28476 Fiches technique(HTML) 5 Page - Intersil Corporation |
5 / 44 page Intersil Signal Path Products 2012 www.intersil.com 5 Key Products Intersil’s Solutions For Weigh Scale Product Type Part Number Where Used in Weigh Scale Key Features / Benefits Precision Amplifier Low Noise 5V ISL28190, ISL28191 40V ISL28117/217/417, ISL28118/218 Strain gauge sense amps ⋅ Low offset ⋅ Low drift ⋅ High CMRR / PSRR Low Drift, Precision, 5V ISL28133, EL8176, ISL28134, ISL28133/233/433, ISL28136/236 Voltage reference buffer circuits Low Cost Op Amps ISL28113/213/413 ISL28114/214/414 ISL28130/230/430 Strain gauge sense amp ⋅ Low power Instrumentation Amplifiers Low Power In-Amps 5V EL8170, EL8172/72, ISL28274 40V Precision, Low Noise In-Amp ISL28617 Bridge front ends ⋅ Low power Voltage References Low Noise References ISL21009, ISL21090 Used as active sources for sensors ⋅ Low noise ⋅ Low power Low Cost References ISL21070, ISL21080, ISL60002 Accurate voltage sources for data conversion Interface RS-232 ISL4221E, ISL3232E RS-485 ISL317XE, ISL315XE Serial communication between the system slave and master ⋅ IEC61000 ESD ⋅ Small packages ⋅ Enhanced VOD (ISL315XE) Switches/ MUXes ISL43741 ISL84052 ISL84582 Sensor signal multiplexing between load cell and signal conditioning amplifier, allows very accurate ADC to be shared between load cells ⋅ Low RON for low signal loss and higher accuracy ⋅ Usually differential connections to keep noise low ⋅ Small size Analog-Digital Converters 24-bit Delta-Sigma ADCs ISL26132, ISL26134 Low-cost counter/trade/commercial/retail scales ⋅ Lowest noise/high accuracy at low cost ⋅ Complete solution ⋅ Easy to use ISL26102, ISL26104 Precision scales, counting scales, trade scales, dynamic weighing, pressure sensing, safety monitors ⋅ Industry-leading low noise up to 4000SPS ⋅ Integrated PGA ensures measurement accuracy ⋅ Cost-effective high-performance solution Load Cell LCD Display/ Printer Interface RS232/485 Amp MCU ADC Mux VREF DC-DC LDO Voltage Supervisors & System Mgt |
Numéro de pièce similaire - ISL28476 |
|
Description similaire - ISL28476 |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |