Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC75890W Fiches technique(PDF) 4 Page - Sanyo Semicon Device

No de pièce LC75890W
Description  1/4duty and Static Drive General-Purpose LCD Display Drivers
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75890W Fiches technique(HTML) 4 Page - Sanyo Semicon Device

  LC75890W Datasheet HTML 1Page - Sanyo Semicon Device LC75890W Datasheet HTML 2Page - Sanyo Semicon Device LC75890W Datasheet HTML 3Page - Sanyo Semicon Device LC75890W Datasheet HTML 4Page - Sanyo Semicon Device LC75890W Datasheet HTML 5Page - Sanyo Semicon Device LC75890W Datasheet HTML 6Page - Sanyo Semicon Device LC75890W Datasheet HTML 7Page - Sanyo Semicon Device LC75890W Datasheet HTML 8Page - Sanyo Semicon Device LC75890W Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
LC75890W, LC75890E
No.A1971-4/32
Electrical Characteristics for the Allowable Operating Ranges
Ratings
Parameter
Symbol
Pin
Conditions
min
typ
max
Unit
Hysteresis
VH
CE, CL, DI, INH
0.1VDD
V
IIH1
CE, CL, DI, INH
VI = 3.6V
1.0
Input high-level current
IIH2
OSCI
VI = VDD: External clock operating mode
1.0
μA
IIL1
CE, CL, DI, INH
VI = 0V
-1.0
Input low-level current
IIL2
OSCI
VI = 0V: External clock operating mode
-1.0
μA
VOH1
S1 to S37 *3
IO = -10μA
VLCD-0.9
VOH2
COM1
to COM4
IO = -100μA
VLCD-0.9
Output high-level voltage
VOH3
P1 to P12 *3
IO = -1mA
VLCD-0.9
V
VOL1
S1 to S37 *3
IO = 10μA
0.9
VOL2
COM1
to COM4
IO = 100μA
0.9
Output low-level voltage
VOL3
P1 to P12 *3
IO =1mA
0.9
V
VMID1
S1 to S37 *3
1/4 duty IO = ±10μA
2/3VLCD
-0.9
2/3VLCD
+0.9
VMID2
S1 to S37 *3
1/4 duty IO = ±10μA
1/3VLCD
-0.9
1/3VLCD
+0.9
VMID3
COM1
to COM4
1/4 duty IO = ±100μA
2/3VLCD
-0.9
2/3VLCD
+0.9
Output middle-level
voltage
VMID4
COM1
to COM4
1/4 duty IO = ±100μA
1/3VLCD
-0.9
1/3VLCD
+0.9
V
Oscillator frequency
fosc
Internal
oscillator circuit
Internal oscillator operating mode
240
300
360
kHz
IDD1
VDD
Power-saving mode
2
IDD2
VDD
VDD = 3.3V, Normal mode,
External clock operating mode *4
5
10
IDD3
VDD
VDD = 3.3V, Normal mode,
External clock operating mode *4
Serial data transfer *5
90
180
IDD4
VDD
VDD = 3.3V, Normal mode,
Internal oscilloator operating mode
50
100
IDD5
VDD
VDD = 3.3V, Normal mode,
Internal oscilloator operating mode,
Serial data transfer *5
135
270
ILCD1
VLCD
Power-saving mode
2
ILCD2
VLCD
VLCD = 3.3V, Output open,
Normal mode, Static drive
8
16
ILCD3
VLCD
VLCD = 3.3V, Output open,
Normal mode, 1/4 duty drive
70
140
ILCD4
VLCD
VLCD = 5.0V, Output open,
Normal mode, Static drive
10
20
Current drain
ILCD5
VLCD
VLCD = 5.0V, Output open,
Normal mode, 1/4 duty drive
90
180
μA
Note : *3 In the case of the LC75890E(QIP44M), the output pins are effective for only S1 to S11, S13 to S23, S25 to
S34, and S37 pins.
*4 External clock operating mode (fCK=38kHz, VIH2=VDD, VIL2=0V, rise/fall time=20ns)
*5 Serial data transfer (data transfer frequency 2MHz, VIH1=VDD, VIL1=0V, rise/fall time=20ns)


Numéro de pièce similaire - LC75890W

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
LC75890W ONSEMI-LC75890W Datasheet
201Kb / 29P
   LCD Display Driver
November, 2013
LC75890W ONSEMI-LC75890W Datasheet
293Kb / 29P
   Duty and Static Drive General-Purpose LCD Driver
July 2017 - Rev. 2
LC75890W-2H ONSEMI-LC75890W-2H Datasheet
293Kb / 29P
   Duty and Static Drive General-Purpose LCD Driver
July 2017 - Rev. 2
LC75890W-NH ONSEMI-LC75890W-NH Datasheet
293Kb / 29P
   Duty and Static Drive General-Purpose LCD Driver
July 2017 - Rev. 2
LC75890W ONSEMI-LC75890W_17 Datasheet
293Kb / 29P
   Duty and Static Drive General-Purpose LCD Driver
July 2017 - Rev. 2
More results

Description similaire - LC75890W

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC75833E-E SANYO-LC75833E-E Datasheet
142Kb / 19P
   1/3 Duty General-Purpose LCD Display Drivers
LC75833E SANYO-LC75833E Datasheet
137Kb / 19P
   1/3 Duty General-Purpose LCD Display Drivers
logo
ON Semiconductor
LC75841PE ONSEMI-LC75841PE Datasheet
257Kb / 19P
   Static Drive, 1/2-Duty Drive General-Purpose LCD Driver
June 2017 - Rev. 1
LC75890W ONSEMI-LC75890W_17 Datasheet
293Kb / 29P
   Duty and Static Drive General-Purpose LCD Driver
July 2017 - Rev. 2
ENA0712 ONSEMI-ENA0712 Datasheet
174Kb / 22P
   1/2-Duty Drive General-Purpose LCD Display Driver
July, 2013
logo
Sanyo Semicon Device
LC75838E SANYO-LC75838E Datasheet
341Kb / 32P
   1/8 to 1/10 Duty General-Purpose LCD Display Drivers
LC75878E SANYO-LC75878E Datasheet
669Kb / 33P
   1/8 to 1/10 Duty General-Purpose LCD Display Drivers
logo
ON Semiconductor
ENA1578 ONSEMI-ENA1578 Datasheet
148Kb / 18P
   Duty Drive General-Purpose LCD Display Driver
July, 2013
logo
Sanyo Semicon Device
LC75834E SANYO-LC75834E Datasheet
344Kb / 18P
   1/4 Duty General-Purpose LCD Drivers
LC75850E SANYO-LC75850E Datasheet
199Kb / 11P
   1/3 Duty General Purpose LCD Drivers???
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com