Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC75890W Fiches technique(PDF) 10 Page - Sanyo Semicon Device

No de pièce LC75890W
Description  1/4duty and Static Drive General-Purpose LCD Display Drivers
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75890W Fiches technique(HTML) 10 Page - Sanyo Semicon Device

Back Button LC75890W Datasheet HTML 6Page - Sanyo Semicon Device LC75890W Datasheet HTML 7Page - Sanyo Semicon Device LC75890W Datasheet HTML 8Page - Sanyo Semicon Device LC75890W Datasheet HTML 9Page - Sanyo Semicon Device LC75890W Datasheet HTML 10Page - Sanyo Semicon Device LC75890W Datasheet HTML 11Page - Sanyo Semicon Device LC75890W Datasheet HTML 12Page - Sanyo Semicon Device LC75890W Datasheet HTML 13Page - Sanyo Semicon Device LC75890W Datasheet HTML 14Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
LC75890W, LC75890E
No.A1971-10/32
Continued from preceding page.
Pin No.
Symbol
LC75890W
(SQFP48)
LC75890E
(QIP44M)
Function
Active
I/O
Handling
when
unused
INH
45
41
Display off control input
• INH = low (VSS) ...Display forced off
S1/P1 to S12/P12=low (VSS)
(These pins are forcibly set to the general-purpose
output port function and held at the VSS level.)
S13 to S36=low (VSS)
COM1 to COM4=low (VSS)
S37/OSCI=low (VSS)
(This pin is forcibly set to the segment output port
function and held at the VSS level.)
LCD drive bias voltage stabilization circuit stopped.
Stops the internal oscillator.
Inhibits external clock input.
• INH = high (VDD) ...Display on
LCD drive bias voltage stabilization circuit is enabled.
Enables the internal oscillator circuit.
(Internal oscillator operating mode)
Enables external clock input.
(External clock operating mode)
However, serial data transfer is possible when the
display is forced off.
L
I
GND
VDD
42
38
Logic block power supply pin. A power voltage of 2.7 to
3.6V must be applied to this pin.
-
-
-
VLCD
43
39
LCD driver block power supply pin. A power voltage of
2.7 to 5.5V must be applied to this pin.
-
-
-
VSS
44
40
Ground pin. Must be connected to ground.
-
-
-


Numéro de pièce similaire - LC75890W

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
LC75890W ONSEMI-LC75890W Datasheet
201Kb / 29P
   LCD Display Driver
November, 2013
LC75890W ONSEMI-LC75890W Datasheet
293Kb / 29P
   Duty and Static Drive General-Purpose LCD Driver
July 2017 - Rev. 2
LC75890W-2H ONSEMI-LC75890W-2H Datasheet
293Kb / 29P
   Duty and Static Drive General-Purpose LCD Driver
July 2017 - Rev. 2
LC75890W-NH ONSEMI-LC75890W-NH Datasheet
293Kb / 29P
   Duty and Static Drive General-Purpose LCD Driver
July 2017 - Rev. 2
LC75890W ONSEMI-LC75890W_17 Datasheet
293Kb / 29P
   Duty and Static Drive General-Purpose LCD Driver
July 2017 - Rev. 2
More results

Description similaire - LC75890W

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC75833E-E SANYO-LC75833E-E Datasheet
142Kb / 19P
   1/3 Duty General-Purpose LCD Display Drivers
LC75833E SANYO-LC75833E Datasheet
137Kb / 19P
   1/3 Duty General-Purpose LCD Display Drivers
logo
ON Semiconductor
LC75841PE ONSEMI-LC75841PE Datasheet
257Kb / 19P
   Static Drive, 1/2-Duty Drive General-Purpose LCD Driver
June 2017 - Rev. 1
LC75890W ONSEMI-LC75890W_17 Datasheet
293Kb / 29P
   Duty and Static Drive General-Purpose LCD Driver
July 2017 - Rev. 2
ENA0712 ONSEMI-ENA0712 Datasheet
174Kb / 22P
   1/2-Duty Drive General-Purpose LCD Display Driver
July, 2013
logo
Sanyo Semicon Device
LC75838E SANYO-LC75838E Datasheet
341Kb / 32P
   1/8 to 1/10 Duty General-Purpose LCD Display Drivers
LC75878E SANYO-LC75878E Datasheet
669Kb / 33P
   1/8 to 1/10 Duty General-Purpose LCD Display Drivers
logo
ON Semiconductor
ENA1578 ONSEMI-ENA1578 Datasheet
148Kb / 18P
   Duty Drive General-Purpose LCD Display Driver
July, 2013
logo
Sanyo Semicon Device
LC75834E SANYO-LC75834E Datasheet
344Kb / 18P
   1/4 Duty General-Purpose LCD Drivers
LC75850E SANYO-LC75850E Datasheet
199Kb / 11P
   1/3 Duty General Purpose LCD Drivers???
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com