Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CXA2596M Fiches technique(PDF) 1 Page - Sony Corporation

No de pièce CXA2596M
Description  RF Amplifier for CD Players
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SONY [Sony Corporation]
Site Internet  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA2596M Fiches technique(HTML) 1 Page - Sony Corporation

  CXA2596M Datasheet HTML 1Page - Sony Corporation CXA2596M Datasheet HTML 2Page - Sony Corporation CXA2596M Datasheet HTML 3Page - Sony Corporation CXA2596M Datasheet HTML 4Page - Sony Corporation CXA2596M Datasheet HTML 5Page - Sony Corporation CXA2596M Datasheet HTML 6Page - Sony Corporation CXA2596M Datasheet HTML 7Page - Sony Corporation CXA2596M Datasheet HTML 8Page - Sony Corporation CXA2596M Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
—1—
E99749-TE
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
Absolute Maximum Ratings (Ta=25 °C)
• Supply voltage
VCC
12
V
• Operating temperature
Topr
–20 to +75
°C
• Storage temperature
Tstg
–65 to +150
°C
• Allowable power dissipation
PD
650
mW
Operating Conditions
Supply voltage
VCC—VEE 4.5 to 5.5
V
Description
The CXA2596M is an IC developed for compact
disc players. This IC incorporates an RF amplifier,
focus error amplifier, tracking error amplifier, APC
circuit and RF level control circuit. (The voltage-
converted optical pickup output is supported.)
Features
• Low power consumption (50 mW at ±2.5 V)
• High-band RF amplifier
• APC circuit
• RF level control circuit (Hold circuit included)
• Both single power supply and dual power supply
operations possible.
• Compatible with pickup for LC and PD
Applications
Compact disc players
Structure
Bipolar silicon monolithic IC
RF Amplifier for CD Players
24 pin SOP (Plastic)
CXA2596M


Numéro de pièce similaire - CXA2596M

FabricantNo de pièceFiches techniqueDescription
logo
Cree, Inc
CXA2590 CREE-CXA2590 Datasheet
1Mb / 16P
   Available in 4-step and 2-step EasyWhite짰 bins at 2700 K
CXA2590-0000-000R00AB35F CREE-CXA2590-0000-000R00AB35F Datasheet
1Mb / 16P
   Available in 4-step and 2-step EasyWhite짰 bins at 2700 K
CXA2590-0000-000R00AB35H CREE-CXA2590-0000-000R00AB35H Datasheet
1Mb / 16P
   Available in 4-step and 2-step EasyWhite짰 bins at 2700 K
CXA2590-0000-000R00AD40F CREE-CXA2590-0000-000R00AD40F Datasheet
1Mb / 16P
   Available in 4-step and 2-step EasyWhite짰 bins at 2700 K
CXA2590-0000-000R00AD40H CREE-CXA2590-0000-000R00AD40H Datasheet
1Mb / 16P
   Available in 4-step and 2-step EasyWhite짰 bins at 2700 K
More results

Description similaire - CXA2596M

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXA2521Q SONY-CXA2521Q Datasheet
742Kb / 17P
   RF Amplifier for CD Players
CXA2550M SONY-CXA2550M Datasheet
214Kb / 15P
   RF Amplifier for CD Players
CXA1791M SONY-CXA1791M Datasheet
245Kb / 12P
   RF AMPLIFIER FOR CD PLAYERS
CXA1821M SONY-CXA1821M Datasheet
220Kb / 13P
   RF Amplifier for CD Players
CXA2568M SONY-CXA2568M Datasheet
262Kb / 17P
   RF Amplifier for CD Players
CXA1782CQ SONY-CXA1782CQ Datasheet
763Kb / 31P
   RF Signal Processing Servo Amplifier for CD players
logo
Rohm
BA6387K ROHM-BA6387K Datasheet
153Kb / 13P
   Preservo amplifier for CD players
logo
Sony Corporation
CXA1982Q SONY-CXA1982Q Datasheet
652Kb / 30P
   RF Signal Processing Servo Amplifier for CD players
logo
Rohm
BA6386K ROHM-BA6386K Datasheet
214Kb / 13P
   Preservo amplifier for CD players
logo
Sony Corporation
CXA2581N SONY-CXA2581N Datasheet
297Kb / 22P
   RF Signal Processor for CD Players
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com