Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CXA2566M Fiches technique(PDF) 4 Page - Sony Corporation

No de pièce CXA2566M
Description  Headphone Stereos
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SONY [Sony Corporation]
Site Internet  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA2566M Fiches technique(HTML) 4 Page - Sony Corporation

  CXA2566M Datasheet HTML 1Page - Sony Corporation CXA2566M Datasheet HTML 2Page - Sony Corporation CXA2566M Datasheet HTML 3Page - Sony Corporation CXA2566M Datasheet HTML 4Page - Sony Corporation CXA2566M Datasheet HTML 5Page - Sony Corporation CXA2566M Datasheet HTML 6Page - Sony Corporation CXA2566M Datasheet HTML 7Page - Sony Corporation CXA2566M Datasheet HTML 8Page - Sony Corporation CXA2566M Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
– 4 –
CXA2566M
Right channel input
Left channel input
12
14
Right
Left
1.2
v
v
12
14
VCC
GND
25k
10k
10k
124
Low pass filter output
13
C
1.2
v
v
VCC
GND
32k
124
32k
13
Pin
No.
Symbol
Equivalent circuit
Description
Pin
Voltage
Ripple filter output
9
10
RF_Out
RF_In
2.2
2.2
v
v v
VCC
GND
368k
32k
124
10
9
100k
124
Voltage reference output
11
Vref
1.2
v
v
v
11
VCC
GND
10k
10k
124


Numéro de pièce similaire - CXA2566M

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXA2560 SONY-CXA2560 Datasheet
310Kb / 19P
   Dolby B Type Noise Reduction System with Playback Equalizer Amplifier
CXA2560Q SONY-CXA2560Q Datasheet
310Kb / 19P
   Dolby B Type Noise Reduction System with Playback Equalizer Amplifier
CXA2561Q SONY-CXA2561Q Datasheet
324Kb / 20P
   Dolby B-C Type Noise Reduction System with Playback Equalizer Amplifier
CXA2568M SONY-CXA2568M Datasheet
262Kb / 17P
   RF Amplifier for CD Players
More results

Description similaire - CXA2566M

FabricantNo de pièceFiches techniqueDescription
logo
Mitsumi Electronics, Co...
MM1376 MITSUMI-MM1376 Datasheet
81Kb / 3P
   IC for Headphone Stereos
logo
ON Semiconductor
LA4537MC-BH ONSEMI-LA4537MC-BH Datasheet
167Kb / 8P
   Power Amplifier for 1.5V Headphone Stereos
May, 2013
logo
Mitsumi Electronics, Co...
LAG668 MITSUMI-LAG668 Datasheet
134Kb / 5P
   IC for Headphone Stereos (bass boost)
logo
Weida Semiconductor, In...
YD7000 WEIDA-YD7000 Datasheet
31Kb / 4P
   POWER AMPLIFIER FOR HEADPHONE STEREOS
logo
Wuxi Youda electronics ...
YD7000 YOUDA-YD7000 Datasheet
92Kb / 4P
   POWER AMPLIFIER FOR HEADPHONE STEREOS
logo
Sanyo Semicon Device
LA4537M SANYO-LA4537M Datasheet
73Kb / 3P
   Power Amplifier for 1.5V Headphone Stereos?
logo
Mitsumi Electronics, Co...
LAG673 MITSUMI-LAG673 Datasheet
112Kb / 4P
   IC for Headphone Stereos Monolithic IC
logo
Sanyo Semicon Device
LA4537MC SANYO-LA4537MC Datasheet
147Kb / 4P
   Power Amplifier For 1.5V Headphone Stereos
logo
Unisonic Technologies
A4533 UTC-A4533_15 Datasheet
168Kb / 4P
   LOW POWER AMPLIFIER FOR HEADPHONE STEREOS
logo
Rohm
BA3840KV ROHM-BA3840KV Datasheet
146Kb / 8P
   Preset graphic equalizer for headphone stereos
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com