Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CXA2542AQ Fiches technique(PDF) 1 Page - Sony Corporation

No de pièce CXA2542AQ
Description  RF Signal Processing Servo Amplifier for CD Player
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SONY [Sony Corporation]
Site Internet  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA2542AQ Fiches technique(HTML) 1 Page - Sony Corporation

  CXA2542AQ Datasheet HTML 1Page - Sony Corporation CXA2542AQ Datasheet HTML 2Page - Sony Corporation CXA2542AQ Datasheet HTML 3Page - Sony Corporation CXA2542AQ Datasheet HTML 4Page - Sony Corporation CXA2542AQ Datasheet HTML 5Page - Sony Corporation CXA2542AQ Datasheet HTML 6Page - Sony Corporation CXA2542AQ Datasheet HTML 7Page - Sony Corporation CXA2542AQ Datasheet HTML 8Page - Sony Corporation CXA2542AQ Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 49 page
background image
Description
The CXA2542AQ is a bipolar IC developed for CD
player RF signal processing and servo control.
Features
• Automatic focus bias adjustment circuit
• Automatic tracking balance and gain adjustment
circuits
• RF level control circuit
• Interruption countermeasure circuit
• Anti-shock circuit
• Defect detection and prevention circuits
• RF I-V amplifier, RF amplifier
• APC circuit
• Focus and tracking error amplifier
• Focus, tracking and sled servo control circuits
• Focus OK circuit
• Mirror detection circuit
• Single power supply and dual power supplies
Applications
CD players
Structure
Bipolar silicon monolithic IC
Absolute Maximum Ratings (Ta = 25°C)
• Supply voltage
VCC
12
V
• Operating temperature
Topr
–20 to +75 °C
• Storage temperature
Tstg
–65 to +150 °C
• Allowable power dissipation
PD
1400
mW
Recommended Operating Conditions
Operating supply voltage VCC – VEE 3.0 to 3.6 V
4.5 to 5.5 V
– 1 –
CXA2542AQ
E97920-PS
RF Signal Processing Servo Amplifier for CD Player
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
48 pin QFP (Plastic)


Numéro de pièce similaire - CXA2542AQ

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXA2542AR SONY-CXA2542AR Datasheet
625Kb / 49P
   RF Signal Processing Servo Amplifier for CD Player
More results

Description similaire - CXA2542AQ

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXA1372BQ SONY-CXA1372BQ Datasheet
710Kb / 32P
   RF Signal Processing Servo Amplifier for CD Player
CXA2542Q SONY-CXA2542Q Datasheet
696Kb / 49P
   RF Signal Processing Servo Amplifier for CD Player
CXA2542AR SONY-CXA2542AR Datasheet
625Kb / 49P
   RF Signal Processing Servo Amplifier for CD Player
CXA1782BQ SONY-CXA1782BQ Datasheet
1Mb / 31P
   RF Signal Processing Servo Amplifier for CD player
CXA1782CQ SONY-CXA1782CQ Datasheet
763Kb / 31P
   RF Signal Processing Servo Amplifier for CD players
CXA1982Q SONY-CXA1982Q Datasheet
652Kb / 30P
   RF Signal Processing Servo Amplifier for CD players
CXA1082BQ SONY-CXA1082BQ Datasheet
753Kb / 33P
   Servo Signal Processor for CD Player
logo
New Japan Radio
NJM2117 NJRC-NJM2117 Datasheet
400Kb / 16P
   RF AMPLIFIER FOR CD PLAYER
logo
Sony Corporation
CXA1992R SONY-CXA1992R Datasheet
890Kb / 49P
   RF Signal Processing Servo Amplifier
CXA1992AR SONY-CXA1992AR Datasheet
714Kb / 49P
   RF Signal Processing Servo Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com