Moteur de recherche de fiches techniques de composants électroniques |
|
ISL54222A Fiches technique(PDF) 2 Page - Intersil Corporation |
|
ISL54222A Fiches technique(HTML) 2 Page - Intersil Corporation |
2 / 44 page Intersil Signal Path Products Providing high-performance solutions for every link in the signal chain. Intersil Signal Path Products are creating a state of the art product portfolio built on the latest technology. We offer a wide portfolio of general purpose analog building blocks targeted at precision signal chain design. + - DCP ADC DAC Signal Sensor Digital Processing Voltage Reference DCP Amp Amp DCP Power Management Amp Interface Timing & Control (RTC) Battery Management AC/ DC OR Integratd FET Regulators Switching Controller LDO Monitor & Sequencer Logic/ SDRAM CPU DSP/ FPGA 2 Intersil Signal Path Products 2012 www.intersil.com Precision Instrumentation Amplifiers (page 37) Large portfolio of low power, instrumentation amps: • Micro-power 5V instrumentation amps down to 60µA • Various options for low to high gain capability • Excellent for low power, sensor modules • Excellent for low power, current sensing or monitoring High Speed Data Converters (page 22) • Comprehensive portfolio: 8-16-Bits, 40-500MSPS High Speed Op Amps (page 30) • Rail-to-rail voltage feedback amplifiers • Current feedback amplifiers • Slew rate enhanced voltage feedback amplifiers • High performance voltage feedback amplifiers • Differential line drivers/receivers • Fixed gain op amps Precision Op Amps (page 32) Portfolio of precision op-amps with all-around great performance: • New ultra low noise, low distortion op amps at 5V and 40V • New 5V and 40V low drift, precision op amps • Excellent balance of power versus performance • Single-supply operation, rail-to-rail input/output Switches / MUXes (page 11) • Up to ±20V • Low RON • Low capacitance • Low charge injection • Over-voltage protected Precision Data Converters (page 26) • 24-Bit ∆∑ • 12-Bit SAR |
Numéro de pièce similaire - ISL54222A |
|
Description similaire - ISL54222A |