Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CXA2108AQ Fiches technique(PDF) 6 Page - Sony Corporation

No de pièce CXA2108AQ
Description  Constant-Current Driver for Full Color LED Display
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SONY [Sony Corporation]
Site Internet  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA2108AQ Fiches technique(HTML) 6 Page - Sony Corporation

Back Button CXA2108AQ Datasheet HTML 2Page - Sony Corporation CXA2108AQ Datasheet HTML 3Page - Sony Corporation CXA2108AQ Datasheet HTML 4Page - Sony Corporation CXA2108AQ Datasheet HTML 5Page - Sony Corporation CXA2108AQ Datasheet HTML 6Page - Sony Corporation CXA2108AQ Datasheet HTML 7Page - Sony Corporation CXA2108AQ Datasheet HTML 8Page - Sony Corporation CXA2108AQ Datasheet HTML 9Page - Sony Corporation CXA2108AQ Datasheet HTML 10Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
– 6 –
CXA2108AQ
DGND
DVCC
19
16
13
20
17
14
52
18
15
READY signal output.
This indicates the drive current data
RAM access enabled period. Access
is enabled while high level is output.
(See the Timing Charts.)
DLDI signal output.
This outputs the DLDI signal
synchronized with CLK.
Write ALL signal output.
One pulse (= high level signal with a
width of 1 clock) is output
synchronized with the rising edge of
the next CLK after the final address∗1
of the currently selected mode is input.
Note that both the final address must
be input and the XCS and XWR input
levels must be low at the rising edge
of this CLK.
(See the Timing Charts for details.)
1 02Fh (Upper/Lower mode)
08Fh (Upper/Lower/RGB mode)
Upper signal output.
This is used as the LED switching signal.
(See the Timing Charts and Application
Circuits for details.)
Test signal output.
This pin is unrelated to the functions of this IC.
Do not connect anything; leave this pin open.
Blue signal output.
This is used as the LED switching signal.
(See the Timing Charts and Application
Circuits for details.)
Red signal output.
This is used as the LED switching signal.
(See the Timing Charts and Application
Circuits for details.)
Green signal output.
This is used as the LED switching signal.
(See the Timing Charts and Application
Circuits for details.)
Thermal Alarm Out signal output.
This pin normally outputs high level, but it
outputs low level when the internal
temperature rises to an abnormally high level.
13
RDY
CMOS
O
14
DLDO
CMOS
O
15
WALL
CMOS
O
16
XUPR
CMOS
O
17
TEST_O
CMOS
O
18
XB
CMOS
O
19
XR
CMOS
O
20
XG
CMOS
O
52
XTAO
CMOS
O
Pin
No.
Symbol
Equivalent circuit
Description
Reference
voltage
level
I/O


Numéro de pièce similaire - CXA2108AQ

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXA2108 SONY-CXA2108 Datasheet
288Kb / 28P
   Constant-Current Driver for Full Color LED Display
CXA2108Q SONY-CXA2108Q Datasheet
288Kb / 28P
   Constant-Current Driver for Full Color LED Display
More results

Description similaire - CXA2108AQ

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXA2108Q SONY-CXA2108Q Datasheet
288Kb / 28P
   Constant-Current Driver for Full Color LED Display
logo
Omron Electronics LLC
W2RV005RM OMRON-W2RV005RM Datasheet
470Kb / 6P
   Most Suitable Constant Current IC for Driving Full Color LED
logo
ShenZhen Jing Handa Ele...
P10-SIO JHD-P10-SIO Datasheet
95Kb / 2P
   Full-color outdoor LED Display
P6-SII JHD-P6-SII Datasheet
100Kb / 2P
   Full-Color Indoor LED Display
P10-SIO JHD-P10-SIO Datasheet
95Kb / 2P
   Full-Color outdoor LED Display
P16-SIO JHD-P16-SIO Datasheet
100Kb / 3P
   Full-Color outdoor LED Display
logo
Texas Instruments
TLC6C5712-Q1 TI1-TLC6C5712-Q1 Datasheet
1Mb / 68P
[Old version datasheet]   12-Channel, Full-Diagnostic, Constant-Current-Sink LED Driver
TLC6C5716-Q1 TI1-TLC6C5716-Q1 Datasheet
627Kb / 49P
[Old version datasheet]   Automotive 16-Channel, Full Diagnostics, Constant-Current LED Driver
logo
Sipex Corporation
SP7618 SIPEX-SP7618 Datasheet
408Kb / 10P
   Constant Current LED Driver
logo
Texas Instruments
TPS61042 TI-TPS61042 Datasheet
552Kb / 20P
[Old version datasheet]   CONSTANT CURRENT LED DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com