Moteur de recherche de fiches techniques de composants électroniques |
|
MC10E016FNR2G Fiches technique(PDF) 7 Page - ON Semiconductor |
|
MC10E016FNR2G Fiches technique(HTML) 7 Page - ON Semiconductor |
7 / 12 page MC10E016, MC100E016 http://onsemi.com 7 APPLICATIONS INFORMATION Cascading Multiple E016 Devices For applications which call for larger than 8−bit counters multiple E016s can be tied together to achieve very wide bit width counters. The active low terminal count (TC) output and count enable input (CE) greatly facilitate the cascading of E016 devices. Two E016s can be cascaded without the need for external gating, however for counters wider than 16 bits external OR gates are necessary for cascade implementations. Figure 3 below pictorially illustrates the cascading of 4 E016s to build a 32−bit high frequency counter. Note the E101 gates used to OR the terminal count outputs of the lower order E016s to control the counting operation of the higher order bits. When the terminal count of the preceding device (or devices) goes low (the counter reaches an all 1s state) the more significant E016 is set in its count mode and will count one binary digit upon the next positive clock transition. In addition, the preceding devices will also count one bit thus sending their terminal count outputs back to a high state disabling the count operation of the more significant counters and placing them back into hold modes. Therefore, for an E016 in the chain to count, all of the lower order terminal count outputs must be in the low state. The bit width of the counter can be increased or decreased by simply adding or subtracting E016 devices from Figure 3 and maintaining the logic pattern illustrated in the same figure. The maximum frequency of operation for the cascaded counter chain is set by the propagation delay of the TC output and the necessary setup time of the CE input and the propagation delay through the OR gate controlling it (for 16−bit counters the limitation is only the TC propagation delay and the CE setup time). Figure 3 shows EL01 gates used to control the count enable inputs, however, if the frequency of operation is lower a slower, ECL OR gate can be used. Using the worst case guarantees for these parameters from the ECLinPS data book, the maximum count frequency for a greater than 16−bit counter is 500 MHz and that for a 16−bit counter is 625 MHz. Note that this assumes the trace delay between the TC outputs and the CE inputs are negligible. If this is not the case estimates of these delays need to be added to the calculations. Figure 3. 32−Bit Cascaded E016 Counter EL01 CLOCK P0 −> P7 TC CLK P0 −> P7 TC CLK EL01 P0 −> P7 TC CLK P0 −> P7 MSB E016 PE CE Q0 −> Q7 Q0 −> Q7 Q0 −> Q7 E016 PE CE Q0 −> Q7 E016 PE CE LSB E016 PE CE LO LOAD TC CLK |
Numéro de pièce similaire - MC10E016FNR2G |