Moteur de recherche de fiches techniques de composants électroniques |
|
SN74ACT7203L25NP Fiches technique(PDF) 5 Page - Texas Instruments |
|
SN74ACT7203L25NP Fiches technique(HTML) 5 Page - Texas Instruments |
5 / 22 page SN74ACT7203L, SN74ACT7204L, SN74ACT7205L, SN74ACT7206L 2048 × 9, 4096 × 9, 8192 × 9, 16384 × 9 ASYNCHRONOUS FIRST IN, FIRST OUT MEMORIES SCAS226A − FEBRUARY 1993 − REVISED SEPTEMBER 1995 5 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251−1443 SN74ACT7206L logic symbol† Q1 10 5 D1 4 D2 Q2 11 3 D3 Q3 12 27 D4 Q4 16 26 D5 Q5 17 25 D6 Q6 18 24 D7 Q7 19 2 D8 Q8 13 1D 6 D0 Q0 9 2,4 CT = 0 (RST) 22 FIFO 16384 × 9 Φ SN74ACT7206L 3 1 G2 (EXPAND) 7 (1ST LOAD) 23 2,4 (REXMIT) 15 G4 (CT = WR PNTR − RD PNTR) 6 (WR PNTR) 6 C1 5 (RD PNTR) 5EN3 8 21 (CT = 0) G5 20 (EXPAND) 2(CT = 16383) G6 4(CT = 16383) G6 RS W XI FL /RT R FF EF XO/HF (CT = 16384) G6 CT > 8192 † This symbol is in accordance with ANSI/IEEE Std 91-1984 and IEC Publication 617-12. Pin numbers shown are for the DV and NP packages. |
Numéro de pièce similaire - SN74ACT7203L25NP |
|
Description similaire - SN74ACT7203L25NP |