Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74ACT2236-40FN Fiches technique(PDF) 10 Page - Texas Instruments

No de pièce SN74ACT2236-40FN
Description  1024x9x2 ASYNCHRONOUS BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ACT2236-40FN Fiches technique(HTML) 10 Page - Texas Instruments

Back Button SN74ACT2236-40FN Datasheet HTML 6Page - Texas Instruments SN74ACT2236-40FN Datasheet HTML 7Page - Texas Instruments SN74ACT2236-40FN Datasheet HTML 8Page - Texas Instruments SN74ACT2236-40FN Datasheet HTML 9Page - Texas Instruments SN74ACT2236-40FN Datasheet HTML 10Page - Texas Instruments SN74ACT2236-40FN Datasheet HTML 11Page - Texas Instruments SN74ACT2236-40FN Datasheet HTML 12Page - Texas Instruments SN74ACT2236-40FN Datasheet HTML 13Page - Texas Instruments SN74ACT2236-40FN Datasheet HTML 14Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
SN74ACT2236
1024 × 9 × 2
ASYNCHRONOUS BIDIRECTIONAL FIRST IN, FIRST OUT MEMORY
SCAS149A − APRIL 1990 − REVISED SEPTEMBER 1995
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
operating characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance per 1K bits
Outputs enabled
CL = 50 pF, f = 5 MHz
71
pF
Cpd
Power dissipation capacitance per 1K bits
Outputs disabled
CL = 50 pF, f = 5 MHz
57
pF
TYPICAL CHARACTERISTICS
PROPAGATION DELAY TIME
vs
LOAD CAPACITANCE
0
50
100
200
250
150
300
typ − 2
CL − Load Capacitance − pF
typ
typ + 2
typ + 4
typ + 6
typ + 8
VCC = 5 V
TA = 25°C
RL = 500 Ω
4.5
4.6
4.7 4.8
4.9
5
5.1 5.2
5.3
5.4
5.5
typ + 2
typ + 1
typ
typ − 1
typ − 2
POWER DISSIPATION CAPACITANCE
vs
SUPPLY VOLTAGE
VCC − Supply Voltage − V
VCC = 5 V
fi = 5 MHz
TA = 25°C
typ − 3
Figure 2
Figure 3
calculating power dissipation
The maximum power dissipation (PT) can be calculated by:
PT = VCC × [ICC + (N × ∆ICC × dc)] + Σ(Cpd × VCC2 × fi) + Σ(CL × VCC2 × fo)
where:
ICC
= power-down ICC maximum
N
= number of inputs driven by a TTL device
∆ICC = increase in supply current
dc
= duty cycle of inputs at a TTL high level of 3.4 V
Cpd
= power dissipation capacitance
CL
= output capacitive load
fi
= data input frequency
fo
= data output frequency


Numéro de pièce similaire - SN74ACT2236-40FN

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74ACT2235 TI-SN74ACT2235 Datasheet
275Kb / 18P
[Old version datasheet]   1024 횞 9 횞 2 ASYNCHRONOUS BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ACT2235-20FN TI-SN74ACT2235-20FN Datasheet
275Kb / 18P
[Old version datasheet]   1024 횞 9 횞 2 ASYNCHRONOUS BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ACT2235-20PAG TI-SN74ACT2235-20PAG Datasheet
275Kb / 18P
[Old version datasheet]   1024 횞 9 횞 2 ASYNCHRONOUS BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ACT2235-20PM TI-SN74ACT2235-20PM Datasheet
275Kb / 18P
[Old version datasheet]   1024 횞 9 횞 2 ASYNCHRONOUS BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ACT2235-30FN TI-SN74ACT2235-30FN Datasheet
275Kb / 18P
[Old version datasheet]   1024 횞 9 횞 2 ASYNCHRONOUS BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
More results

Description similaire - SN74ACT2236-40FN

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74ALS2232A TI1-SN74ALS2232A Datasheet
130Kb / 9P
[Old version datasheet]   ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SN74ALS233B TI1-SN74ALS233B_16 Datasheet
752Kb / 18P
[Old version datasheet]   ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SN74ABT3612 TI1-SN74ABT3612_15 Datasheet
521Kb / 34P
[Old version datasheet]   CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ABT7820-20PN TI-SN74ABT7820-20PN Datasheet
253Kb / 18P
[Old version datasheet]   STROBED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN54ABT7819 TI1-SN54ABT7819_13 Datasheet
315Kb / 22P
[Old version datasheet]   CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ALS236 TI-SN74ALS236 Datasheet
174Kb / 11P
[Old version datasheet]   64 횞 4 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SN74ALS234 TI1-SN74ALS234 Datasheet
206Kb / 11P
[Old version datasheet]   64 X 4 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SN74ACT2235 TI-SN74ACT2235 Datasheet
275Kb / 18P
[Old version datasheet]   1024 횞 9 횞 2 ASYNCHRONOUS BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ALS2238 TI1-SN74ALS2238 Datasheet
178Kb / 11P
[Old version datasheet]   32 X 9 X 2 ASYNCHRONOUS BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ALS235 TI1-SN74ALS235 Datasheet
275Kb / 15P
[Old version datasheet]   64 X 5 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com