Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS8361YDPS7G Fiches technique(PDF) 4 Page - ON Semiconductor

No de pièce CS8361YDPS7G
Description  5.0 V Dual Micropower Low Dropout Regulator with ENABLE and RESET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS8361YDPS7G Fiches technique(HTML) 4 Page - ON Semiconductor

  CS8361YDPS7G Datasheet HTML 1Page - ON Semiconductor CS8361YDPS7G Datasheet HTML 2Page - ON Semiconductor CS8361YDPS7G Datasheet HTML 3Page - ON Semiconductor CS8361YDPS7G Datasheet HTML 4Page - ON Semiconductor CS8361YDPS7G Datasheet HTML 5Page - ON Semiconductor CS8361YDPS7G Datasheet HTML 6Page - ON Semiconductor CS8361YDPS7G Datasheet HTML 7Page - ON Semiconductor CS8361YDPS7G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
CS8361
http://onsemi.com
4
PACKAGE PIN DESCRIPTION
PACKAGE PIN #
D2PAK, 7 Pin
SO−16L
PIN SYMBOL
FUNCTION
1
16
VSTBY
Standby output voltage delivering 100 mA.
2
1
VIN
Input voltage.
3
3
VTRK
Tracking output voltage controlled by ENABLE delivering 250 mA.
4
4, 5, 12, 13
GND
Reference ground connection.
5
6
Adj
Resistor divider from VTRK to Adj. Sets the output voltage on
VTRK. If tied to VTRK, VTRK will track VSTBY.
6
8
ENABLE
Provides on/off control of the tracking output, active LOW.
7
9
RESET
CMOS compatible output lead that goes low whenever VSTBY falls
out of regulation.
2, 7, 10, 11,
14, 15
NC
No connection.
CIRCUIT DESCRIPTION
ENABLE Function
The ENABLE function switches the output transistor for
VTRK on and off. When the ENABLE lead voltage exceeds
1.4 V (Typ), VTRK turns off. This input has several hundred
millivolts of hysteresis to prevent spurious output activity
during power−up or power−down.
RESET Function
The RESET is an open collector NPN transistor,
controlled by a low voltage detection circuit sensing the
VSTBY (5.0 V) output voltage. This circuit guarantees the
RESET output stays below 1.0 V (0.1 V Typ) when VSTBY
is as low as 1.0 V to ensure reliable operation of
microprocessor− based systems.
VTRK Output Voltage
This output uses the same type of output device as VSTBY,
but is rated for 250 mA. The output is configured as a
tracking regulator of the standby output. By using the
standby output as a voltage reference, giving the user an
external programming lead (Adj lead), output voltages from
5.0 V to 20 V are easily realized. The programming is done
with a simple resistor divider (Figure 2), and following the
formula:
VTRK + VSTBY
(1 ) R1 R2) ) IAdj
R1
If another 5.0 V output is needed, simply connect the Adj
lead to the VTRK output lead.
C1*
0.1 mF
GND
CS8361
MCU
B+
VIN
VTRK
Adj
ENABLE
RESET
VSTBY
R3
VDD
C2**
10 mF
ESR < 8.0 W
5.0 V, 100 mA
RESET
I/O
R2
R1
C3**
10 mF
ESR < 8.0 W
SW 8.0 V,
250 mA
GND
VTRK ∼ VSTBY(1 + R1/R2)
For VTRK ∼ 8.0 V, R1/R2 ∼ 0.6
*C1 is required if regulator is located far from power supply filter.
**C2 and C3 are required for stability.
Figure 2. Test and Application Circuit, 5.0 V, 8.0 V Regulator


Numéro de pièce similaire - CS8361YDPS7G

FabricantNo de pièceFiches techniqueDescription
logo
Cherry Semiconductor Co...
CS8361YDPS7 CHERRY-CS8361YDPS7 Datasheet
169Kb / 6P
   5V Dual Micropower Low Dropout Regulator with ENABLE and RESET
More results

Description similaire - CS8361YDPS7G

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
CS8363 ONSEMI-CS8363 Datasheet
69Kb / 8P
   3.3 V Dual Micropower Low Dropout Regulator with ENABLE and RESET
January, 2004 ??Rev. 9
CS8363 ONSEMI-CS8363_05 Datasheet
64Kb / 8P
   3.3 V Dual Micropower Low Dropout Regulator with ENABLE and RESET
March, 2005 ??Rev. 10
CS8101 ONSEMI-CS8101_09 Datasheet
149Kb / 11P
   Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with RESET and ENABLE
September, 2008 ??Rev. 19
CS8101 ONSEMI-CS8101 Datasheet
127Kb / 13P
   Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with RESET and ENABLE
February, 2006 ??Rev. 18
logo
Cherry Semiconductor Co...
CS8361 CHERRY-CS8361 Datasheet
169Kb / 6P
   5V Dual Micropower Low Dropout Regulator with ENABLE and RESET
logo
ON Semiconductor
CS8363 ONSEMI-CS8363_11 Datasheet
148Kb / 8P
   3.3 V Dual Micropower Regulator with ENABLE and RESET
October, 2009 ??Rev. 12
CS8147 ONSEMI-CS8147 Datasheet
85Kb / 12P
   10 V/5.0 V Low Dropout Dual Regulator with ENABLE
January, 2001 ??Rev. 6
CS8161 ONSEMI-CS8161 Datasheet
97Kb / 11P
   12 V, 5.0 V Low Dropout Dual Regulator with ENABLE
June, 2006 ??Rev. 7 1
CS8156 ONSEMI-CS8156 Datasheet
94Kb / 11P
   12 V, 5.0 V Low Dropout Dual Regulator with ENABLE
February, 2006 ??Rev. 8
logo
Cherry Semiconductor Co...
CS8101 CHERRY-CS8101 Datasheet
196Kb / 8P
   Micropower 5V, 100mA Low Dropout Linear Regulator with RESET and ENABLE
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com