Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS8182DTG Fiches technique(PDF) 3 Page - ON Semiconductor

No de pièce CS8182DTG
Description  Micropower 200 mA Low Dropout Tracking Regulator/Line Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS8182DTG Fiches technique(HTML) 3 Page - ON Semiconductor

  CS8182DTG Datasheet HTML 1Page - ON Semiconductor CS8182DTG Datasheet HTML 2Page - ON Semiconductor CS8182DTG Datasheet HTML 3Page - ON Semiconductor CS8182DTG Datasheet HTML 4Page - ON Semiconductor CS8182DTG Datasheet HTML 5Page - ON Semiconductor CS8182DTG Datasheet HTML 6Page - ON Semiconductor CS8182DTG Datasheet HTML 7Page - ON Semiconductor CS8182DTG Datasheet HTML 8Page - ON Semiconductor CS8182DTG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
CS8182
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (VIN = 14 V; VREF/ENABLE > 2.75 V; −40°C < TJ < +125°C; COUT ≥ 10 mF;
0.1 W < COUT−ESR < 1.0 W @ 10 kHz, unless otherwise specified.)
Parameter
Test Conditions
Min
Typ
Max
Unit
Regular Output
VREF − VOUT
VOUT Tracking Error
4.5 V ≤ VIN ≤ 26 V, 100 mA ≤ IOUT ≤ 200 mA, Note 2
VIN = 12 V, IOUT = 30 mA, VREF = 5.0 V, Note 2
−10
−5.0
10
5
mV
mV
Dropout Voltage (VIN − VOUT)
IOUT = 100 mA
IOUT = 30 mA
IOUT = 200 mA
100
350
150
500
600
mV
mV
mV
Line Regulation
4.5 V ≤ VIN ≤ 26 V, Note 2
10
mV
Load Regulation
100 mA ≤ IOUT ≤ 200 mA, Note 2
10
mV
Adj Lead Current
Loop in Regulation
0.2
1.0
mA
Current Limit
VIN = 14 V, VREF = 5.0 V, VOUT = 90% of VREF, Note 2
250
700
mA
Quiescent Current (IIN − IOUT)
VIN = 12 V, IOUT = 200 mA
VIN = 12 V, IOUT = 100 mA
VIN = 12 V, VREF/ENABLE = 0 V
15
75
30
25
150
55
mA
mA
mA
Reverse Current
VOUT = 5.0 V, VIN = 0 V
0.2
1.5
mA
Ripple Rejection
f = 120 Hz, IOUT = 200 mA, 4.5 V ≤ VIN ≤ 26 V
60
dB
Thermal Shutdown
GBD
150
180
210
°C
VREF/ENABLE
Enable Voltage
0.80
2.00
2.75
V
Input Bias Current
VREF/ENABLE
0.2
1.0
mA
2. VOUT connected to Adj lead.


Numéro de pièce similaire - CS8182DTG

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
CS8182DTG ONSEMI-CS8182DTG Datasheet
115Kb / 12P
   Micropower 200 mA Low Dropout Tracking Regulator/Line Driver
June, 2016 ??Rev. 28
More results

Description similaire - CS8182DTG

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
CS8182 ONSEMI-CS8182 Datasheet
109Kb / 12P
   Micropower 200 mA Low Dropout Tracking Regulator/Line Driver
February, 2006 ??Rev. 23
NCV8182C ONSEMI-NCV8182C Datasheet
244Kb / 12P
   Tracking Regulator/Line Driver - Micropower, Low Dropout 200 mA
August, 2020 ??Rev. 1
CS8182 ONSEMI-CS8182_16 Datasheet
115Kb / 12P
   Micropower 200 mA Low Dropout Tracking Regulator/Line Driver
June, 2016 ??Rev. 28
CS8183 ONSEMI-CS8183 Datasheet
88Kb / 8P
   Dual Micropower 200 mA Low Dropout Tracking Regulator/Line Driver
March, 2004 ??Rev. 15
CS8183 ONSEMI-CS8183_09 Datasheet
140Kb / 8P
   Dual Micropower 200 mA Low Dropout Tracking Regulator/Line Driver
October, 2008 ??Rev. 18
NCV8184 ONSEMI-NCV8184_12 Datasheet
419Kb / 20P
   Micropower 70 mA Low Dropout Tracking Regulator/Line Driver
October, 2012 ??Rev. 27
NCV8184 ONSEMI-NCV8184_06 Datasheet
185Kb / 13P
   Micropower 70 mA Low Dropout Tracking Regulator/Line Driver
May, 2006 ??Rev. 18
NCV8184 ONSEMI-NCV8184 Datasheet
143Kb / 14P
   Micropower 70 mA Low Dropout Tracking Regulator/Line Driver
August, 2004 ??Rev. 15
logo
Texas Instruments
LP2987 TI1-LP2987 Datasheet
1Mb / 30P
[Old version datasheet]   Micropower, 200 mA Ultra Low-Dropout Voltage Regulator
logo
Analog Devices
ADP3303 AD-ADP3303_15 Datasheet
271Kb / 16P
   200 mA Low Dropout Linear Regulator
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com