Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS8126.1YDPS7G Fiches technique(PDF) 1 Page - ON Semiconductor

No de pièce CS8126.1YDPS7G
Description  5.0 V, 750 mA Low Dropout Linear Regulator with Delayed RESET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS8126.1YDPS7G Fiches technique(HTML) 1 Page - ON Semiconductor

  CS8126.1YDPS7G Datasheet HTML 1Page - ON Semiconductor CS8126.1YDPS7G Datasheet HTML 2Page - ON Semiconductor CS8126.1YDPS7G Datasheet HTML 3Page - ON Semiconductor CS8126.1YDPS7G Datasheet HTML 4Page - ON Semiconductor CS8126.1YDPS7G Datasheet HTML 5Page - ON Semiconductor CS8126.1YDPS7G Datasheet HTML 6Page - ON Semiconductor CS8126.1YDPS7G Datasheet HTML 7Page - ON Semiconductor CS8126.1YDPS7G Datasheet HTML 8Page - ON Semiconductor CS8126.1YDPS7G Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© Semiconductor Components Industries, LLC, 2009
October, 2009 − Rev. 18
1
Publication Order Number:
CS8126/D
CS8126
5.0 V, 750 mA Low
Dropout Linear Regulator
with Delayed RESET
The CS8126 is a low dropout, high current 5.0 V linear regulator. It
is an improved replacement for the CS8156. Improvements include
higher accuracy, tighter saturation control, better supply rejection, and
enhanced RESET circuitry. Familiar PNP regulator features such as
reverse battery protection, overvoltage shutdown, thermal shutdown,
and current limit make the CS8126 suitable for use in automotive and
battery operated equipment. Additional on−chip filtering has been
included to enhance rejection of high frequency transients on all
external leads.
An active microprocessor RESET function is included on−chip with
externally programmable delay time. During power−up, or after
detection of any error in the regulated output, the RESET lead will
remain in the low state for the duration of the delay. Types of errors
include short circuit, low input voltage, overvoltage shutdown,
thermal shutdown, or others that cause the output to become
unregulated. This function is independent of the input voltage and will
function correctly with an output voltage as low as 1.0 V. Hysteresis is
included in both the reset and Delay comparators for enhanced noise
immunity. A latching discharge circuit is used to discharge the Delay
capacitor, even when triggered by a relatively short fault condition.
This circuit improves upon the commonly used SCR structure by
providing full capacitor discharge (0.2 V type).
Note: The CS8126 is lead compatible with the LM2927 and
LM2926.
Features
Low Dropout Voltage (0.6 V at 0.5 A)
3.0% Output Accuracy
Active RESET
External RESET Delay for Reset
Protection Circuitry
Reverse Battery Protection
+60 V, −50 V Peak Transient Voltage
Short Circuit Protection
Internal Thermal Overload Protection
These are Pb−Free Devices
1
7
D2PAK−7
DPS SUFFIX
CASE 936AB
Pin 1. VIN
2. VOUT
3. VOUT(SENSE)
4. GND
5. Delay
6. RESET
7. NC
MARKING
DIAGRAM
*For additional information on our Pb−Free strategy
and soldering details, please download the
ON Semiconductor Soldering and Mounting
Techniques Reference Manual, SOLDERRM/D.
http://onsemi.com
A
= Assembly Location
W
= Wafer Lot
Y
= Year
WW
= Work Week
G
= Pb−Free Device
CS
8126
AWLYWWG
1
Device
Package
Shipping
ORDERING INFORMATION
CS8126−1YDPSR7G D2PAK−7
(Pb−Free)
750/Tape & Reel
CS8126−1YDPS7G
D2PAK−7
(Pb−Free)
50 Units / Rail
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.


Numéro de pièce similaire - CS8126.1YDPS7G

FabricantNo de pièceFiches techniqueDescription
logo
Cherry Semiconductor Co...
CS8126 CHERRY-CS8126 Datasheet
207Kb / 9P
   5V, 750mA Low Dropout Linear Regulator with Delayed RESET
logo
ON Semiconductor
CS8126 ONSEMI-CS8126 Datasheet
121Kb / 12P
   5.0 V, 750 mA Low Dropout Linear Regulator with Delayed RESET
February, 2006 ??Rev. 16
CS8126 ONSEMI-CS8126 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
CS8126-1YDPS7 ONSEMI-CS8126-1YDPS7 Datasheet
121Kb / 12P
   5.0 V, 750 mA Low Dropout Linear Regulator with Delayed RESET
February, 2006 ??Rev. 16
CS8126-1YDPS7G ONSEMI-CS8126-1YDPS7G Datasheet
121Kb / 12P
   5.0 V, 750 mA Low Dropout Linear Regulator with Delayed RESET
February, 2006 ??Rev. 16
More results

Description similaire - CS8126.1YDPS7G

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
CS8126 ONSEMI-CS8126 Datasheet
121Kb / 12P
   5.0 V, 750 mA Low Dropout Linear Regulator with Delayed RESET
February, 2006 ??Rev. 16
CS8122 ONSEMI-CS8122 Datasheet
100Kb / 10P
   2.0% 5.0 V, 750 mA Low Dropout Linear Regulator with Delayed RESET
June, 2006 ??Rev. 7
CS8129 ONSEMI-CS8129 Datasheet
114Kb / 11P
   5.0 V, 750 mA Low Dropout Linear Regulator with Lower RESET Threshold
June, 2006 ??Rev. 8
logo
National Semiconductor ...
LM2925 NSC-LM2925 Datasheet
223Kb / 8P
   Low Dropout Regulator with Delayed Reset
logo
HTC Korea TAEJIN Techno...
LM2925 HTC-LM2925 Datasheet
228Kb / 8P
   Low Dropout Regulator with Delayed Reset
logo
Cherry Semiconductor Co...
CS8126 CHERRY-CS8126 Datasheet
207Kb / 9P
   5V, 750mA Low Dropout Linear Regulator with Delayed RESET
logo
National Semiconductor ...
LM2826 NSC-LM2826 Datasheet
319Kb / 9P
   Low Dropout Regulator with Delayed Reset
LM2926 NSC-LM2926 Datasheet
404Kb / 10P
   Low Dropout Regulator with Delayed Reset
logo
ON Semiconductor
CS8101 ONSEMI-CS8101_09 Datasheet
149Kb / 11P
   Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with RESET and ENABLE
September, 2008 ??Rev. 19
CS8101 ONSEMI-CS8101 Datasheet
127Kb / 13P
   Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with RESET and ENABLE
February, 2006 ??Rev. 18
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com