Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CXA1998AQ Fiches technique(PDF) 4 Page - Sony Corporation

No de pièce CXA1998AQ
Description  Recording/Playback Equalizer Amplifier
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SONY [Sony Corporation]
Site Internet  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1998AQ Fiches technique(HTML) 4 Page - Sony Corporation

  CXA1998AQ Datasheet HTML 1Page - Sony Corporation CXA1998AQ Datasheet HTML 2Page - Sony Corporation CXA1998AQ Datasheet HTML 3Page - Sony Corporation CXA1998AQ Datasheet HTML 4Page - Sony Corporation CXA1998AQ Datasheet HTML 5Page - Sony Corporation CXA1998AQ Datasheet HTML 6Page - Sony Corporation CXA1998AQ Datasheet HTML 7Page - Sony Corporation CXA1998AQ Datasheet HTML 8Page - Sony Corporation CXA1998AQ Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
– 4 –
CXA1998AQ
5
32
AGC IN1
AGC IN2
4.0V
I
AGC signal input.
Input resistance
changes between
50k
Ω and 100kΩ.
AGC functions when
the signal of –30dBm
or more is input to
AGC for AGC ON.
(External 47µF//300k
for Pin 4)
50k
6
31
REC IN1
REC IN2
4.0V
I
Recording equalizer
input.
50k
7
30
AGC OUT1
AGC OUT2
4.0V
O
AGC output.
147
8
29
REC OUT1
REC OUT2
4.0V
O
Recording equalizer
output.
147
VCC
147
40k
500
× 10
VCC
GND
GND
× 3
500
× 2
5p
8
29
VCC
147
18752
500
× 4
VCC
GND
VGS
GND
× 2
500
7
30
107423
9945
VGS
VCC
147
50k
VCC
GND
VGS
23186
1759
VGS
GND
6
31
VCC
147
10k
40k
× 4
VCC
GND
VGS
5
32
Pin
No.
Symbol
DC
voltage
I/O
Equivalent circuit
Description
I/O
resistance


Numéro de pièce similaire - CXA1998AQ

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXA1998 SONY-CXA1998 Datasheet
488Kb / 28P
   Recording/Playback Equalizer Amplifier
CXA1998BQ SONY-CXA1998BQ Datasheet
488Kb / 28P
   Recording/Playback Equalizer Amplifier
More results

Description similaire - CXA1998AQ

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXA1898Q SONY-CXA1898Q Datasheet
660Kb / 26P
   Recording/Playback Equalizer Amplifier
CXA1998BQ SONY-CXA1998BQ Datasheet
488Kb / 28P
   Recording/Playback Equalizer Amplifier
CXA1498S SONY-CXA1498S Datasheet
378Kb / 13P
   Recording/Playback Equalizer Amplifier for Stereo Tape Recorder
logo
Rohm
BA5102A ROHM-BA5102A Datasheet
99Kb / 2P
   Switchless Recording/Playback Amplifier
logo
Sony Corporation
CXA2002R SONY-CXA2002R Datasheet
421Kb / 25P
   2-channel Recording/Playback Amplifier
logo
Sanyo Semicon Device
LA7270 SANYO-LA7270 Datasheet
256Kb / 6P
   VHS VTR Playback Head Amplifier Recording Amplifier
logo
Sony Corporation
CXA1878Q SONY-CXA1878Q Datasheet
1Mb / 36P
   Dolby B-C Type Noise Reduction System with Recording/Playback Equalizer Amplifier
logo
Aplus Intergrated Circu...
APR6008 APLUS-APR6008 Datasheet
2Mb / 23P
   Voice Recording & Playback Device Voice Recording & Playback Device
logo
Sanyo Semicon Device
LA70020 SANYO-LA70020 Datasheet
173Kb / 13P
   Recording/Playback Amplifier for VHS VCRs
logo
Panasonic Semiconductor
AN3371SB PANASONIC-AN3371SB Datasheet
74Kb / 7P
   2-head recording/playback amplifier IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com