Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CXA1994AM Fiches technique(PDF) 7 Page - Sony Corporation

No de pièce CXA1994AM
Description  M-ary FSK Demodulating Comparator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SONY [Sony Corporation]
Site Internet  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1994AM Fiches technique(HTML) 7 Page - Sony Corporation

  CXA1994AM Datasheet HTML 1Page - Sony Corporation CXA1994AM Datasheet HTML 2Page - Sony Corporation CXA1994AM Datasheet HTML 3Page - Sony Corporation CXA1994AM Datasheet HTML 4Page - Sony Corporation CXA1994AM Datasheet HTML 5Page - Sony Corporation CXA1994AM Datasheet HTML 6Page - Sony Corporation CXA1994AM Datasheet HTML 7Page - Sony Corporation CXA1994AM Datasheet HTML 8Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
– 7 –
CXA1994AM/BM
Example of Representative Characteristics
Threshold level temperature characteristics
Temperature [°C]
Threshold level change
L
H threshold level
H
L threshold level
H
L threshold level
L
H threshold level
Resistance between Pins 1 and 2 [k
Ω]
50
–50
0
–40
–30
–20
–10
40
30
20
10
VCC = 1.4V
40
30
10
20
VCC = 1.4V
–80
–60
–40
–20
0
40
20
60
80
–20
0
40
20
60
80
H
L threshold level
L
H threshold level
L
H threshold level
H
L threshold level


Numéro de pièce similaire - CXA1994AM

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXA1991 SONY-CXA1991 Datasheet
245Kb / 12P
   FM Pager/FM Multiplex Tuner
CXA1991N SONY-CXA1991N Datasheet
245Kb / 12P
   FM Pager/FM Multiplex Tuner
CXA1992 SONY-CXA1992 Datasheet
714Kb / 49P
   RF Signal Processing Servo Amplifier
CXA1992AR SONY-CXA1992AR Datasheet
714Kb / 49P
   RF Signal Processing Servo Amplifier
CXA1992BR SONY-CXA1992BR Datasheet
718Kb / 49P
   RF Signal Processing Servo Amplifier
More results

Description similaire - CXA1994AM

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXA3117AN SONY-CXA3117AN Datasheet
394Kb / 30P
   IF Amplifier for M-ary FSK Pagers
CXA1999N SONY-CXA1999N Datasheet
303Kb / 19P
   IF Amplifier for M-ary FSK Pagers
CXA3117N SONY-CXA3117N Datasheet
397Kb / 30P
   IF Amplifier for M-ary FSK Pagers
CXA3099N SONY-CXA3099N Datasheet
261Kb / 15P
   IF Amplifier for M-ary FSK Pagers
CXA3107N SONY-CXA3107N Datasheet
276Kb / 18P
   IF Amplifier for M-ary FSK Pagers
CXA3179N SONY-CXA3179N Datasheet
374Kb / 27P
   IF Amplifier for M-ary FSK Pagers (AFC Supported)
logo
Analog Devices
AD641 AD-AD641 Datasheet
256Kb / 16P
   250 MHz Demodulating Logarithmic Amplifier
REV. C
AD641 AD-AD641_15 Datasheet
260Kb / 16P
   250 MHz Demodulating Logarithmic Amplifier
REV. C
AD641 AD-AD641_16 Datasheet
320Kb / 17P
   250 MHz Demodulating Logarithmic Amplifier
logo
Filtronic Compound Semi...
ST-135 FILTRONIC-ST-135 Datasheet
104Kb / 1P
   Software Radio Demodulator for demodulating diverse signals
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com