Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74ABT5400DWR Fiches technique(PDF) 5 Page - Texas Instruments

No de pièce SN74ABT5400DWR
Description  11-BIT LINE/MEMORY DRIVERS WITH 3-STATE OUTPUTS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ABT5400DWR Fiches technique(HTML) 5 Page - Texas Instruments

  SN74ABT5400DWR Datasheet HTML 1Page - Texas Instruments SN74ABT5400DWR Datasheet HTML 2Page - Texas Instruments SN74ABT5400DWR Datasheet HTML 3Page - Texas Instruments SN74ABT5400DWR Datasheet HTML 4Page - Texas Instruments SN74ABT5400DWR Datasheet HTML 5Page - Texas Instruments SN74ABT5400DWR Datasheet HTML 6Page - Texas Instruments SN74ABT5400DWR Datasheet HTML 7Page - Texas Instruments SN74ABT5400DWR Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
SN54ABT5400, SN74ABT5400
11BIT LINE/MEMORY DRIVERS
WITH 3STATE OUTPUTS
SCBS094B − DECEMBER 1991 − JULY 1994
6−5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
PARAMETER MEASUREMENT INFORMATION
1.5 V
th
tsu
From Output
Under Test
CL = 50 pF
(see Note A)
LOAD CIRCUIT FOR OUTPUTS
S1
7 V
Open
GND
500
500
Data Input
Timing Input
1.5 V
3 V
0 V
1.5 V
1.5 V
3 V
0 V
3 V
0 V
1.5 V
1.5 V
tw
Input
VOLTAGE WAVEFORMS
SETUP AND HOLD TIMES
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
INVERTING AND NONINVERTING OUTPUTS
VOLTAGE WAVEFORMS
PULSE DURATION
tPLH
tPHL
tPHL
tPLH
VOH
VOH
VOL
VOL
1.5 V
1.5 V
3 V
0 V
1.5 V
1.5 V
Input
(see Note B)
1.5 V
Output
Control
Output
Waveform 1
S1 at 7 V
(see Note C)
Output
Waveform 2
S1 at Open
(see Note C)
VOL
VOH
tPZL
tPZH
tPLZ
tPHZ
1.5 V
1.5 V
3.5 V
0 V
1.5 V
VOL + 0.3 V
1.5 V
VOH − 0.3 V
[ 0 V
3 V
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES
LOW- AND HIGH-LEVEL ENABLING
Output
Output
tPLH/tPHL
tPLZ/tPZL
tPHZ/tPZH
Open
7 V
Open
TEST
S1
Output
Control
NOTES: A. CL includes probe and jig capacitance.
B. All input pulses are supplied by generators having the following characteristics: PRR
≤ 10 MHz, ZO = 50 Ω, tr ≤ 2.5 ns, tf ≤ 2.5 ns.
C. Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control.
D. The outputs are measured one at a time with one transition per measurement.
Figure 1. Load Circuit and Voltage Waveforms


Numéro de pièce similaire - SN74ABT5400DWR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74ABT5400A TI-SN74ABT5400A Datasheet
105Kb / 6P
[Old version datasheet]   11-BIT LINE/MEMORY DRIVERS WITH 3-STATE OUTPUTS
SN74ABT5400ADW TI-SN74ABT5400ADW Datasheet
105Kb / 6P
[Old version datasheet]   11-BIT LINE/MEMORY DRIVERS WITH 3-STATE OUTPUTS
More results

Description similaire - SN74ABT5400DWR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN54ABT5401 TI-SN54ABT5401 Datasheet
106Kb / 6P
[Old version datasheet]   11-BIT LINE/MEMORY DRIVERS WITH 3-STATE OUTPUTS
SN54ABT5400A TI-SN54ABT5400A Datasheet
105Kb / 6P
[Old version datasheet]   11-BIT LINE/MEMORY DRIVERS WITH 3-STATE OUTPUTS
SN54ABT5403 TI-SN54ABT5403 Datasheet
106Kb / 6P
[Old version datasheet]   12-BIT LINE/MEMORY DRIVERS WITH 3-STATE OUTPUTS
SN54ABT5402A TI1-SN54ABT5402A_14 Datasheet
530Kb / 12P
[Old version datasheet]   12-BIT LINE/MEMORY DRIVERS WITH 3-STATE OUTPUTS
SN54ABT5402A TI-SN54ABT5402A Datasheet
105Kb / 6P
[Old version datasheet]   12-BIT LINE/MEMORY DRIVERS WITH 3-STATE OUTPUTS
SN74ABT5402 TI1-SN74ABT5402 Datasheet
251Kb / 11P
[Old version datasheet]   12-BIT LINE/MEMORY DRIVERS WITH 3-STATE OUTPUTS
SN54ABT5403 TI1-SN54ABT5403_09 Datasheet
304Kb / 9P
[Old version datasheet]   12-BIT LINE/MEMORY DRIVERS WITH 3-STATE OUTPUTS
SN74BCT2410 TI1-SN74BCT2410 Datasheet
96Kb / 6P
[Old version datasheet]   11-BIT MOS MEMORY DRIVER WITH 3-STATE OUTPUTS
SN54ABTR2245 TI1-SN54ABTR2245_13 Datasheet
672Kb / 10P
[Old version datasheet]   OCTAL TRANSCEIVERS AND LINE/MEMORY DRIVERS WITH 3-STATE OUTPUTS
SN54ABTR2245 TI-SN54ABTR2245 Datasheet
129Kb / 8P
[Old version datasheet]   OCTAL TRANSCEIVERS AND LINE/MEMORY DRIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com