Moteur de recherche de fiches techniques de composants électroniques |
|
SN74ABT541B-Q1 Fiches technique(PDF) 2 Page - Texas Instruments |
|
|
SN74ABT541B-Q1 Fiches technique(HTML) 2 Page - Texas Instruments |
2 / 7 page SN74ABT541B-Q1 OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS SCBS762A − JUNE 2003 − REVISED JANUARY 2008 2 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 logic symbol† 2 A1 3 A2 4 A3 5 A4 6 A5 7 A6 8 A7 9 A8 Y1 18 Y2 17 Y3 16 Y4 15 Y5 14 Y6 13 Y7 12 Y8 11 1 19 OE1 OE2 EN & 1 † This symbol is in accordance with ANSI/IEEE Std 91-1984 and IEC Publication 617-12. logic diagram (positive logic) OE1 OE2 To Seven Other Channels A1 Y1 1 19 218 absolute maximum ratings over operating free-air temperature range (unless otherwise noted)‡ Supply voltage range, VCC −0.5 V to 7 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Input voltage range, VI (see Note 1) −0.5 V to 7 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Voltage range applied to any output in the high or power-off state, VO −0.5 V to 5.5 V . . . . . . . . . . . . . . . . . . . . Current into any output in the low state, IO 128 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Input clamp current, IIK (VI < 0) −18 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Output clamp current, IOK (VO < 0) −50 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Package thermal impedance, θJA (see Note 2) 128 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Storage temperature range, Tstg −65 °C to 150°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ‡ Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. NOTES: 1. The input and output negative-voltage ratings may be exceeded if the input and output clamp-current ratings are observed. 2. The package thermal impedance is calculated in accordance with JESD 51, except for through-hole packages, which use a trace length of zero. recommended operating conditions (see Note 3) MIN MAX UNIT VCC Supply voltage 4.5 5.5 V VIH High-level input voltage 2 V VIL Low-level input voltage 0.8 V IOH High-level output current −32 mA IOL Low-level output current 64 mA TA Operating free-air temperature −40 85 °C NOTE 3: All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report, Implications of Slow or Floating CMOS Inputs, literature number SCBA004. |
Numéro de pièce similaire - SN74ABT541B-Q1 |
|
Description similaire - SN74ABT541B-Q1 |