Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CXA1946AQ Fiches technique(PDF) 1 Page - Sony Corporation

No de pièce CXA1946AQ
Description  Electronic Volume
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SONY [Sony Corporation]
Site Internet  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1946AQ Fiches technique(HTML) 1 Page - Sony Corporation

  CXA1946AQ Datasheet HTML 1Page - Sony Corporation CXA1946AQ Datasheet HTML 2Page - Sony Corporation CXA1946AQ Datasheet HTML 3Page - Sony Corporation CXA1946AQ Datasheet HTML 4Page - Sony Corporation CXA1946AQ Datasheet HTML 5Page - Sony Corporation CXA1946AQ Datasheet HTML 6Page - Sony Corporation CXA1946AQ Datasheet HTML 7Page - Sony Corporation CXA1946AQ Datasheet HTML 8Page - Sony Corporation CXA1946AQ Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Description
The CXA1946AQ/AR is a serial control electronic
volume IC designed for use in audio systems.
Features
• Loudness
• Volume control (0dB to –87dB in 1dB step, –
∞dB)
• Balance
• Tone control (15 steps, 2 bands, –16dB to +16dB)
• Fader
(2dB-step to –20dB, –25dB, –35dB, –45dB, –60dB, –
∞dB)
• Input selector (4 channels)
• Gain can be set for each input channel (common for channels 3 and 4)
• Serial data control (DATA, CLK, CE)
• Single 8V power supply
• Zero-cross detection circuit (with timer)
• Power-off mute
• Volume control and tone control input/output pins are separate.
Absolute Maximum Ratings
• Supply voltage
VCC
13
V
• Operating temperature
Topr
–40 to +85
°C
• Storage temperature
Tstg
–65 to +150
°C
• Allowable power dissipation
PD
QFP
350
mW (Ta = 85°C)
LQFP
180
mW (Ta = 85°C)
Operating Conditions
Supply voltage
VCC
6 to 12
V
– 1 –
CXA1946AQ/AR
E95602D7Y
Electronic Volume
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
48 pin QFP (Plastic)
48 pin LQFP (Plastic)
For the availability of this product, please contact the sales office.


Numéro de pièce similaire - CXA1946AQ

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXA1946 SONY-CXA1946 Datasheet
365Kb / 23P
   Electronic Volume
CXA1946 SONY-CXA1946 Datasheet
419Kb / 23P
   Electronic Volume
CXA1946BQ SONY-CXA1946BQ Datasheet
365Kb / 23P
   Electronic Volume
CXA1946BR SONY-CXA1946BR Datasheet
365Kb / 23P
   Electronic Volume
CXA1946CR SONY-CXA1946CR Datasheet
419Kb / 23P
   Electronic Volume
More results

Description similaire - CXA1946AQ

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXA1646Q SONY-CXA1646Q Datasheet
273Kb / 21P
   Electronic Volume
logo
Silan Microelectronics ...
SC9235 SILAN-SC9235 Datasheet
139Kb / 9P
   ELECTRONIC VOLUME
logo
Sony Corporation
CXA1211M SONY-CXA1211M Datasheet
121Kb / 10P
   Electronic Volume
CXA1946CR SONY-CXA1946CR Datasheet
419Kb / 23P
   Electronic Volume
logo
Toshiba Semiconductor
TC9153 TOSHIBA-TC9153 Datasheet
1Mb / 16P
   electronic volume
logo
Sony Corporation
CXA2506Q SONY-CXA2506Q Datasheet
250Kb / 19P
   Electronic Volume
logo
Toshiba Semiconductor
TC9235P TOSHIBA-TC9235P Datasheet
342Kb / 10P
   ELECTRONIC VOLUME
logo
Sony Corporation
CXA1746Q SONY-CXA1746Q Datasheet
254Kb / 19P
   Electronic Volume
logo
Toshiba Semiconductor
TC9260P TOSHIBA-TC9260P Datasheet
350Kb / 10P
   ELECTRONIC VOLUME
logo
Sony Corporation
CXA1946BQ SONY-CXA1946BQ Datasheet
365Kb / 23P
   Electronic Volume
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com