Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CXA1940N Fiches technique(PDF) 5 Page - Sony Corporation

No de pièce CXA1940N
Description  4ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SONY [Sony Corporation]
Site Internet  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1940N Fiches technique(HTML) 5 Page - Sony Corporation

  CXA1940N Datasheet HTML 1Page - Sony Corporation CXA1940N Datasheet HTML 2Page - Sony Corporation CXA1940N Datasheet HTML 3Page - Sony Corporation CXA1940N Datasheet HTML 4Page - Sony Corporation CXA1940N Datasheet HTML 5Page - Sony Corporation CXA1940N Datasheet HTML 6Page - Sony Corporation CXA1940N Datasheet HTML 7Page - Sony Corporation CXA1940N Datasheet HTML 8Page - Sony Corporation CXA1940N Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
—5—
CXA1940N
Sym-
SW Conditions
bol
No.
Item
Measurement conditions Min.
Typ. Max. Unit
1-1
1-2
1-3
2-1
2-2
2-3
2-4
3-1
3-2
4
5
6
7
8
Current consump-
tion for Read
Current consump-
tion for Write
Current consump-
tion for Power save
Digital input “Low”
input voltage
Digital input “High”
input voltage
Digital input “Low”
input current
Digital input “High”
input current
Write unsafe output
saturation voltage
Write unsafe output
leak current
Supply power
ON/OFF detector
threshold voltage
Write current setting
range
Write current
tolerance
Read amplifier
differential voltage
gain
Frequency
band width (–3dB)
IR
IW
IP
VIL
VIH
IIL
IIH
VWUS
IWUS
VTH
IW
∆Iw
AV
BW
Test point : I4
Test point : I4
Test point : I4
Digital input :
Pins 12, 14, 15, 19, 20
“High” applied voltage : 5V
“Low” applied voltage : 0V
Test point :
I3, I5, I6, I7, I8
Output current : 1mA
Test point : V1
Test point : I2
When VCC is lowered
from 5V in Write mode
and IW does not flow
anymore, VCC voltage is
set to VTHOFF. When
VCC is raised from 3V
and IW starts to flow, VCC
voltage is set to VTHON.
Input voltage SG1 :
1mVp-p, 300kHz
Load resistance (RDX,
RDY) : 1k
Test point : V4 [Vp-p]
Frequency at which AV
lowers by 3dB
AV=
V4
SG1
12
19
26
mA
17
26
35
+IW
+IW
+IW
0.6
1.1
1.5
mA
0.8
V
2.0
V
–20
µA
70
µA
0.5
V
20
µA
3.6
3.9
4.3
V
520
-8
8
%
245
290
335 V/V
30
MHz
mA
ba aaa baa aa b a
ba aaa baa aa a a
ba aaa baa aa b b
aa aaa aaa aa a a
aa aaa bab ba b b
ba aab c a a a a a a
ba aae c a a a a a a
ba aaa baa aa a a
ba aaa baa aa a a
ba aaa baa aa a a
ba aa c baa ab b a
ba aa c baa ab b a
1 2 3 4 5 6 7 8 9 101112
Electrical Characteristics
(Unless otherwise specified, VCC=5V, Ta=25°C, Write current IW=20mA)
mAo-p


Numéro de pièce similaire - CXA1940N

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXA1946 SONY-CXA1946 Datasheet
367Kb / 24P
   Electronic Volume
CXA1946 SONY-CXA1946 Datasheet
365Kb / 23P
   Electronic Volume
CXA1946 SONY-CXA1946 Datasheet
419Kb / 23P
   Electronic Volume
CXA1946AQ SONY-CXA1946AQ Datasheet
367Kb / 24P
   Electronic Volume
CXA1946AR SONY-CXA1946AR Datasheet
367Kb / 24P
   Electronic Volume
More results

Description similaire - CXA1940N

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXA3092N SONY-CXA3092N Datasheet
192Kb / 18P
   4ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
CXA3510N SONY-CXA3510N Datasheet
205Kb / 18P
   4ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
CXA3170AN SONY-CXA3170AN Datasheet
232Kb / 18P
   6ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
CXA3090N SONY-CXA3090N Datasheet
223Kb / 17P
   6ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
CXA3188N SONY-CXA3188N Datasheet
209Kb / 16P
   2ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
CXA3171N SONY-CXA3171N Datasheet
230Kb / 18P
   4ch. Read/Write Amplifier for three terminal MIG Head of Hard Disk Drive
CXA1829N SONY-CXA1829N Datasheet
264Kb / 15P
   8ch. Read/Write Amplifier for Thin Film Heads of Hard Disk Drive
CXA3541N SONY-CXA3541N Datasheet
190Kb / 17P
   2-channel Read/Write Amplifier for GMR-Ind Head Hard Disk Drive
logo
Hitachi Semiconductor
HA166024FP HITACHI-HA166024FP Datasheet
150Kb / 6P
   Read/Write IC for Hard Disk Drive
logo
Sony Corporation
CXA3238TN SONY-CXA3238TN Datasheet
333Kb / 27P
   6/4-channel Read/Write Amplifier for GMR-Ind Head Hard Disk Drive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com